Part Number Hot Search : 
SP13TR FZT688B SP13TR 2SK2987 45L20 LM321 HD74HC76 NCE9926
Product Description
Full Text Search
 

To Download SKM300GA12E4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SKM300GA12E4
Absolute Maximum Ratings Symbol
IGBT VCES IC ICnom ICRM ICRM = 3xICnom VCC = 800 V VGE 15 V VCES 1200 V VGES tpsc Tj Inverse diode IF
SKM300GA12E4
Conditions
Values
1200
Unit
V A A A A V s C A A A A A C A C V
Tj = 175 C
Tc = 25 C Tc = 80 C
422 324 300 900 -20 ... 20
SEMITRANS(R)4
IGBT4 Modules
Tj = 150 C
10 -40 ... 175
Tj = 175 C
Tc = 25 C Tc = 80 C
353 264 300 900 1548 -40 ... 175 500 -40 ... 125
IFnom
Features
* IGBT4 = 4. Generation (Trench)IGBT * VCEsat with positive temperature coefficient * High short circuit capability, self limiting to 6 x ICNOM * Soft switching 4. Generation CAL diode (CAL4)
IFRM IFSM Tj Module It(RMS) Tstg Visol
IFRM = 3xIFnom tp = 10 ms, sin 180, Tj = 25 C
AC sinus 50Hz, t = 1 min
4000
Typical Applications
* AC inverter drives * UPS * Electronic welders at fsw up to 20 kHz
Characteristics Symbol
IGBT VCE(sat) VCE0 rCE VGE(th) ICES Cies Coes Cres QG RGint td(on) tr Eon td(off) tf Eoff Rth(j-c) IC = 300 A VGE = 15 V chiplevel Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VGE = 15 V Tj = 25 C Tj = 150 C 5 Tj = 25 C Tj = 150 C f = 1 MHz f = 1 MHz f = 1 MHz 17.6 1.16 0.94 1700 2.5 Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C Tj = 150 C 220 51 23.4 515 105 35 0.11 1.85 2.25 0.8 0.7 3.5 5.2 5.8 0.1 2.1 2.45 0.9 0.8 4.0 5.5 6.5 0.3 V V V V m m V mA mA nF nF nF nC ns ns mJ ns ns mJ K/W
Conditions
min.
typ.
max.
Unit
Remarks
* Case temperature limited to Tc = 125C max, recomm. Top = -40 ... +150C, product rel. results valid for Tj = 150
VGE=VCE, IC = 12 mA VGE = 0 V VCE = 1200 V VCE = 25 V VGE = 0 V VGE = - 8 V...+ 15 V Tj = 25 C VCC = 600 V IC = 300 A VGE = 15 V RG on = 1.4 RG off = 1.5 di/dton = 6100 A/s di/dtoff = 3000 A/s per IGBT
GA (c) by SEMIKRON Rev. 0 - 19.02.2009 1
SKM300GA12E4
Characteristics Symbol Conditions
Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C rF Tj = 25 C Tj = 150 C IF = 300 A Tj = 150 C di/dtoff = 7300 A/s T = 150 C j VGE = 15 V Tj = 150 C VCC = 600 V per diode
min.
typ.
2.17 2.11 1.3 0.9 2.9 4.0 345 54 22.2
max.
2.49 2.42 1.5 1.1 3.3 4.4
Unit
V V V V m m A C mJ
Inverse diode VF = VEC IF = 300 A VGE = 0 V chip VF0
SEMITRANS(R)4
IGBT4 Modules
SKM300GA12E4
IRRM Qrr Err Rth(j-c) Module LCE RCC'+EE'
0.17 15 20
K/W nH m m
Features
* IGBT4 = 4. Generation (Trench)IGBT * VCEsat with positive temperature coefficient * High short circuit capability, self limiting to 6 x ICNOM * Soft switching 4. Generation CAL diode (CAL4) Rth(c-s) Ms Mt w
terminal-chip per module to heat sink M6
TC = 25 C TC = 125 C 3 to terminals M6, M4 2.5
0.18 0.22 0.02 0.038 5 5 330
K/W Nm Nm Nm g
Typical Applications
* AC inverter drives * UPS * Electronic welders at fsw up to 20 kHz
Remarks
* Case temperature limited to Tc = 125C max, recomm. Top = -40 ... +150C, product rel. results valid for Tj = 150
GA 2 Rev. 0 - 19.02.2009 (c) by SEMIKRON
SKM300GA12E4
Fig. 1: Typ. output characteristic, inclusive RCC'+ EE'
Fig. 2: Rated current vs. temperature IC = f (TC)
Fig. 3: Typ. turn-on /-off energy = f (IC)
Fig. 4: Typ. turn-on /-off energy = f (RG)
Fig. 5: Typ. transfer characteristic
Fig. 6: Typ. gate charge characteristic
(c) by SEMIKRON
Rev. 0 - 19.02.2009
3
SKM300GA12E4
Fig. 7: Typ. switching times vs. IC
Fig. 8: Typ. switching times vs. gate resistor RG
Fig. 9: Transient thermal impedance
Fig. 10: CAL diode forward characteristic
Fig. 11: CAL diode peak reverse recovery current
Fig. 12: Typ. CAL diode peak reverse recovery charge
4
Rev. 0 - 19.02.2009
(c) by SEMIKRON
SKM300GA12E4
Semitrans 4
GA
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX. This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability.
(c) by SEMIKRON
Rev. 0 - 19.02.2009
5


▲Up To Search▲   

 
Price & Availability of SKM300GA12E4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X