Part Number Hot Search : 
D1128 SDB154L A5800935 EPM65 IRLML MTZJ30B S4101 331ME
Product Description
Full Text Search
 

To Download SG73S2BTTD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG73
resistors
c L c W Solder Plating t d Protective Coating Resistive Inner Film Electrode Ni Plating Ceramic Substrate
surge current thick film chip resistor
EU
features * RuO2 thick film resistor element * Anti-leaching nickel barrier terminations * Meets or exceeds EIA 575, EIAJ RC 2690A,
EIA PDP-100, MIL-R-55342F
* Superior to RK73B/RK73H series in surge dielectric
withstanding voltage
* Marking: White three-digit on wine red protective coat,
SG73P: White three-digit, SG73S: black three-digit on green protective coating * Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
dimensions and construction
Type
(Inch Size Code)
L
Dimensions inches (mm) W c d
t
SG731J,SG73P1J .063.008 SG73S1J (1.60.2)
(0603) SG732A (0805)
.031.004 .012.004 .012.004 .018.004 (0.80.1) (0.30.1) (0.30.1) (0.450.1) .016.008 (0.40.2) .012 (0.3
+.008 -.004 +0.2 ) -0.1
SG73P2A, SG73S2A (0805) SG732B (1206) SG73P2B, SG73S2B (1206) SG732E (1210) SG73P2E, SG73S2E (1210) SG732H (2010)
.079.008 .049.004 (2.00.2) (1.250.1)
.012 (0.3
+.008 -.004 +0.2 ) -0.1
.02.004 (0.50.1)
.063.008 (1.60.2) .126.008 (3.20.2) .102.008 (2.60.2)
.02.012 (0.50.3) .016 (0.4
+.008 -.004 +0.2 ) -0.1
Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -20 -55
.02.012 (0.50.3) .016 (0.4
+.008 -.004 +0.2 ) -0.1
.016 (0.4
+.008 -.004 +0.2 ) -0.1
.024.004 (0.60.1)
0
20
40
60
80 100 120 140
70 Ambient Temperature (C)
160 155
SG73W2H (2010) SG733A (2512) SG73W3A (2512)
.197.008 .098.008 (5.00.2) (2.50.2) .02.012 (0.50.3) .248.008 .122.008 (6.30.2) (3.10.2)
.026.006 (0.650.15) .016 (0.4
+.008 -.004 +0.2 ) -0.1
ordering information
New Part # SG73 Type
SG73 SG73P SG73S
.026.006 (0.650.15) 102 Nominal Resistance
0.5%, 1%: 3 significant figures + 1 multiplier "R" indicates decimal on value <100 2%, 5%, 10%, 20%: 2 significant figures + 1 multiplier "R" indicates decimal on value <10
2B Size
1J 2A 2B 2E 2H 3A W2H W3A
T Termination Material
T: Sn (Other termination styles may be available, please contact factory for options)
TD Packaging
TP: 0603, 0805: 7" 2mm pitch punch paper TD: 0603, 0805, 1206, 1210: 7" 2mm pitch punched paper TDD: 0603, 0805, 1206, 1210: 10" paper tape TE: 0805, 1206, 1210, 2010 & 2512: 7" punched plastic TED: 0805, 1206, 1210, 2010 & 2512: 10" punched plastic For further information on packaging, please refer to Appendix A
K Tolerance
D: 0.5% F: 1% G: 2% J: 5% K: 10% M: 20%
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
24
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
SG73
surge current thick film chip resistor applications and ratings
Part Designation SG731J (0603) SG732A (0805) SG732B (1206) SG732E (1210) SG732H/W2H (2010) SG733A/W3A (2512)
SG73P1J, SG73S1J (0603) SG73S2A, SG73P2A (0805) SG73S2B, SG73P2B (1206) SG73S2E, SG73P2E (1210) resistors
Power Rating @ 70C 1/16W (.1W) 1/8W (.125W) 1/4W (.25W) 1/3W (.33W) 3/4W (.75W) 1W 1/8W (.125W) 1/4W (.25W) 1/3W (.33W) 1/2W (.5W)
T.C.R. (ppm/C) Max. 200 400 200 400 200 400 200 400 200 400 200 400 200 200 200 200
Resistance Range (E-24) (D0.5%) -- -- -- -- -- -- 10 - 1M 10 - 1M 10 - 1M 10 - 1M (E-24) (F1%) -- -- -- -- -- -- 1 - 1M 1 - 1M 1 - 1M 1 - 1M (E-24) (G2%,J5%) -- -- -- -- -- -- 1 - 10M 1 - 10M 1 - 10M 1 - 10M
Absolute Maximum (E-12) Working (K10%,M20%) Voltage 10 - 1M 50V 1 - 8.2 10 - 1M 150V 1 - 8.2 10 - 1M 1 - 8.2 10 - 1M 1 - 8.2 200V 10 - 1M 1 - 8.2 10 - 1M 1 - 8.2 -- -- -- 200V -- 50V 150V
Absolute Operating Maximum Temp. Overload Range Voltage 100V 200V
400V
-55C to +155C
100V 200V
400V
* Parenthesis indicate EIA package size codes.
environmental applications Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 85C High Temperature Exposure Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 2% 1% 0.5% 3% 3% 1% 0.5% 0.75% 0.3% 0.75% 0.75% 0.3% Test Method 25C +25C/-55C and +25C/+125C Rated Voltage x 2.5 for 5 seconds 260C 5C, 10 seconds 1 second -55C (30 minutes), +125C (30 minutes), 100 cycles 40C 2C, 90%~95%RH, 1000 hours; 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle +155C, 1000 hours
Additional environmental applications can also be found at www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/16/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
25


▲Up To Search▲   

 
Price & Availability of SG73S2BTTD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X