Part Number Hot Search : 
2SC28 2SC3365 ELECT AX3015B FAN3224 E1300 MINISM CSC3420
Product Description
Full Text Search
 

To Download SE4110S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SE4110S
GPS Receiver IC
Applications
High sensitivity / low power GPS and A-GPS applications Portable navigation devices, mobile phones and GPS peripheral devices Telematics equipment
Product Description
The SE4110S is a highly integrated GPS receiver offering high performance and low power operation in a wide range of low-cost applications. It is particularly well suited to cellphone and high sensitivity L1-band GPS / A-GPS systems. The SE4110S includes an on-chip LNA, a low IF receiver with a linear AGC and 2-bit analogue-to-digital converter (ADC). The receiver incorporates a fully integrated image reject mixer so no SAW filter is required in many applications. There is also an on-chip IF filter. The SE4110S supports a wide range of reference frequencies addressing both traditional GPS systems and emerging mobile phone applications. The synthesizer is highly integrated requiring only two passive components to implement an off-chip loop filter. The SE4110S is optimized for the lowest possible power consumption consistent with the very low external component count. The SE4110S incorporates current controlled lowspurious output buffers which may optionally be run from a separate external supply to interface to low voltage systems. The buffers supply sufficient current to drive most baseband devices directly.
Features
Single-conversion L1-band GPS radio with integrated IF filter Integrated LNA; 1.6 dB typ. noise figure Low RF system noise figure; 2.25 dB typ. Low 10 mA operating current with 2.7-3.3 V supply; 8 mA with internal LNA disabled Standby current <10 A Fully Integrated PLL, compatible with 13, 16.368, 19.5 and 26MHz reference frequencies 2-bit SIGN & MAG Digital IF output Integrated VCO and resonator I/O supply range extends down to 1.7 V 2.2 x 2.2 x 0.3 mm, 46 pad, 250um pitch, SnAg solder bump, RoHS-compliant package
Ordering Information
Part No. SE4110S-R Package 46-Pad Chip-Scale Package Remark Shipped in Tape & Reel
Functional Block Diagram
Optional filter
LNA_OUT
MIX_IN
VAGC
IF Filter
AGC Controller -45
AGC_DIS
Buffer LNA
~ ~ ~
I Q
MAG ADC SIGN
+45
LNA_IN
Clock select Quadrature /2 VCO Feedback Divider
CLK_OUT FREF2 FREF1
SE4110
~
Phase/Frequency Detector Reference Divider
Chip control
FREF0 RX_EN OSC_EN
~
VTUNE
PLL Loop Filter
Reference Oscillator / Buffer
RVI
XTAL1
XTAL2
DST-00065
Rev 5.3 May 25-2009
1 of 2
SE4110S
GPS Receiver IC
http://www.sige.com Email: sales@sige.com
Customer Service Locations:
North America: 1050 Morrison Drive, Suite 100 Ottawa ON K2H 8K7 Canada Phone: +1 613 820 9244 Fax: +1 613 820 4933
Hong Kong Phone: +852 3428 7222 Fax: +852 3579 5450 San Diego Phone: +1 858 668 3541 (ext. 226) Fax: +1 858 668 3546 United Kingdom Phone: +44 1279 464217 Fax: +44 1279 464201
Product Preview The datasheet contains information from the product concept specification. SiGe Semiconductor, Inc. reserves the right to change information at any time without notification. Preliminary Information The datasheet contains information from the design target specification. SiGe Semiconductor, Inc. reserves the right to change information at any time without notification. Production testing may not include testing of all parameters. Information furnished is believed to be accurate and reliable and is provided on an "as is" basis. SiGe Semiconductor, Inc. assumes no responsibility or liability for the direct or indirect consequences of use of such information nor for any infringement of patents or other rights of third parties, which may result from its use. No license or indemnity is granted by implication or otherwise under any patent or other intellectual property rights of SiGe Semiconductor, Inc. or third parties. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SiGe Semiconductor, Inc. products are NOT authorized for use in implantation or life support applications or systems without express written approval from SiGe Semiconductor, Inc.
Copyright 2009 SiGe Semiconductor, Inc. All Rights Reserved
DST-00065
Rev 5.3 May 25-2009
2 of 2


▲Up To Search▲   

 
Price & Availability of SE4110S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X