Part Number Hot Search : 
AD790SQ IR3084A 21020 D217ERU 1N6002B T74LS133 PHAP3301 CSNE121
Product Description
Full Text Search
 

To Download SDR1183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SDR1183
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Thru
SDR1190
35 Amp 50-600 Volt 5 sec STANDARD RECOVERY RECTIFIER Features:
* * * * * * * * * *
Low Reverse Leakage Current Single Chip Construction PIV to 600V Hermetically Sealed Low Thermal Resistance Higher Voltage Devices Up to 1400V Available* Fast and Ultra Fast Recovery Versions Available* For Reverse Polarity Add Suffix "R" Replacement for 1N1183, 1N1184, 1N1185, 1N1186, 1N1187, 1N1188, 1N1189, and 1N1190 TX, TXV, and S-Level Screening Available 2/
Part Number/Ordering Information 1/ SDR11 __ __
Designer's Data Sheet
Screening 2/ __ = Not Screened TX = TX Level TXV = TXV Level S = S Level Pin Configuration __ = Normal (Cathode to Stud) (See Table 1) R = Reverse (Anode to Stud) Family/Voltage 83 = 50V 84 = 100V 85 = 150V 86 = 200V 87 = 300V 88 = 400V 89 = 500V 90 = 600V
*Contact Factory
Maximum Ratings
SDR1183 SDR1184 SDR1185 SDR1186 SDR1187 SDR1188 SDR1189 SDR1190
Symbol
Value
50 100 150 200 300 400 500 600 35 500 -65 to +150 1.0 DO-5:
Units
Peak Repetitive Reverse and DC Blocking Voltage
VRRM VRWM VR
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TA = 25 C) Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 C) Operating & Storage Temperature Maximum Total Thermal Resistance Junction to Case
Io IFSM TOP & TSTG RJC
Amps Amps C C/W
Notes: 1/ For ordering information, price, operating curves, and availability- contact factory. 2/ Screening based on MIL-PRF-19500. Screening flows available on request.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00005B
DOC
SDR1183
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
Thru
SDR1190
Symbol
VF VF IR IR tRR CJ
Electrical Characteristics
Instantaneous Forward Voltage Drop (IF = 35 Adc, TA = 25 C, 300s pulse) Instantaneous Forward Voltage Drop (IF = 35 Adc, TA = -55 C, 300s pulse) Reverse Leakage Current (Rated VR, TA = 25 C, 300s pulse minimum) Reverse Leakage Current (Rated VR, TA = 100 C, 300s pulse minimum) Reverse Recovery Time (IF = 500 mA, IR = 1 Amp, IRR = 250 mA, TA = 25 C) Junction Capacitance (VR = 10VDC, TA = 25C, f = 1MHz) Table 1- PIN ASSIGNMENT Code __ R Configuration Normal Reverse Terminal Anode Cathode
Max
1.4
Units
VDC VDC A mA sec pF
1.6 20 2 5 250
Stud Cathode Anode
DO-5 Outline (Normal Pin Configuration Shown):
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00005B
DOC


▲Up To Search▲   

 
Price & Availability of SDR1183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X