Part Number Hot Search : 
AJ32G3 XDUG14A4 M6001 HCT259 SUR3080 NTE52 12K32 BZX85C75
Product Description
Full Text Search
 

To Download SCD32H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZOWIE
SCD32H THRU SCD310H
FEATURES
* * * * * * * Halogen - free type Lead free product , compliance to RoHs Lead less chip form , no lead damage Lead-free solder joint , no wire bond & lead frame Low power loss , High efficiency High current capability , low VF Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Schottky Barrier Diode
(20V~100V / 3.0A)
OUTLINE DIMENSIONS Case : SCD-2010
4.5 0.1 2.20 0.1
Unit : mm
0.05
0 0.5
0.95 0.2
0.95 0.2
APPLICATION
* * * * * Switching mode power supply applications Portable equipment battery applications High frequency rectification DC / DC Converter Telecommunication
+ 0.2 0.96 - 0.1 JEDEC : SMA DO-214AC
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled Terminals : Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026. Polarity : Laser Cathode band marking Weight : 0.02 gram
MARKING
Cathode mark Series code
SCD 3.
Amps class Voltage class Halogen - free type
PACKING
* 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton
Absolute Maximum Ratings (Ta = 25 C)
Rating ITEM
Repetitive peak reverse voltage Average forward current Peak forward surge current Operating junction temperature Range Storage temperature Range
o
Symbol
VRRM IF(AV) IFSM Tj TSTG
o
Conditions
SCD32H 20
SCD34H 40
SCD36H 60
SCD310H 100
Unit
V A A
3.0 8.3ms single half sine-wave 80
-55 to +125
-55 to +150
-55 to +150
o o
C C
Electrical characteristics (Ta = 25 C)
ITEM Symbol Conditions
IF = 1.0A IF = 3.0A IF = 1.0A IF = 3.0A IF = 1.0A IF = 3.0A Repetitive peak reverse current Junction capacitance Thermal resistance IRRM Cj Rth(JA) Rth(JL)
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle. (2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
Type
SCD32H / SCD34H SCD36H
Min.
-
Typ.
0.37 0.46 0.42 0.58 0.58 0.75 0.02 120 55 17
Max.
0.50 0.70 0.85 0.20 -
Unit
V
Forward voltage (NOTE 1)
VF
V
SCD310H
V
VR = Max. VRRM , Ta = 25 oC VR = 4V, f = 1.0 MHz Junction to ambient (NOTE 2) Junction to lead (NOTE 2)
mA pF
o o
C/W C/W
REV. 0
2007/12
ZOWIE
SCD32H THRU SCD310H
(20V~100V / 3.0A)
FIG.1 - FORWARD CURRENT DERATING CURVE 3.0 PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2X0.2"(5.0X5.0mm) COPPER PAD AREAS
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 80 70 60 50 40 30 20 10 0
8.3ms Single Half Sine-Wave (JEDEC Method)
2.0
SCD36H & SCD310H
SCD32H & SCD34H
1.0
0 0 50 70 90 110 130
o
150
170
1
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
1.00
TJ=100 C
o
1.0
0.10
0.10
0.01
0.01
TJ=25 C
o
Ta=25 C
o
SCD32H~34H SCD36H SCD310H
0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
.001 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FORWARD VOLTAGE, (V)
FIG.5 - TYPICAL JUNCTION CAPACITANCE 400 JUNCTION CAPACITANCE, pF
TJ = 25 C f=1.0MHz Vsig=50mVP-P
o
100
10 .1 1.0 10 100 REVERSE VOLTAGE, VOLTS
REV. 0
2007/12


▲Up To Search▲   

 
Price & Availability of SCD32H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X