Part Number Hot Search : 
LR013 ULN2809 DA726 120N6 U20C60A KTC3790S IRF830B 05000
Product Description
Full Text Search
 

To Download RPC16103F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT
Small in size and light in weight Electrical stability and high reliability Excellent mechanical strength and high frequency characteristics Reduction of assembly costs and matching with auto placement machines Hybrid thick and thin integrated circuits Telecommunication equipment Computers
SURFACE MOUNT CHIP RESISTOR RPC
OUTLINE DRAWING
L T T
CONSTRUCTION
Protective Coating Output Termination Layer: Solder
W
Middle Termination Layer: Sn Inner Termination Layer: Sn High Purity Alumina Substrate Resistive Element (Ru0 )
2
H
t
t
H
Range RPC04 RPC16 RPC12 RPC25 RPC33 RPC50 RPC100
Size Code 0402 0603 0805 1206 1210 2010 2512
Length L (mm) 1.00 0.10 1.60 0.10 2.00 0.10 3.10 0.10 3.10 0.10 5.00 0.10 6.35 0.10
Width W (mm) 0.50 0.05 0.80 0.10 1.25 0.10 1.60 0.10 2.60 0.15 2.50 0.15 3.20 0.15
Height H (mm) 0.35 0.05 0.45 0.1 0.50 0.1 0.55 0.1 0.55 0.1 0.55 0.1 0.55 0.1
Terminal T (mm) 0.20 0.10 0.30 0.20 0.40 0.20 0.50 0.25 0.50 0.25 0.60 0.25 0.60 0.25
Terminal t (mm) 0.25 0.10 0.30 0.20 0.40 0.20 0.50 0.25 0.5 0.20 0.5 0.20 0.5 0.20
ORDERING INFORMATION RPC
Range
25
Size 04=0402 16 = 0603 12 = 0805 25 = 1206 33 = 1210 50 = 2010 100 = 2512
103
Value
J
Tolerance F = 1% J = 5%
Remark: E96 is only available for 1%
137
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SECTION 4
SURFACE MOUNT
SURFACE MOUNT CHIP RESISTOR RPC
POWER RATING
Size Code 0402 0402 0603 0603 0805 0805 1206 1206 1210 2010 2010 2010 2512 2512 Power Rating 1/16w 1/16w 1/10w 1/10w 1/8w 1/8w 1/4w 1/4w 1/2w 1/2w 3/4w 3/4w 1w 1w Max Working Voltage 50v 50v 50v 50v 150v 150v 200v 200v 200v 200v 200v 200v 200v 200v Max Overload Voltage 100v 100v 100v 100v 300v 300v 400v 400v 500v 500v 500v 500v 500v 500v F(1%) E-96 1R - < 10R 10R-10M 1R - < 10R 10R-10M 1R - < 10R 10R-10M 1R - < 10R 10R-10M 1R - < 10R 10R-10M 1R - < 10R 10R-10M 1R - < 10R 10R-10M Resistance Range/PPM PPM/C J(5%) E-24 200 1R - < 10R 100 10R-10M 200 1R - < 10R 10M-22M 100 10R-10M 200 1R - < 10R 10M-22M 100 10R-10M 200 1R - < 10R 10M-22M 100 10R-10M 200 1R - < 10R 10M-22M 100 10R-10M 200 1R - < 10R 10M-22M 100 10R-10M 200 1R - < 10R 10M-22M 100 10R-10M PPM/C 200 100 200 100 200 100 200 100 200 100 200 100 200 100
SECTION 4
* Low value resistors available between 0.01 - 1 in 1% & 5% TCR = 200ppm/C to 600ppm/C
138
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT
SURFACE MOUNT CHIP RESISTOR RPC
OTHER SPECIFICATIONS & TEST METHODS
PERFORMANCE TEST Temperaturecoefficient ThermalShock LowTemperatureOperation ShortTimeOverload InsulationResistance DielectricWithstandVoltage ResistancetoSolderingHeat MoistureResistance Life ResistancetoSolderingHeat BendingStrength TEST METHOD MIL-STD-202F,Method304 -55Cto+125C MIL-STD-202F,Method107 5Cycles,-55Cto+125C(StepbyStep2min) MIL-R-55342D,Para.4.7.4 OneHourat-65CFollowedby45minRCWV MIL-R-55342D,Para.4.7.5 2.5TimesRCWVfor5Seconds MIL-STD-202F,Method302 RCOVfor1minute MIL-STD-202F,Method301 R.M.Sfor1minute MIL-STD-202F,Method210C SolderedtoTestBoardat260Cfor10Seconds MIL-STD-202F,Method160F 42Cycles.Total1000Hours MIL-STD-202F,Method108A 1000Hoursat70CRCWVIntermittent MIL-STD-202F,Method210C 260C,for5Seconds JIS-C-5202,Para.6.1.4,UnitMountedinCentreof90mmBoardLength Deflected5mm(powerchip2mm)inEitherDirectionfor5Seconds 1% TOL. byType (0.5%+0.05) (0.5%+0.05) (1%+0.05) 10000M byType (0.5%+0.05) (0.5%+0.05) (1%+0.05) 95%min.coverage (1%+0.05) 5% TOL. byType (1%+0.05) (1%+0.05) (2%+0.05) 10000M byType (1%+0.05) (2%+0.05) (3%+0.05) 95%min.coverage (1%+0.05)

For taping and packaging specification please see the RTF range.
139
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SECTION 4


▲Up To Search▲   

 
Price & Availability of RPC16103F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X