Part Number Hot Search : 
SST39 MT8962 KIA7245P 33TQCN SST503 XXXWX 14D781K 800000
Product Description
Full Text Search
 

To Download RF-7800M-AD250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 assuredcommunications(R)
RF-7800M-AD250
AN/PRC-117G DUAL CHANNEL ADAPTER PLATE FOR AN/VRC-103 (AM-7588) 50-WATT MULTIBAND VEHICULAR AMPLIFIER ADAPTER (VAA) A multi-channel upgrade for existing 50-watt vehicular installations
The RF-7800M-AD250 Dual Channel Adapter Plate interfaces up to two JTEL-certified Software Communications Architecture (SCA) AN/PRC-117G(V)1(C) radios to an AM-7588 power amplifier (PA). The adapter allows existing installations of the AN/VRC-103 to update to dual channel JTRS-level multiband and wideband vehicular capabilities, while maintaining the legacy capabilities of traditional multiband vehicular radio systems. The adapter also allows AN/PRC-117G transceivers to support the same field-proven capabilities as the AN/VRC-103, including SINCGARS and Havequick I/II ECCM, with full-circuit protection, DC filtering, VHF/Low FM (30-90 MHz) and UHF (225-400 MHz) collocation filters, and SATCOM Low Noise Amplifier (LNA) along with wideband communications from 225 to 2000 MHz. With two channels, the adapter offers communications flexibility for a variety of missions. The first channel provides DC input power and up to 50 watts output power in the 30 to 512 MHz narrowband range, and up to 20 watts output power in the 225 to 2000 MHz wideband range. The second channel provides DC input power with up to 10 watts in the 30 to 512 MHz range, 20 watts in the SATCOM band, and 20 watts in the 225 to 2000 MHz wideband range. The adapter includes a locking mechanism, RF cables and shock mount upgrade. AM-7588 accessories can be used with the adapter, including, Tactical Speakers, and X-Wing SATCOMon-the-Move (SOTM), VHF/UHF Multiband Vehicular Whip and VHF/UHF GPS Multiband Vehicular Whip Antennas.
Specifications for the RF-7800M-AD250
Power output
Channel 1 VHF UHF SATCOM Wideband 50 watts 50 watts 50 watts 20 watts Channel 2 10 watts 10 watts 10513-0810 20 watts 20 watts RF-3183-AT013 or RF-390-AT001 RF-3183-AT015 or RF-390-AT005
The adapter plate supports single and dual channel operation, allowing existing AM-7588 installations to upgrade to the JTEL- certified Software Communications Architecture (SCA) of the AN/PRC-117G(V)1(C). This upgrade provides JTRS-level multiband and wideband vehicular capabilities while maintaining the legacy capabilities of traditional vehicular radio systems.
Accessories
RF-3184-AT320 RF-3186-AT320 225-450 MHz Wideband Vehicular Antenna 512-2000 MHz Wideband Vehicular Antenna Coaxial Cable, Type N to Type N 30-512 MHz Broadband Vehicular Antenna with Diplexer 30-512 MHz Broadband Vehicular Antenna Coaxial Cable BNC to BNC Coaxial Cable TNC to BNC SATCOM X-Wing Vehicular Antenna Coaxial Cable, BNC to Type N L1/L2 Active GPS, Vehicular Antenna with Cable Tactical Amplifier/Speaker Speaker to 4-pin MIL power connector Speaker Audio Cable
10369-7212 (RG-213) 12011-0120 (RG400) 12006-9001-01 10369-7211 (RG-213) or 10513-0811 (LMR 400DB) RF-3071-AT230 RF-5980-SA001 10535-0706-A009 10535-0707-A009
The dual channel configuration combines the advanced features of the AN/PRC-117G(V)1(C) with the proven performance of the AM-7588 to provide legacy multiband capabilities, secure line-of-sight (LOS) wideband networking, and global beyond-lineof-sight (BLOS) connectivity.
assuredcommunications(R)
RF Communications | 1680 University Avenue | Rochester, NY USA 14610 www.harris.com 585-244-5830
Specifications subject to change without notice. Copyright (c) 2009 Harris Corporation 02/09 DS-444A


▲Up To Search▲   

 
Price & Availability of RF-7800M-AD250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X