Part Number Hot Search : 
MICROS SF12LG 103SE SMCJ7 1N4082 LV5217GP 7N80C3 MB10S
Product Description
Full Text Search
 

To Download PV7F2Y0NSG-201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PV7 Series
Illuminated
Water Protection
Heavy Duty
Front Panel Mount
FEATURES:
* Vandal and Water Resistant * Long Life Expectancy
SPECIFICATIONS:
RATING: 2A 48VDC ILLUMINATION BASE RATING: Red, Yellow, and Orange: 20mA 1.8V Blue, Green, and White: 20mA 2.8V TEMPERATURE: -20C to 70C CONTACT RESISTANCE: 50m Max. INSULATION RESISTANCE: 1,000MMin. DIELECTRIC STRENGTH: 2,000VAC MECHANICAL LIFE: 1,000,000 Cycles ELECTRICAL LIFE: 50,000 Cycles
MATERIALS:
BUTTON: Stainless Steel Nickel Plated Brass BODY: Stainless Steel Nickel Plated Brass BASE: PBT
ANTI-VANDAL
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
PV7F2Y0SS-311
EXAMPLE PART NUMBERS:
Series Actuator Options Terminal Function Rating Body Finish Actuator Finish Contact Material Lens Syle Lens Color Illumination Voltage
PV7F2T0SS-344 1P Off-On/1P On-Off
Flat Actuator, Blue Ring Illumination, 12V
PV7F2Y0SS
Flat Actuator
PV7 F - Flat 2 - Solder 2 Pole: 0 - 2A 48VDC N - Nickel Y - 1P Off-(On) / 1P On-(Off) S - Stainless T - 1P Off-On / 1P On-Off Steel N - Nickel None - Silver 2 - Dot 0 - White S - Stainless G - Gold 3 - Ring 1 - Red Steel 2 - Orange 3 - Green 4 - Blue 5 - Yellow 1 - Base Voltage 3 - 6V 4 - 12V 5 - 24V 6 - 125V 7 - 250V
1P Off-(On)/1P On-(Off)
PV7F2Y0SS-241 1P Off-(On)/1P On-(Off)
Flat Actuator, Blue Dot Illumination, 2.8V
Notes: Additional material, illumination and marking options are available. Please ask your sales person.
PV7F2Y0SS-313 1P Off-(On)/1P On-(Off)
Flat Actuator, Red Ring Illumination, 6V
LAMB INDUSTRIES
PV7F2Y0SS-351 1P Off-(On)/1P On-(Off)
For Illuminated Switches Only
Flat Actuator, Yellow Ring Illumination, 1.8V
Ph: 503-297-8878 * Fax: 503-297-8879
41
P.O. Box 25110 * Portland, OR 97298 USA * www.lambind.com


▲Up To Search▲   

 
Price & Availability of PV7F2Y0NSG-201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X