Part Number Hot Search : 
DTA114EK AD7450BR AT754A HCPL0930 TS414 201VX AN79M10 MV5374C
Product Description
Full Text Search
 

To Download PS-DA0201-170-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-AC INVERTER UNIT
PS-DA0201-170-B(S) (10 W DUAL OUTPUTS)
DESCRIPTION : This low profile DC to AC Inverter is developed for dual lamps. Optimized for Sharp: LQ150X1LG71_TL_LD-19251C 20070220 LQ150X1LG81_TL_LD-19356A 20070319 APPLICABLE LCD: 6.4 to 15 inches double lamp type Lamp Voltage 675 Vrms Lamp Current 2 x 6.5 mArms Lamp Start Up Voltage 1.680 Vrms (Vin : 12 Vdc) FEATURES : Remote ON/OFF Open Lamp Detection RoHS compliant (S) TEMPERATURE & HUMIDITY : Operating Temperature Range Storage Temperature Range Humidity DIMENSIONS : LxWxH (PRELIMINARY INFORMATION)
0C ~ +60C -40C ~ +85C 95 %RH max
160 x 25 x 12 mm
Pin 1
Pin 1
Pin 1
Unit : mm Weight :24,2 (g) typ.
Pin 1
Note: Please use plastic screw in case of a non-insulating mounting base!
Components No. 1 2 3 Part Description PCB Connector CN1 Connector CN2 + CN3 Qty. 1 1 2 Material UL94V-0 (FR-4 or CEM-3) S5B-PH-K SM02(8.0)B-BHS-1-TB
Output side CN2:
Note t=1m m JST or equal JST or equal
Input side CN1: Pin No. CN 1-1 CN 1-2 CN 1-3 CN 1-4 CN 1-5 Symbols Vin GND Vrm t Vbr N.C. Ratings 10.8 ~ 13.2 Vdc 0 ~ 0.4 = OFF / 2.5 ~ Vin = ON 0 ~ 2.5 Vdc -
Pin No. CN 2-1 CN 2-2 Pin No. CN 3-1 CN 3-2
Symbols Vhigh Vlow
Ratings 675 Vrm s (6.5 m Arm s ) (GND)
Output side CN3: Symbols Vhigh Vlow Ratings 675 Vrm s (6.5 m Arm s ) (GND)
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (1)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0.2; 7th July 2008
All specifications are subject to change without notice.
DC-AC INVERTER UNIT
PS-DA0201-170-B(S) (10 W DUAL OUTPUTS)
ELECTRICAL CHARACTERISTICS :
Conditions Parameters Output Current Output Current Input Current Frequency Open Circuit Voltage No load Shutdow n Symbols Iout Iout Iin F Vopen Ts d Vin (V) 121.2 120.6 121.2 121.2 11.4 121.2 Vbr (V) Tu (C) 0.0 2.5 0.0 0.0 0.0 0.0 0 0 0 0 0 ~ +60 ~ +60 ~ +60 ~ +60 ~ +60 Min. 6.0 40 1.680 Specification Typ. 6.5 20 0.88 60 1.750 1.0 Max. 7.0 1.2 70 1.900 Unit m Arm s % Adc kHz Vrm s s ec Note
Dut y 10 0% Dut y M in
(PRELIMINARY INFORMATION)
0 ~ +60
wit hout load
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked on mechanical drawing and any conductors.
TEST CIRCUIT :
F Iin V CN1-2 Vrmt 0.4 / 5 Vdc F
1000:1 PROBE
Vin 12 V
A
CN1-1
SW3 CN2-1
Vopen V ~
SW 1 a b
CL1
Operation of unit Operation Non operation
RL1
a
V
b
SW1
CN1-3
T1
CN2-2 SW4 SW5
A ~
Iout1
CN1-4 Vbr 0 ~ 2.5 Vdc N.C. CN1-5
CN3-1 RL2 CL2
CN3-2
SW6
A ~
Iout2
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (2)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0.2; 7th July 2008
All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PS-DA0201-170-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X