Part Number Hot Search : 
ACTS10K 89C205 AT89C5 ACTS10K SP254 ZFUY10C 060MDSA3 CBM2075
Product Description
Full Text Search
 

To Download PS-DA0201-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-AC INVERTER UNIT
PS-DA0201-01(S) (10 W DUAL OUTPUTS)
DESCRIPTION : This low profile DC to AC Inverter is developed for dual lamps. (PRELIMINARY INFORMATION)
APPLICABLE LCD: 6.4 to 15 inches double lamp type Lamp Voltage 714 Vrms Lamp Current 2 x 7 mArms Lamp Start Up Voltage 1.500 Vrms (Vin : 12 Vdc) FEATURES : Remote ON/OFF Open Lamp Detection RoHS compliant (S) TEMPERATURE & HUMIDITY : Operating Temperature Range Storage Temperature Range Humidity DIMENSIONS : LxWxH
0C ~ +60C -40C ~ +85C 95 %RH max
Unit : mm Weight :24,2 (g) typ.
160 x 25 x 10 mm
Components No. 1 2 3
Note: Please use plastic screw in case of a non-insulating mounting base!
Part Description PCB Connector CN1 Connector CN2 + CN3
Qty. 1 1 2
Material UL94V-0 (FR-4 or CEM-3) S5B-PH-K SM02(8.0)B-BHS-1-TB
Output side CN2:
Note t=1m m JST or equal JST or equal
Input side CN1: Pin No. CN 1-1 CN 1-2 CN 1-3 CN 1-4 CN 1-5 Symbols Vin GND Vrm t Vbr N.C. Ratings 10.8 ~ 13.2 Vdc 0 ~ 0.4 = OFF / 2.5 ~ Vin = ON 0 ~ 2.5 Vdc -
Pin No. CN 2-1 CN 2-2 Pin No. CN 3-1 CN 3-2
Symbols Vhigh Vlow Symbols Vhigh Vlow
Ratings 714 Vrm s (7 m Arm s ) (GND) Ratings 714 Vrm s (7 m Arm s ) (GND)
Output side CN3:
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (1)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.6.6, 7th July 2008
All specifications are subject to change without notice.
DC-AC INVERTER UNIT
PS-DA0201-01(S) (10 W DUAL OUTPUTS)
ELECTRICAL CHARACTERISTICS :
Conditions Parameters Output Current Output Current Input Current Frequency Open Circuit Voltage No load Shutdow n Symbols Iout Iout Iin F Vopen Ts d Vin (V) 121.2 120.6 121.2 121.2 11.4 121.2 Vbr (V) Tu (C) 0.0 2.5 0.0 0.0 0.0 0.0 0 0 0 0 0 ~ +60 ~ +60 ~ +60 ~ +60 ~ +60 Min. 6.5 45 1.300 Specification Typ. 7.0 20 0.88 50 1.500 1.0 Max. 7.5 1.2 55 1.900 Unit m Arm s % Adc kHz Vrm s s ec Note
Dut y 10 0% Dut y M in
(PRELIMINARY INFORMATION)
0 ~ +60
wit hout load
Note 1 : Note 2:
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked on mechanical drawing and any conductors. Before apply any control signal into inverter, please provide Vcc first. Please follow the reversed sequence during power off. Power off control signal first, then power off Vcc.
TEST CIRCUIT :
F Iin V CN1-2 Vrmt 0.4 / 5 Vdc F
1000:1 PROBE
Vin 12 V
A
CN1-1
SW3 CN2-1
Vopen V ~
SW 1 a b
CL1
Operation of unit Operation Non operation
RL1
a
V
b
SW1
CN1-3
T1
CN2-2 SW4 SW5
A ~
Iout1
CN1-4 Vbr 0 ~ 2.5 Vdc N.C. CN1-5
CN3-1 RL2 CL2
CN3-2
SW6
A ~
Iout2
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (2)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.6.6, 7th July 2008
All specifications are subject to change without notice.
DC-AC INVERTER UNIT
BACKLIGHT INVERTER INSTALLATION INSTRUCTION
Precautionary Notes Regarding the Use of This Inverter When using this product, give due consideration to the precautionary notes described below and ensure a safe design. Inappropriate use may result in electric shock, injury or fire. WARNING
* This product is subject to high voltage. Do not touch it while the power is on. Failing to do so may result in electric shock.
CAUTION
* This product is designed for the lighting of a Cold Cathode Fluorescent Lamp. Do not use it with any other load. * Store this product under the conditions defined in the specification document. * Do not store this product in an environment where dust, dirt or corrosive gas (salt, acid, base, etc.) is present. * This product is subject to high voltage. If there is a possibility that the user may touch the product, provide a proper indication in order to draw the user's attention. * This product is designed for use with general electronic equipment. If it is to be used with medical equipment that directly affects human life or for the control of transportation equipment to which passengers entrust their lives, provide thorough failsafe measures. * Avoid using this product under high temperatures or high humidity or in an environment in which dust, dirt or any corrosive gas (salt, acid, base, etc.) is present. Also, be careful not to allow the formation of dew condensation. It may result in damage or electric shock. * If the product does not have a built-in protective circuit (circuit breaker, fuse, etc.), it is recommended that a fuse be used at the input stage to prevent the generation of smoke or fire in the event of a malfunction. Even when the product has a built-in protective circuit (circuit breaker, fuse, etc.), the circuit may not function properly due to inappropriate operating conditions or power-supply capacity. It is recommended that an appropriate protective circuit (circuit breaker, fuse, etc.) be provided separately from the built-in circuit. * Use the product only within the specified input voltage, output power, output voltage and operating temperature ranges. Exceeding these values may result in damage, etc. Abnormal voltage may result in damage, etc. * Provide a measure for the preventation of surge voltage due to lighting, etc. Abnormal voltage may result in damage, etc. * To prevent problems arising form short-circuiting of the high-voltage section, provide appropriate measures to prevent the entry of foreign substances following installation. * This product is not designed to provide resistance to radiation.
HANDLING PRECAUTIONS
* This product uses thin wires. Observe the following precautions and handle it with care so as not to cause wire breakage. Broken wire may result in damage, etc. Do not stack multiple products on top of one another, Do not allow the product to come in contact with tools, etc. * Do not apply excessive stress during installation. It may cause chipping and cracking, resulting in damage, etc * Provide a clearance of 2 mm or more between the high-voltage section of this product and the frame body on which the product is installed and also the conductor section (pattern, pad, etc.)
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (1)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 2.0, 15th August 2007
All specifications are subject to change without notice.
DC-AC INVERTER UNIT
Thank you very much for usually patronizing Power Systems and TDK's DC/AC inverter. Following the expansion of it's use, there are unexpected troubles that are caused by mis-use or mis-handling because the DC/AC inverter generates a high voltage of 900Vrms or more. Hereafter, the cases of the major troubles are described. Please also refer to "Notes of used" of the attached paper.
Ex.1 Multilayered PWB Inverter was mounted the nearest to the main board because there is no surface pattern. However, dielectric breakdown happened because there was a low-voltage pattern in internal layer, and they were damaged by arc fire.
Ex.2 Foreign body Short of high voltage area by insect (cockroach etc.) having invaded installed set in food processing plant and counter, etc. Short by adhesion of metal powder when using it by set such as NC machine tool. Ex.3 Mechanical stress Parts will be cracked or the wire of transformer will be broke, etc. When the mechanical stress was given at the installation on the set. Ex.4 Storage, handling When you store it, if the product is piled up or grabed with other inverters together at once, etc. these will be the cause of the break of transformer's wire and etc.
CABLES CONNECTION
1.) Don`t extand cables. 1.1.) Don`t cut through nor solder them, unless you have consulted the manufacture. 2.) Don`t exchange cables. 2.1.) Polarity is very important otherwise -will be able to a short circuit. -there might be a short circuit.(Please refer to fig.1)
Fig. 1
OK
NG
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (2)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 2.0, 15th August 2007
All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PS-DA0201-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X