Part Number Hot Search : 
AT89C20 FU240 SAMTEC M39432NC 475M5 78M24B 13V6YSZX IRFZ4
Product Description
Full Text Search
 

To Download PLN-60-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 60W Single Output LED Power Supply
Features :
PLN-60
series
Universal AC input / Full range Fully isolated plastic case with IP64 level Built-in constant current limiting circuit with adjustable OCP level Protections: Short circuit / Overload / Over voltage / Over temperature Built-in active PFC function IP64 design for indoor or outdoor installations UL1310 Class 2 power unit Cooling by free air convection 100% full load burn-in test High reliability Suitable for LED lighting and moving sign applications Compliance to worldwide safety regulations for lighting 2 years warranty
F
110
M
M
SELV
EQUIVALENT
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT PLN-60-12 12V 5A 0 ~ 5A 60W 11 ~ 13V CONSTANT CURRENT REGION Note.7 8.4 ~ 12V 15V
LPS
PLN-60-20 20V 14 ~ 20V 3A 0 ~ 3A 60W 1.8Vp-p 18 ~ 22V
( for 48V only)
( except for 48V )
IP64
PLN-60-36 36V 25.2 ~ 36V 1.7A 0 ~ 1.7A 61W 3.6Vp-p 32.5 ~ 39V PLN-60-48 48V 33.6 ~ 48V 1.3A 0 ~ 1.3A 62.5W 4.6Vp-p 43.6 ~ 51.8V
PLN-60-15 10.5 ~15V 4A 0 ~ 4A 60W 2.4Vp-p 13.8 ~ 16.2V
PLN-60-24 24V 16.8 ~24V 2.5A 0 ~ 2.5A 60W 2.7Vp-p 22 ~ 26V
PLN-60-27 27V 18.9 ~27V 2.3A 0 ~ 2.3A 62.1W 2.7Vp-p 25 ~ 30V
RIPPLE & NOISE (max.) Note.2 2Vp-p VOLTAGE ADJ. RANGE Note.6
Can be adjusted by internal potential meter SVR1 10% 3.0% 5.0% 1500ms / 230VAC 3000ms / 115VAC at full load
CURRENT ADJ. RANGE Note.6 3% ~ -25%. Can be adjusted by internal potential meter SVR2 VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP TIME VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR INPUT EFFICIENCY(Typ.) AC CURRENT INRUSH CURRENT(max.) LEAKAGE CURRENT OVER CURRENT SHORT CIRCUIT PROTECTION OVER VOLTAGE OVER TEMPERATURE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE
Note.5 90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz PF 0.9 at 75 ~ 100% load, 115VAC / 230VAC 83% 0.8A/115VAC 40A/230VAC 95 ~ 110% 84.5% 0.4A/230VAC 86.5% 86.5% 87% 87% 88%
<0.75mA / 240VAC 130% (max) Protection type : Constant current limiting, recovers automatically after fault condition is removed Note.4 Hiccup mode, recovers automatically after fault condition is removed. 13.8 ~ 16V 17.5 ~ 21V 22.8 ~ 25V 28 ~ 32V Protection type : Shut down o/p voltage, re-power on to recover 95 10 (TSW1) detect on heatsink of power transistor (Refer to output load derating curve) , 10 ~ 95% RH (0 ~ 50 ) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -30 ~ +50 -40 ~ +80 0.03%/ 20 ~ 95% RH non-condensing 31 ~ 35V 41 ~ 46V 54 ~ 60V
10 ~ 500Hz, 2G 12min./1cycle, period for 72min. each along X, Y, Z axes UL1310 Class 2, TUV EN61347-1, EN61347-2-13, CAN/CSA C22.2 No. 223-M91(except for 48V), IP64 approved
I/P-O/P:3.75KVAC I/P-FG:1.88KVAC O/P-FG:0.5KVAC SAFETY & ISOLATION RESISTANCE I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH EMC EMI CONDUCTION & RADIATION Compliance to EN55015, EN55022 (CISPR22) Class B Compliance to EN61000-3-2 Class C ( 75% load) ; EN61000-3-3 HARMONIC CURRENT EMS IMMUNITY MTBF OTHERS DIMENSION PACKING
NOTE
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024,EN61547, light industry level, criteria A 497.8Khrs min. MIL-HDBK-217F (25 ) 181*61.5*35mm (L*W*H) 0.5Kg; 24pcs/13Kg/0.75CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. Direct connecting to LEDs is not suggested for models with RIPPLE & NOISE > 10% and using additional drivers is highly recommended. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Please refer to OLP characteristics. 5. Derating may be needed under low input voltage. Please check the derating curve for more details. 6. Output voltage can be adjusted through the SVR1 on the PCB ; limit of output constant current level can be adjusted through the SVR2 on the PCB. 7. Constant current operation region is within 70% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please reconfirm special electrical requirements for some specific system design.
File Name:PLN-60-SPEC 2009-03-04
60W Single Output LED Power Supply
Mechanical Specification
181 6.26
PLN-60
Case No.960A
series
Unit:mm
21.25
2-R2.5
300
61.5
300 AC/L(Brown) AC/N(Blue) FG (Green/Yellow) AC IN 18AWG 3C
DC OUT 18AWG 2C
+V(Red) -V(Black)
6.26
21.25
Output voltage and current adjustment : remove the upper case and adjust through SVR1 & SVR2 shown in the diagram.
SVR2
SVR1
SVR1 Output voltage adjustment SVR2 Output current adjustment
Block Diagram
RECTIFIERS & FILTER DETECTION CIRCUIT PWM & PFC CONTROL O.V.P.
fosc : 90KHz(115VAC) 120KHz(230VAC)
POWER SWITCHING +V -V
I/P
EMI FILTER & RECTIFIERS
FG
O.L.P.
O.C.P.
Derating Curve
Static Characteristics
Ta:25
100
100 90
80
80 70
60
LOAD (%)
40
LOAD (%)
50
60 50 40
20
-30
-25
-5
0
15
30
40
50
60
(HORIZONTAL)
90
100
125
135
145
155 165
175
180
200
230
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:PLN-60-SPEC 2009-03-04
35


▲Up To Search▲   

 
Price & Availability of PLN-60-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X