Part Number Hot Search : 
K3662 RB451F UPD65530 C33269 UNR1121 ZM2CR60W 30NS04 MC3479
Product Description
Full Text Search
 

To Download PF1010UDF8B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
APPLICATION
I/O ESD protection for mobile handsets, notebook, PDAs, etc. EMI filtering for data ports in cell phones, PDAs, notebook computers EMI filtering for LCD, camera and chip-to-chip data lines
A
PF1010UDF8B
ESD/EMI Filter
C
1
E
4
FEATURES
EMI/RFI filtering ESD Protection to IEC 61000-4-2 Level 4 Low insertion loss Good attenuation of high frequency signals Low clamping voltage Low operating and leakage current Four elements in one package
J
GND PAD
H
8
Pin 1
B
F
D5
TOP VIEW
BOTTOM VIEW
K
L
SIDE VIEW
DESCRIPTION
PF1010UDF8B is an EMI filter array with electrostatic discharge (ESD) protection, which integrates four pi filters (C-R-C). These parts include ESD protection diodes on every pin, providing a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge. The PF1010UDF8B provides the recommended line termination while implementing a low pass filter to limit EMI levels and providing ESD protection which exceeds IEC 61000-4-2 level 4 standard. The UDFN package is a very effective PCB space occupation and a very thin package (0.4mm Pitch, 0.5mm height)
1,8 : Filter channel 1 2,7 : Filter channel 2 3,6 : Filter channel 3 4,5 : Filter channel 4
DIM A B C D E F G H J K L
MILLIMETERS _ 1.70 + 0.10 _ 1.35 + 0.10 _ 1.20 + 0.10 _ 0.20 + 0.05 0.40 _ 0.40 + 0.10 _ 0.25 + 0.10 0.20 Min _ 0.50 + 0.05 0.127 0.02+0.03/-0.02
UDFN-8B
MARKING
Type Name
CHARACTERISTIC DC Power Per Resistor Power Dissipation Junction Temperature Storage Temperature * Total Package Power Dissipation
SYMBOL PR *PD Tj Tstg
RATING 100 400 150 -55 150
UNIT mW
0A
MAXIMUM RATING (Ta=25E )
T2
Lot No.
RECOMMENEDED FOOTPRINT (dimensions in mm)
0.40 0.30
EQUIVALENT CIRCUIT
1.66 0.55
FILTERn*
100
FILTERn*
GND
0.25
10pF
10pF
0.70
GND
ELECTRICAL CHARACTERISTICS (Ta=25E )
CHARACTERISTIC Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Cutoff Frequency Channel Resistance Line Capacitance SYMBOL VRWM VBR IR fc-3dB RLINE CLINE It=1mA VRWM=3.3V VLine=0V, ZSOURCE=50U , ZLOAD=50U Between Input and Output VLine=0V DC, 1MHz, Between I/O Pins and GND VLine=2.5V, 1MHz, Between I/O Pins and GND TEST CONDITION MIN. 6 80 24 16 TYP. 150 100 30 20 MAX. 5 1.0 120 36 24 UNIT V V i A MHz U pF
2009. 5. 26
Revision No : 0
G
1/2
PF1010UDF8B
S21 - FREQUENCY
0
0 -30 -60 -90 -120 -150
ANALOG CROSSTALK
INSERTION LOSS (dB)
-10
-20
-30
-40 1 10 100 1000 6000
CROSSTALK (dB)
1
10
100
1000
6000
FREQUENCY (MHz)
FREQUENCY (MHz)
DIODE CAPACITANCE vs. INPUT VOLTAGE
NORMALIZED CAPACITANCE
2.0
110 108
RLine - TEMPERATURE
RESISTANCE R ()
1.5
106 104 102 100 98 96 94 92 90 -40
1.0
0.5
0.0 0 1 2 3 4 5
-20
0
20
40
60
80
DIODE VOLTAGE (V)
AMBIENT TEMPERATURE Ta ( C )
2009. 5. 26
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of PF1010UDF8B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X