Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
 

To Download OTS-1SDR2DRT-NOC-IC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optiva Standard, 1 SDI 270 Mbps and 2 Duplex RS-232/422/485 Data
TM
OTS-1SD2DTR
SDI Video and Serial Data Transmission The OTS-1SD2DTR provides for the digital transmission of 1 Channel of uncompressed SDI Video and 2 Channels of duplex Serial Data, at absolute broadcast quality.
Video
System Design All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16-100) or one of our smaller OptivaTM Desktop Card Racks (OT-DTCR Series). The OptivaTM Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate OT-DTCR enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply. See "Accessories" for power supply specifications. OptivaTM Upgrade Path
S T A T U S A L E R T
2 Serial Data In/Out
S T A T U S A L E R T
2 Serial Data Out/In
Each insert card comes with a label identifying the specific protocols handled, connector pin-out and other vital information. For optimal bandwidth allocation, each insert card can daisy-chain with an additional card in the same chassis. See "OptivaTM Upgrade Path".
Audio
SDI Video In ST, LC, SC or FC
SDI Video Out ST, LC, SC or FC
TM Optiv a
TM Optiv a
Data
VAD Transmission
VAD Transmission
OTS-1SDT2DTR
OTS-1SDR2DTR
Features * Uncompressed SDI Video and Serial Data over one fiber * TDM - Single fiber, dual wavelength * Complies with SMPTE 259 for uncompressed SDI * Compatible with MDM-7000 Series for WDM and CWDM multiplexing * No EMI or RFI and no ground loops * Stand alone or rack-mount * Ideal for Broadcast/Studio and Professional AV applications
This system can be purchased without an optical port as an add-on to an existing OptivaTM system daisy-chain. (See "Non-Optical Version" below). The OptivaTM bandwidth requirement of this system is 369 Mbps.
Versions Available* Wavelength (nm) & Fiber 1310/1550 Multimode 1310/1550 Singlemode 1310/1550 SM (D) 1310/1550 SM (H) 1270-1610 SM (CWDM) Non-Optical Version Transmit/Receive** OTS-1SDT2DTR-A2/A3M-XX-IC OTS-1SDT2DTR-A2/A3-XX-IC OTS-1SDT2DTR-A2/A3D-XX-IC OTS-1SDT2DTR-A2/A3H-XX-IC OTS-1SDT2DTR-L4/L4-XX-IC OTS-1SDT2DTR-NOC-IC Receive/Transmit** OTS-1SDR2DRT-A3M/A2-XX-IC OTS-1SDR2DRT-A3/A2-XX-IC OTS-1SDR2DRT-A3D/A2-XX-IC OTS-1SDR2DRT-A3H/A2-XX-IC OTS-1SDR2DRT-L4/L4-XX-IC OTS-1SDR2DRT-NOC-IC Optical Connector ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC N/A Optical Budget (dB) 10 12 17 25 Varies N/A Range*** (km) Form Factor 3 20 40 60 20-70 N/A IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot)
Serial Data Codes - "D" indicates RS-232. For other Serial Data preferences, please use: "DJ" = RS-422; "DK" = RS-485 (2W); and "DW" = RS-485 (4W).
* Contact Opticomm for other versions available. ** XX indicates the type of optical connector. Each of ST, FC, LC or SC are available. *** Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
SDI & HD-SDI
Video Standard Pathological test code Bit rate Bit error rate Connector Data Connector RS-232, RS-422 Data Rate RS-485 (2 Wire) Data Rate RS-485 (4 Wire) Data Rate
SMPTE 259 RP-178 270 Mbps 10-14 BNC (IEC 60169-8)
OptivaTM Configurable Communication Platform Network Management SDI & HD-SDI Composite Video, Audio & Data
Micro DB25 DC to 1 Mbps DC to 1 Mbps DC to 1 Mbps
RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) CATV/RF & L-Band Optical Switching, Routing & Redundancy 11 oz Passive Multiplexing Solutions Enclosures, Racks & Frames Power Supplies & Accessories
General
Dimensions & Weight Operating temperature Storage temperature Humidity Operating voltage Consumption System Latency Local Monitoring Remote Monitoring Insert Card (IC): 6.3" L x 0.8" W x 4.0" H -20 C to +55 C -40 C to +85 C 0 to 95% non-condensing 9-12 VDC 1 Amp Max per Insert Card Less than 1ms LED Status Indication Compatible with OptivaViewTM SNMP Management Suite
MADE IN THE USA
Sample Configuration


▲Up To Search▲   

 
Price & Availability of OTS-1SDR2DRT-NOC-IC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X