Part Number Hot Search : 
BA5956FM V3023 BCM5414 752E0520 SG364 Z5232 2SJ219S 90120
Product Description
Full Text Search
 

To Download OSM5DK7BA1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2x3x4mm Rectangular Warm White LED OSM5DK7BA1B
Features
Outline
Dimension
3.2 2
High Luminous LEDs 2x3x4mm Rectangular Standard Directivity

3.2 4.15
Long Lifetime Operation (Up to 100,000 hours) Superior Weather-resistance UV Resistant Epoxy Water Clear Type Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting
0.50.05
Applications
26.0MIN
1.5MIN
1.5MAX

1.Anode 2.Cathode Unit:mm Tolerance:0.30mm
2.54 12
(Ta=25)
Value
30 100 5 108 -30 ~ +85 -40 ~ +100 260/5sec Directivity
Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol
Unit
mA mA V mW 90
1
0 30 30
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
60
60
0.5
0
0.5
1
90
*Pulse width Max 10ms , Duty ratio max 1/10 Electrical
-Optical Characteristics
Symbol
VF IR Iv x y 21/2
(Ta=25)
Min.
2.9 330 -
Item
DC Forward Voltage DC Reverse Current Luminous Intensity* Chromaticity Coordinates* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Typ.
3.1 500 0.45 0.41 100
Max.
3.6 10 -
Unit
V A mcd
deg
*1 Tolerance of chromaticity coordinates is +10% *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
http://www.optosupply.com
VER A.0


▲Up To Search▲   

 
Price & Availability of OSM5DK7BA1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X