Part Number Hot Search : 
MJD20011 P6KE68 LB1838JM AT49BV LB1838JM STK0760 SA9504 SC3031B
Product Description
Full Text Search
 

To Download OC-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Features Compliant with 155 Mbps ATM and SONET OC-3 SDH STM-1 (S1.1) Industry standard 1x9 footprint SC duplex connector Single power supply 3.3 V Differential LVPECL inputs and outputs Compatible with solder and aqueous wash processes Class 1 laser product complies with EN 60825-1 Description The TS3-0155-32S-P1-X transceivers utilizing 1310 nm MQW laser diodes are fully compliance to the 155 Mbps ATM and SONET OC-3 SDH STM-1 standard, and designed in industry standard 1x9 package with SC duplex connector. The transmitter section is a class 1 laser which is compliant to International Safety Standard EN 60825-1.
Ordering Information
PART NUMBER TS3-0155-32S-P1 TS3-0155-32S-P1-E INPUT/OUTPUT DC/DC DC/DC SIGNAL DETECT LVPECL LVPECL VOLTAGE 3.3 V 3.3 V TEMPERATURE 0C to 70 C -40C to 85C
Absolute Maximum Ratings
PARAMETER Storage Temperature Supply Voltage Input Voltage Output Current Operating Current Soldering Temperature SYMBOL TS Vcc VIN Io IOP TSOLD MIN -40 -0.5 -0.5 ------MAX 85 6.0 Vcc 50 400 260 UNITS C V V mA mA C 10 seconds on leads NOTE
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
1/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Operating Environment
PARAMETER Ambient Operating Temperature (TS3-0155-32S-P1) Ambient Operating Temperature SYMBOL TAMB TAMB Vcc MIN 0 MAX 70 85 3.5 UNITS C C V NOTE
(TS3-0155-32S-P1-E)
Supply Voltage
-40
3.1
Transmitter Electro-optical Characteristics
(Vcc = 3.1 V to 3.5 V, TS3-0155-32S-P1: TA = 0 C to 70 C, TS3-0155-32S-P1-E: TA = -40 C to 85C) PARAMETER Data Rate Output Optical Power 9/125 m fiber Extinction Ratio Center Wavelength Spectral Width (RMS) Rise/Fall Time (10-90%) Output Eye Power Supply Current Data Input Current-Low Data Input Current-High Transmitter Data Input Voltage-High Transmitter Data Input Voltage-Low Transmitter Data Input Differential Voltage SYMBOL B Pout ER MIN 50 -15 8.2 1261 ----TYP. 155 ----1310 --1 MAX 200 -8 --1360 4 2 UNITS Mb/s dBm dB nm nm ns Average NOTE
C
Tr, f
Compliant with Telcordia GR-253-CORE Issue 3 and ITU-T recommendation G-957 ICC IIL IIH VIH - VCC VIL - VCC VDIFF ---350 ---1.1 -2.0 0.3 ------------140 --350 -0.74 -1.58 1.6 mA Note 1
A A
V V V Note 2 Note 2 Note 2
Note 1: Not including the terminations. Note 2: These inputs are compatible with 10K, 10KH and 100K ECL and PECL input.
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
2/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Receiver Electro-optical Characteristics
(Vcc = 3.1 V to 3.5 V, TS3-0155-32S-P1: TA = 0 C to 70 C, TS3-0155-32S-P1-E: TA = -40 C to 85C) PARAMETER Data Rate Optical Input Power-maximum Optical Input Power-minimum (Sensitivity) Operating Center Wavelength Signal Detect-Asserted Signal Detect-Deasserted Signal Detect-Hysteresis Signal Detect Assert Time Signal Detect Desssert Time Signal Detect Output voltage-High Signal Detect Output voltage-Low Power Supply Current Data Output Rise, Fall Time (10-90%) Data Output Voltage-High Data Output Voltage-Low SYMBOL B PIN PIN MIN 50 0 --1100 ---47 1.0 -----1.1 -2.0 -----1.1 -2.0 TYP. 155 ----------------------1 ----MAX 200 ---34 1600 -34 ----100 100 -0.74 -1.58 100 2 -0.74 -1.58 UNITS Mb/s dBm dBm nm dBm dBm dB Average Average Note 1 Note 1 NOTE
C
PA PD P A - PD TSD+ TSD- VOH - VCC VOL - VCC ICC Tr, f VOH - VCC VOL - VCC
s s
V V mA ns V V Note 2 Note 2 Note 2 Note 2 Note 3
Note 1: The input data is at 155.52 Mbps, 223-1 PRBS data pattern with 72 "1"s and 72 "0"s inserted per the ITU-T recommendation G.958 Appendix 1. The receiver is guaranteed to provide output data with Bit Error Rate (BER) better than or equal to 1x10-10. Note 2: These outputs are compatible with 10K, 10KH and 100K ECL and PECL input. Note 3: The current exclude the output load current.
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
3/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Block Diagram of Transceiver
ELECTRICAL SUBASSEMBLY
DATA DATA/ POST AMPLIFIER IC RREAMPLIFIER IC
PIN PHOTODIODE
SIGNAL DETECT
OPTICAL SUBASSEMBLIES
DUPLEX SC RECEPTACLE
DATA DATA/
LASER DRIVER IC
LASER
TOP VIEW
Transmitter Section The transmitter section consists of a 1310 nm InGaAsP laser in an eye safe optical subassembly (OSA) which mates to the fiber cable. The laser OSA is driven by a LD driver IC which converts differential input LVPECL logic signals into an analog laser driving current. Receiver Section The receiver utilizes an InGaAs PIN photodiode mounted together with a trans-impedance preamplifier IC in an OSA. This OSA is connected to a circuit providing post-amplification quantization, and optical signal detection. Receiver Signal Detect Signal Detect is a basic fiber failure indicator. This is a single-ended LVPECL output. As the input optical power is decreased, Signal Detect will switch from high to low (deassert point) somewhere between sensitivity and the no light input level. As the input optical power is increased from very low levels, Signal Detect will switch back from low to high (assert point). The assert level will be at least 1.0 dB higher than the deassert level.
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
4/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Typical BER Performance of Receiver versus Input Optical Power Level
1.E-04 1.E-05 1.E-06 1.E-07 BER 1.E-08 1.E-09 1.E-10 1.E-11 1.E-12 -2.5
-2
-1.5
-1
-0.5
0
0.5
Relative Input Optical Power (dB)
The figure shows the relationship between typical trade-off of BER and Relative Input Optical Power. Besides the required BER =1 x 10-10 of the ATM Forum 155.52 Mbps Physical Layer Standard, The transceiver can be operated at other Bit-Error-Rate conditions. The Relative Input Optical Power in dB is referenced to the actual sensitivity of the device. For BER conditions better than 1 x 10-10, more input signal is needed (+dB).
Eye Diagram
Transmitter Receiver
Signal pattern: PRBS 23
Signal pattern: PRBS 23 Input Power: -35 dBm
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
5/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Connection Diagram
Pin-Out
1. RX GND 2. RD+ 3. RD- 4. SD 5. VCCR 6. VCCT 7. TD- 8. TD+ 9. TX GND
N/C
TOP VIEW
N/C
PIN 1 2 3
SYMBOL RX GND RD+ RD-
DESCRIPTION Receiver Signal Ground. Directly connect this pin to the receiver ground plane. RD+ is an open-emitter output circuit. Terminate this high-speed differential LVPECL output with standard LVPECL techniques at the follow-on device input pin. (See recommended circuit schematic) RD- is an open-emitter output circuit. Terminate this high-speed differential LVPECL output with standard LVPECL techniques at the follow-on device input pin. (See recommended circuit schematic) Signal Detect. Normal optical input levels to the receiver result in a logic "1" output, VOH, asserted. Low input optical levels to the receiver result in a fault condition indicated by a logic "0" output VOL, deasserted Signal Detect is a single-ended LVPECL output. SD can be terminated with LVPECL techniques via 50 to VCCR - 2 V. Alternatively, SD can be loaded with a 180 resistor to RX GND to conserve electrical power with small compromise to signal quality. If Signal Detect output is not used, leave it open-circuited. This Signal Detect output can be used to drive a LVPECL input on an upstream circuit, such as, Signal Detect input or Loss of Signal-bar. Receiver Power Supply. Provide +3.3 Vdc via the recommended receiver power supply filter circuit. Locate the power supply filter circuit as close as possible to the VCCR pin. Transmitter Power Supply. Provide +3.3 Vdc via the recommended transmitter power supply filter circuit. Locate the power supply filter circuit as close as possible to the VCCT pin. Transmitter Data In-Bar. Terminate this high-speed differential LVPECL input with standard LVPECL techniques at the transmitter input pin. (See recommended circuit schematic) Transmitter Data In. Terminate this high-speed differential LVPECL input with standard LVPECL techniques at the transmitter input pin. (See recommended circuit schematic) Transmitter Signal Ground. Directly connect this pin to the transmitter signal ground plane. Directly connect this pin to the transmitter ground plane.
4
SD
5 6 7 8 9
VCCR VCCT TD- TD+ TX GND
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
6/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Recommended Circuit Schematic
DC/DC Coupling
VCC
C4
9 TX GND Laser Driver 8 TD+ 7 TD-
R1 R2 L1 C1
R3
TD+ TD-
ECL/PECL DRIVER
R4
6 V CCT RiteKom Transceiver
5 V CCR
C2
L2 C3
VCC
Serializer/ Deserializer
R5 R7 R9
Signal detect
LIMITING
PreAmp
4 SD 3 RD- 2 RD+ 1 RX GND
Amplifier
RD- RD+
R10 R6 R8
Receiver PLL etc.
C1/C2/C4 = 0.1 F L1/L2 = 1 H R1/R3/R5/R7/R9 = 130
C3 = 4.7 F R2/R4/R6/R8/R10 = 82
In order to get proper functionality, a recommended circuit is provided in above recommended circuit schematic. When designing the circuit interface, there are a few fundamental guidelines to follow. (1) The differential data lines should be treated as 50 Micro strip or strip line transmission lines. This will help to minimize the parasitic inductance and capacitance effects. Locate termination at the received signal end of the transmission line. The length of these lines should be kept short and of equal length. (2) For the high speed signal lines, differential signals should be used, not single-ended signals, and these differential signals need to be loaded symmetrically to prevent unbalanced currents which will cause distortion in the signal. (3) Multi layer plane PCB is best for distribution of VCC, returning ground currents, forming transmission lines and shielding, Also, it is important to suppress noise from influencing the fiber-optic transceiver performance, especially the receiver circuit. (4) A separate proper power supply filter circuits shown in Figure for the transmitter and receiver sections. These filter circuits suppress Vcc noise over a broad frequency range, this prevents receiver sensitivity degradation due to VCC noise. (5) Surface-mount components are recommended. Use ceramic bypass capacitors for the 0.1 F capacitors and a surface-mount coil inductor for 1 H inductor. Ferrite beads can be used to replace the coil inductors when using quieter VCC supplies, but a coil inductor is recommended over a ferrite bead. All power supply components need to be placed physically next to the VCC pins of the receiver and transmitter. (6) Use a good, uniform ground plane with a minimum number of holes to provide a low-inductance ground current return for the power supply currents.
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
http:// www.ritekom.com Version 3.3
7/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Recommended Board Layout Hole Pattern
Unit : mm(inches)
This transceiver is compatible with industry standard wave or hand solder processes. After wash process, all moisture must be completely remove from the module. The transceiver is supplied with a process plug to prevent contamination during wave solder and aqueous rinse as well as during handling, shipping or storage. Solder fluxes should be water-soluble, organic solder fluxes. Recommended cleaning and degreasing chemicals for these transceivers are alcohol's (methyl, isopropyl, isobutyl), aliphatics (hexane, heptane) and other chemicals, such as soap solution or naphtha. Do not use partially halogenated hydrocarbons for cleaning/degreasing.
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
8/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Drawing Dimensions
Unit : mm
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
9/10
Date: 2003/02/17
1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V 155 Mbps ATM/SONET OC-3/SDH STM-1
Regulatory Compliance
FEATURE Electrostatic discharge (ESD) to the electrical pins TEST METHOD PERFORMANCE
MIL-STD-883D Method 3015.7
Class 1(>1 kV) - Human Body Model
Electromagnetic interference (EMI)
FCC Class B EN55022 Class B
The transceiver is mounded on a circuit card without a chassis enclosure at frequencies up to 1000 MHz. Margins will be dependent on customer's board and chassis designs. Typically show no measurable effect from a 10 V/m filed swept from 30 MHz to 1000 MHz applied to the transceiver without a chassis enclosure. FDA Accession Number: 0012715-01
Immunity
Variation of IEC801-3
FDA 21 CFR 1040.10 and 1040.11 Class 1 Eye safety
EN 60825-1:1994+A11 EN 60950: 1992+A1+A2+A3+A4+A11 TUV certificated Number: R 3-50005227 EN 60825-2: 1994+A1
Eye Safety Mark
The TS3 series Single-mode transceiver is a class 1 laser product. It complies with EN 60825-1 and FDA 21 CFR 1040.10 and 1040.11. In order to meet laser safety requirements the transceiver shall be operated within the Absolute Maximum Ratings. Caution All adjustments have been done at the factory before the shipment of the devices. No maintenance and user serviceable part is required. Tampering with and modifying the performance of the device will result in voided product warranty. Required Mark Class 1 Laser Product Complies with 21 CFR 1040.10 and 1040.11
Laser Emission
Indication of Laser Aperture and Beam
Note : All information contained in this document is subject to change without notice.
http:// www.ritekom.com Version 3.3
Headquarters : No. 669, Sec. 4 Chung Hsing Road Chudung, HsinChu, Taiwan 310, ROC Tel: +886-3-582-8270 Fax: +886-3-582-8416
10/10
Date: 2003/02/17


▲Up To Search▲   

 
Price & Availability of OC-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X