Part Number Hot Search : 
C3216 SMC12C M29LV XN6501 VAL1Z 2SC3365 27C51 2SK3161S
Product Description
Full Text Search
 

To Download O18-JO75H-D-50-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscillator * JO75H * 5.0 V
High Stability Oscillator with Stop Function * 7.5 x 5.0 mm
actual size tight tolerance down to 10 ppm reflow soldering temperature: 260 C max. ceramic/metal package
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency range frequency stability over all* JO75H 5.0 V high stability 1.80 ~ 50.0 MHz 10ppm ~ 20ppm see table 1 current consumption supply voltage VDC temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 kHz ~ 20.0 MHz symmetry at 0.5 x VDC see table 2 5.0 V 5% -10 C ~ +70 C / -40 C ~ +85 C -55 C ~ +125 C see table 3 15pF / 30 pF 4mA 0.1 x VDC 0.9 x VDC 5ms 150ns 5ms stop 50A < 1.0ps RMS 45% ~ 55% max.
Table 1: Frequency Stability Code
stability code D 20 ppm -10 C ~ +70 C -40 C ~ +85 C O available O O E 15 ppm F 10 ppm
excludes shock and vibration
* includes stability at 25 C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
Table 2: Current Consumption max.
Current at 15pF load 1.8 ~ 19.9 MHz 20.0 ~ 50.0 MHz 10 mA 22 mA Current at 30pF load 1.8 ~ 19.9 MHz 20.0 ~ 50.0 MHz 18 mA 35 mA
Table 3: Rise & Fall Time max.
5.0 ns: 1.80 ~ 50.0 MHz note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC
Dimensions
7.5 max. 1.4 max. #4 #3 5.00.2 1.230.12 1.40.1 0.80.1 #3 not connected pins #4 2.00.1 4.20.1 1.80.1 pin connection # 1: e/d # 2: ground # 3: output # 4: VDC
in mm
5.080.1
2.60.1
#1
#2
#2
#1
5.080.1
top view
side view
bottom view
pad layout
Order Information
O
Oscillator
frequency
type
frequency stability code see table 1
supply voltage code 5.0 = 5.0 V
output load code 1 = 15 pF 2 = 30 pF
option
1.80 ~ 50.0 MHz
JO75H
blank = -10 C ~ +70 C T1 = -40 C ~ +85 C
Example: O 20.0-JO75H-D-5.0-1
(LF = RoHS compliant / Pb free pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice 260209
Oscillator * JO75H * 5.0 V * High Stability
Taping Specification
4.00.1 2.00.1 1.750.1 0.40.05 120 9.250.1 16.00.3 17.5
7.9 max.
o 13 o 21 o 80 o 180
in mm
2.0
o 1.50.1 8.00.2 5.5 max. Direction of feed
2.30.1
500 pcs per reel
Enable / Disable Function
pin #1 (e/d control) open high "1" (VIH 0.8 VDC) low "0" (VIL 0.2 VDC) stop function: * oscillator stops * output high impedance pin #3 (output) active active high impedance
Marking
frequency type / date code date code: A ~ M: Jan.- Dec. 9: 2009 0: 2010 1: 2011
Jan. A July G
Febr. B Aug. H
Mar. C Sept. J
Apr. D Oct. K
May E Nov. L
June F Dec. M
Reflow Soldering Profile
temperature (C)
260 200 150 100 50 60 ~180 s 60 s max. 10 s max. 260 C max. 220 5 C 180 5 C
Packing Note
- - standard packing units are 500 pieces per reel non-multiple packing units are only supplied taped / bulk
time (s) note: parts are also suitable for soldering systems with lead (Pb) content
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of O18-JO75H-D-50-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X