Part Number Hot Search : 
TW0236A 74ACT1 SFH934 BU4525AL TW0236A JQAM1 VCX04 NF1B1L
Product Description
Full Text Search
 

To Download NCP1589AMNTWG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCP1589A, NCP1589B Product Preview Low Voltage Synchronous Buck Controller
The NCP1589A/B is a low cost PWM controller designed to operate from a 5 V or 12 V supply. This device is capable of producing an output voltage as low as 0.8 V. This device is capable of converting voltage from as low as 2.5 V. This 10-pin device provides an optimal level of integration to reduce size and cost of the power supply. Features include a 1.5 A gate driver design and an internally set 300 kHz or 600 kHz oscillator. In addition to the 1.5 A gate drive capability, other efficiency enhancing features of the gate driver include adaptive non-overlap circuitry. The NCP1589A/B also incorporates an externally compensated error amplifier. Protection features include programmable short circuit protection and undervoltage lockout (UVLO).
Features http://onsemi.com MARKING DIAGRAMS
1589x ALYWG G = Specific Device Code x = A or B = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Device
DFN10 CASE 485C 1589x A L Y W G
* * * * * * * * * * * * * * * *
VCC Range from 4.5 V to 13.2 V 300 kHz and 600 kHz Internal Oscillator Boost Pin Operates to 30 V Voltage Mode PWM Control Precision 0.8 V Internal Reference Adjustable Output Voltage Internal 1.5 A Gate Drivers 80% Max Duty Cycle Input Under Voltage Lockout Programmable Current Limit This is a Pb-Free Device Graphics Cards Desktop Computers Servers / Networking DSP & FPGA Power Supply DC-DC Regulator Modules
(Note: Microdot may be in either location)
PIN CONNECTIONS
BOOT LX UG LG GND 1 2 3 4 5 (Top View) 10 9 8 7 6 PGOOD VOS FB COMP/EN VCC
Applications
ORDERING INFORMATION
Device NCP1589AMNTWG NCP1589BMNTWG NCP1589AMNTXG NCP1589BMNTXG For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. DFN10 (Pb-Free) 3000 / Tape & Reel Package Shipping
This document contains information on a product under development. ON Semiconductor reserves the right to change or discontinue this product without notice.
(c) Semiconductor Components Industries, LLC, 2009
May, 2009 - Rev. P4
1
Publication Order Number: NCP1589A/D
NCP1589A, NCP1589B
VCC = 4.5 V - 13.2 V VBST = 4.5 V - 15 V VIN = 2.5 V - 13.2 V 3x22mF
1500mF
1mF
1500mF
2x0.22mF
VCC 0.1mF COMP/EN C1 0.0015mF R2 17.08kW C2 0.007mF FB GND R4 3.878kW R1 4.12kW C3 0.014mF 1.02k R3 74.2W R9 R10 1.02k UG LX LG VOS ROCSET NTD4806 NTD4809 PGOOD BOOT
1mH 2.2
VOUT 1.65 V
2x1800mF 4.7nF GND
Figure 1. Typical Application Diagram
PGOOD
10
VOS 9
PGOOD MONITOR OV and UV 0.8 V (Vref)
10% of Vref 25% of Vref POR UVLO 6 VCC
FAULT FB 8 - + 0.8 V (Vref)
LATCH
+ - FAULT
VOCP 1 3 2 BOOT UG LX
+ -
R S PWM OUT Q
+ CLOCK RAMP COMP/EN 7 OSC SOFT START - + - 2V VCC
4 FAULT 5
LG GND
OSC
Figure 2. Detailed Block Diagram
http://onsemi.com
2
NCP1589A, NCP1589B
PIN FUNCTION DESCRIPTION
Pin No. 1 Symbol BOOT Description Supply rail for the floating top gate driver. To form a boost circuit, use an external diode to bring the desired input voltage to this pin (cathode connected to BOOT pin). Connect a capacitor (CBOOT) between this pin and the LX pin. Typical values for CBOOT range from 0.1 mF to 1 mF. Ensure that CBOOT is placed near the IC. Switch node pin. This is the reference for the floating top gate driver. Connect this pin to the source of the top MOSFET. Top gate MOSFET driver pin. Connect this pin to the gate of the top N-channel MOSFET. Bottom gate MOSFET driver pin. Connect this pin to the gate of the bottom N-channel MOSFET. IC ground reference. All control circuits are referenced to this pin. Supply rail for the internal circuitry. Operating supply range is 4.5 V to 13.2 V. Decouple with a 1 mF capacitor to GND. Ensure that this decoupling capacitor is placed near the IC. Compensation Pin. This is the output of the error amplifier (EA) and the non-inverting input of the PWM comparator. Use this pin in conjunction with the FB pin to compensate the voltage-control feedback loop. Pull this pin low for disable. This pin is the inverting input to the error amplifier. Use this pin in conjunction with the COMP pin to compensate the voltage-control feedback loop. Connect this pin to the output resistor divider (if used) or directly to Vout. Voltage Offset Sense Power Good output. Pulled Low if VOS is 10% of 0.8 V Vref.
2 3 4 5 6 7
LX UG LG GND VCC COMP/EN
8
FB
9 10
VOS PGOOD
ABSOLUTE MAXIMUM RATINGS
Pin Name Main Supply Voltage Input Bootstrap Supply Voltage Input Symbol VCC BOOT VMAX 15 V 35 V wrt/GND 40 V < 100 ns 15 V wrt/LX 35 V 40 V for < 100 ns 30 V wrt/GND 15 V wrt/LX 40 V for < 100 ns VCC + 0.3 V 5.0 V 3.6 V 7V VMIN -0.3 V -0.3 V -0.3 V -0.3 V -5 V -10 V for < 200 ns -0.3 V wrt/LX -2 V for < 200 ns -0.3 V -5 V for < 200 ns -0.3 V -0.3 V -0.3 V
Switching Node (Bootstrap Supply Return) High-Side Driver Output (Top Gate)
LX UG
Low-Side Driver Output (Bottom Gate) Feedback, VOS COMP/EN PGOOD
LG FB, VOS COMP/EN PGOOD
MAXIMUM RATINGS
Rating Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Operating Junction Temperature Range Operating Ambient Temperature Range Storage Temperature Range Moisture Sensitivity Level Symbol RqJA RqJC TJ TA Tstg MSL Value 165 45 0 to 150 0 to 70 -55 to +150 1 Unit C/W C/W C C C -
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. This device is ESD sensitive. Use standard ESD precautions when handling.
http://onsemi.com
3
NCP1589A, NCP1589B
ELECTRICAL CHARACTERISTICS (0C < TA < 70C; 4.5 V < [BST-PHASE] < 13.2 V, 4.5 V < BST < 30 V, 0 V < PHASE < 21 V,
CTG = CBG = 1.0 nF, for min/max values unless otherwise noted.) Characteristic Input Voltage Range Boost Voltage Range 13.2 V wrt LX VFB = 1.0 V, No Switching, VCC = 13.2 V VFB = 1.0 V, No Switching VCC Rising VCC Falling VCC Rising or VCC Falling (FB Tied to Comp. Measure FB Pin.) 0.7936 270 TBD Conditions Min 4.5 4.5 1.0 0.1 3.8 3.4 4.0 3.6 0.4 0.8 300 600 1.1 0 70 75 500 70 Vfb < 0.8 V Vfb > 0.8 V 2.0 2.0 -2.0 15 0.6 0.8 10 VCC = 5 V, VUG - VLX = 2.5 V 1.5 1.4 1.5 VCC = 12 V VCC = 12 V, UG-LX < 2.0 V, LG > 2.0 V VCC = 12 V, LG < 2.0 V, UG > 2.0 V 12.4 12.4 3.0 Logic Low, Sinking 4 mA Ramp VOS from 0.7 to 1.2. Monitor when PGOOD goes Low Ramp VOS from 0.8 to 1.2. Monitor when outputs disable Ramp VOS from 800 mV to 500 mV. Monitor when PGOOD goes Low Ramp VOS from 800 mV to 500 mV. Monitor when utputs stop switching Sourced from LG pin, before SS 0.65 0.5 0.88 1.0 0.72 0.6 1.0 18 18 7.0 0.4 1.0 1.2 40 0 0.1 2.0 1.0 80 80 0.8064 330 TBD Typ Max 13.2 30 8.0 100 4.2 3.8 Unit V V mA mA V V V V kHz kHz V % % ns dB mA mV mA Mhz V mA A W A W ns ns ms V V V V V
Supply Current
Quiescent Supply Current (NCP1589A) Boost Quiescent Current
Undervoltage Lockout
UVLO Threshold UVLO Threshold UVLO Hysteresis
Switching Regulator
VFB Feedback Voltage Oscillator Frequency (NCP1589A) Oscillator Frequency (NCP1589B) Ramp-Amplitude Voltage Minimum Duty Cycle Maximum Duty Cycle LG Minimum on Time
Error Amplifier
Open Loop DC Gain (Note 1) Output Source Current Output Sink Current Input Offset Voltage (Note 1) Input Bias Current Unity Gain Bandwidth (Note 1) Disable Threshold Output Source Current During Disable
Gate Drivers
Upper Gate Source Upper Gate Sink Lower Gate Source Lower Gate Sink UG Falling to LG Rising Delay LG Falling to UG Rising Delay
Soft-Start
Soft-Start time
Power Good
Output Voltage OVP Threshold to PGOOD Output Low OVP Threshold to Part Disable UVP Threshold to PGOOD Output Low UVP Threshold to Part Disable
Overcurrent Protection
OC Current Source (Note 1) 9.0 10 11 mA 1. Guaranteed by design but not tested in production.
http://onsemi.com
4
NCP1589A, NCP1589B
TYPICAL CHARACTERISTICS
303 VCC = 12 V FSW, FREQUENCY (kHz) 302 VCC = 5 V Vref, REFERENCE (mV) 808 806 804 802 800 798 796 794 299 0 10 20 30 40 50 60 70 792 0 20 40 60 80
301
300
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 3. Oscillator Frequency (FSW) vs. Temperature
5.3 5.0 4.7 ICC (mA) 4.4 4.1 3.8 3.5 0 539 0 NCP1589A NCP1589B OCP THRESHOLD (mV) 542 543
Figure 4. Reference Voltage (Vref) vs. Temperature
541
540
20
40
60
80
20
40
60
80
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 5. ICC vs. Temperature
Figure 6. OCP Threshold at 55k vs. Temperature
http://onsemi.com
5
NCP1589A, NCP1589B
APPLICATIONS INFORMATION
Over Current Protection (OCP)
The NCP1589A/B monitors the voltage drop across the low side mosfet and uses this information to determine if there is excessive output current. The voltage across the low side mosfet is measured from the LX pin, and is referenced to ground. The over current measurement is timed to occur at the end of the low side mosfet conduction period, just before the bottom mosfet is turned off. If the voltage drop across the bottom mosfet exceeds the over current protection threshold, then an internal counter is incremented. If the voltage drop does not exceed the over current protection threshold, then the internal counter is reset. The NCP1589A/B will latch the over current protection fault condition only if the over current protection threshold is exceeded for four consecutive cycles. When the NCP1589A/B latches an over current protection fault, both the high side and low side mosfets are turned off. To reset the over current protection fault, the power to the VCC pin must be cycled. The over current threshold voltage can be externally, by varying the value of the ROCSET resistor. The ROCSET resistor is a resistor connected between the LG pin (low side mosfet gate) and ground. During startup, after the VCC and BOOT pins reach the under voltage lock out threshold, the NCP1589A/B will source 10 mA of current out of the LG pin. This current will flow through the ROCSET resistor and produce a voltage that is sampled and then used as the over current protection threshold voltage. For example, if ROCSET is set to 10 kW, the 10 mA of current will yield a 100 mV threshold, and if the voltage drop across the low side mosfet exceeds 100 mV at the end of its conduction period, then an over current event will be detected. If the ROCSET resistor is not present, then the over current protection threshold will max out at 640 mV. The valid range for ROCSET is 5 kW to 55 kW which yields a threshold voltage range of 50 mV to 550 mV.
Internal Soft-Start
the under voltage lockout threshold, or if the NCP1589A/B is disabled by having the COMP pin pulled low.
Startup into a Precharged Load
During a startup and soft start sequence the NCP1589A will detect a residual charge on the output capacitors and not forcefully discharge the capacitors before beginning the softstart sequence, instead, the softstart ramping of the output will begin at the voltage level of the residual charge. For example, if the NCP1589A/B is configured to provide a regulated output voltage of 2.5 V, the normal softstart sequence will ramp the output voltage from 0 to 2.5 V in 4.2 ms; however if the output capcitors already have a 1.2 V charge on them, the NCP1589A/B will not discharge the capacitors, instead the softstart sequence will begin at 1.2 V and then ramp the output to 2.5 V.
Power Good
The PGOOD pin is an open drain active high output pin that signals the condition of the VOS (Voltage Output Sense) pin. PGOOD is pulled low during soft start cycle, and if there is a latched over current, over voltage, or under voltage fault. If the voltage on the VOS pin is within 10% of Vref (800 mV) then the PGOOD pin will not be pulled low. The PGOOD pin does not have an internal pull-up resistor.
Overvoltage Protection
If the voltage on the VOS pin exceeds the over voltage threshold the NCP1589A/B will latch an over voltage fault. During an over voltage fault the UG pin will be pulled low, and the LG pin will be high while the until the voltage on the VOS pin goes below Vref/2 (400 mV). The NCP1589A will continue drive the LG pin, LG will go high if VOS exceeds 1 V and then go low when VOS goes below 400 mV. The power to the NCP1589 must be cycled to reset the over voltage protection fault.
Under Voltage Protection
To prevent excess inrush current during startup, the NCP1589A/B uses a calibrated current source with an internal soft start capacitor to ramp the reference voltage from 0 to 800 mV over a period of 4 ms. The softstart ramp generator will reset if the input power supply voltages reach
If the voltage on the VOS pin falls below the under voltage threshold after the soft start cycle completes, then the NCP1589A/B will latch an under voltage fault. During an under voltage fault, both the UG and LG pins will be pulled low. The power to the NCP1589 must be cycled to reset the under voltage protection fault.
http://onsemi.com
6
NCP1589A, NCP1589B
4.0 V 3.6 V
VCC
Internal UVLO Fault 1.45 V COMP -0.7 V 700 mV
LG
50 mV OCP Programmable
UG
VOUT 0.8 V
FB
PGOOD POR UVLO SS NORMAL
Figure 7. Typical Startup Sequence
http://onsemi.com
7
NCP1589A, NCP1589B
VOS 0.88V 1.0V 0.88V 0.8V 0.72V 0.4V 0.8V 0.6V
PGOOD
UG LG
Overvoltage
Undervoltage
Figure 8. Typical Power Good Function Feedback and Compensation Design Example Voltage Mode Control Loop with TYPE III Compensation Converter Parameters:
The NCP1589A/B allows the output voltage to be adjusted from 0.8 V to 5.0 V via an external resistor divider network. The controller will try to maintain 0.8 V at feedback pin. Thus, if a resistor divider circuit was placed across the feedback pin to VOUT, the controller will regulate the output voltage proportional to the resistor divider network in order to maintain 0.8 V at the FB pin. The same formula applies to the VOS pin and the controller will maintain 0.8 V at the VOS pin.
VOUT
Input Voltage: VIN = 5 V Output Voltage: VOUT = 1.65 V Switching Frequency: 300 kHz Total Output Capacitance: COUT = 3600 mF Total ESR: ESR = 6 mW Output Inductance: LOUT: 1 mH Ramp Amplitude: VRAMP = 1.1 V
C1
R1 FB R4 R3 C3 R2
C2
Figure 9.
VOUT
R1 - E/A + Vref VCOMP
The relationship between the resistor divider network above and the output voltage is shown in the following equation:
R4 + R1 VREF VOUT * VREF
R4
Figure 10.
The same formula can be applied to the feedback resistors at VOS.
R9 + R10 VREF VOUT * VREF
a.. Set a target for the close loop bandwidth at 1/6th of the switching frequency.
F cross_over :+ 50 kHz
http://onsemi.com
8
NCP1589A, NCP1589B
b.. Output Filter Double Pole Frequency
F lc :+ 1 2@p@ L OUT @ C OUT
Step 5: Place 2nd zero at the output filter double pole frequency.
R3 :+ R1
F
SW lc
F lc + 2.653 kHz
2@F
*1
c.. ESR Zero Frequency:
F ESR :+ 1 2 @ p @ C OUT @ C ESR
R3 + 74.169 W
Step 6: Place 2nd pole at half the switching frequency.
C3 :+ 1 p @ R3 @ F SW
F ESR + 7.368 kHz
Step 1: Set a value for R1 between 2 kW and 5 kW
R1 :+ 4.12 kW
C3 + 0.014 mF
Step 2: Pick compensation DC gain (R2/R1) for desired close loop bandwidth.
V RAMP :+ 1.1 V R2 :+ R1 @ V RAMP V IN @ F cross_over F lc
Step 7: R4 is sized to maintain the feedback voltage to Vref = 0.8 V.
R4 :+ V REF @ R1 V OUT * V REF
R4 + 3.878 kW The Component values for Type III Compensation are:
R2 + 17.085 kW
Step 3: Place 1st zero at half the output filter double pole frequency.
C2 :+ 2 @ L OUT @ C OUT R2 10 -3 mF C2 C2 @ R2 @ 2 @ p @ F ESR * 1 10 -3 mF
C2 + 7.024
Step 4: Place 1st pole at ESR zero frequency.
C1 :+
R1 = 4.12 kW R2 = 17.085 kW R3 = 74.169 W R4 = 3.878 kW C1 = 0.0015 mF C2 = 0.007 mF C3 = 0.014 mF NOTE: Recommend to change values to industry standard component values.
C1 + 1.542
http://onsemi.com
9
NCP1589A, NCP1589B
PACKAGE DIMENSIONS
DFN10, 3x3, 0.5P CASE 485C-01 ISSUE B
D A B L1
EDGE OF PACKAGE NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. 5. TERMINAL b MAY HAVE MOLD COMPOUND MATERIAL ALONG SIDE EDGE. MOLD FLASHING MAY NOT EXCEED 30 MICRONS ONTO BOTTOM SURFACE OF TERMINAL b. 6. DETAILS A AND B SHOW OPTIONAL VIEWS FOR END OF TERMINAL LEAD AT EDGE OF PACKAGE. DIM A A1 A3 b D D2 E E2 e K L L1 MILLIMETERS MIN MAX 0.80 1.00 0.00 0.05 0.20 REF 0.18 0.30 3.00 BSC 2.40 2.60 3.00 BSC 1.70 1.90 0.50 BSC 0.19 TYP 0.35 0.45 0.00 0.03
PIN 1 REFERENCE 2X 2X
0.15 C
0.15 C
0.10 C
10X
DETAIL B
(A3) A A1
SEATING PLANE
0.08 C SIDE VIEW D2
10X
A1
DETAIL A 5
C
L
e
1
SOLDERING FOOTPRINT*
2.6016
10X
K
E2
10 10X
6
2.1746
b BOTTOM VIEW
10X
0.10 C A B 0.05 C
NOTE 3
0.5651
0.3008
10X
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
10
EEE EEE EEE
DETAIL B Side View (Optional)
CCC CCC CCC CCC
E
DETAIL A Bottom View (Optional)
EXPOSED Cu MOLD CMPD
TOP VIEW
A3
1.8508
3.3048
0.5000 PITCH
DIMENSIONS: MILLIMETERS
NCP1589A/D


▲Up To Search▲   

 
Price & Availability of NCP1589AMNTWG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X