Part Number Hot Search : 
SN9C102 STSR2M SML80J25 MLL5945 8870B US3002 58200 1FM44
Product Description
Full Text Search
 

To Download MV34001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs Varactor Diodes
Hyperabrupt
TM (R)
MV30011 - MV34010
Features

High Q Values for Higher Frequency Performance Large Tuning Ratios Low Reverse Current Gamma Values to 1.5 Available as Bondable Chips and as Packaged Diodes Available in Chip-on-Board Packaging Custom Designs Available

Applications

Description
Microsemi's GaAs hyperabrupt junction varactor diodes are fabricated from epitaxial layers grown at Microsemi by the Chemical Vapor Deposition technique. The layers are processed at using proprietary techniques resulting in varactors with constant gamma, high Q factor and repeatable tuning curves. These varactors are available in a variety of microwave ceramic packages or bondable chips for operation from UHF to millimeter wave frequencies.
Breakdown Voltage 50 mA @ 25C +20 dBm @ 25C -55C to +175C -55C to +200C
VCOs Phase-Locked Oscillators High Q Tunable Filters Phase Shifters Pre-Selectors
Maximum Ratings
Reverse Voltage Forward Current Incident Power Operating Temperature Storage Temperature
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information. These devices are ESD sensitive and must be handled using ESD precautions.
1
The MS3000 Series of products are
supplied with a RoHS complaint Gold finish.
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GaAs Varactor Diodes
Hyperabrupt
TM (R)
MV30011 - MV34010
Gamma = 1.25
High Q Constant Gamma Tuning Varactors (Specifications @ 25C)
Gamma = 0.75
Part Number MV32001 MV32002 MV32003 MV32004 MV32005 MV32006 MV32007 MV32008 MV32009 MV32010 CT @ 4 V 10% (pF)1, 3, 4 0.6 1.0 1.2 1.5 1.8 2.2 2.5 3.0 3.6 4.5 Typ. CT @2V / CT @20V5 2.8 3.1 3.2 3.3 3.4 3.5 3.6 3.6 3.7 3.8 Min. VBR @ 10 A (V) 22 22 22 22 22 22 22 22 22 22 Typ. Q @ -4 V2 4000 3000 3000 3000 3000 3000 2500 2500 2000 1500 Part Number MV31001 MV31002 MV31003 MV31004 MV31005 MV31006 MV31007 MV31008 MV31009 MV31010
CT @4V 10% (pF)1, 3, 4 0.6 1.0 1.2 1.5 1.8 2.2 2.5 3.0 3.6 4.5 CT @4 V 10% (pF)1, 3, 4 0.5 0.7 1.0 1.2 1.5 1.8 2.0 2.2 2.7 3.3 3.7 4.7 5.6 6.8 8.2 10.0
Typ. CT @2V / CT @12V5 4.2 5.1 5.4 5.7 5.9 6.2 6.3 6.5 6.7 6.8 Typ. CT @2V / CT @20V5 5.5 6.5 7.7 8.3 9.1 9.6 9.9 10.2 10.8 11.3 11.5 12.0 12.3 12.6 12.9 13.1
Min. VBR @ 10 A (V) 15 15 15 15 15 15 15 15 15 15 Min. VBR @ 10 A (V) 22 22 22 22 22 22 22 22 22 22 22 22 22 22 22 22
Typ. Q @ -4 V2 4000 3000 3000 3000 3000 3000 2000 2000 2000 1500
Gamma = 1.00
Part Number MV30001 MV30002 MV30003 MV30004 MV30005 MV30006 MV30007 MV30008 MV30009 MV30010 CT @4 V 10% (pF)1, 3, 4 0.6 1.0 1.2 1.5 1.8 2.2 2.5 3.0 3.6 4.5 CT @4 V 10% (pF)1, 3, 4 0.6 1.0 1.2 1.5 1.8 2.2 2.5 3.0 3.6 4.5 Typ. CT @2V / CT @12V5 3.2 3.7 3.8 4.0 4.1 4.2 4.3 4.4 4.5 4.5 Typ. CT @2V / CT @20V5 3.9 4.6 4.9 5.2 5.4 5.6 5.8 6.0 6.1 6.3 Min. VBR @ 10 A (V) 15 15 15 15 15 15 15 15 15 15 Min. VBR @ 10 A (V) 22 22 22 22 22 22 22 22 22 22 Typ. Q @ -4V2 4000 3000 3000 3000 3000 3000 2500 2500 2000 1500
Part Number MV31011 MV31012 MV31013 MV31014 MV31015 MV31016 MV31017 MV31018 MV31019 MV31020 MV31021 MV31022 MV31023 Typ. Q @ -4V2 4000 3000 3000 3000 3000 3000 2500 2500 2000 1500 MV31024 MV31025 MV31026
Typ. Q @ -4V2 4000 4000 3000 3000 3000 3000 3000 3000 2000 2000 2000 1500 1500 1500 1500 1500
Part Number MV30011 MV30012 MV30013 MV30014 MV30015 MV30016 MV30017 MV30018 MV30019 MV30020
Capacitance is specified at 1 MHz. Measured by DeLoach Technique and referenced to 50 MHz. Tightened tolerances available upon request. 4 Package capacitance is 0.15 pF is included in the above specification. 5 The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary depending upon package selection.
1 2 3
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GaAs Varactor Diodes
Hyperabrupt
TM (R)
MV30011 - MV34010
High Q Constant Gamma Tuning Varactors (Specifications @ 25)
Gamma = 1.50
Part Number MV34001 MV34002 MV34003 MV34004 MV34005 MV34006 MV34007 MV34008 MV34009 MV34010 CT @ 4 V 10% (pF)1, 3, 4 0.5 1.0 1.8 2.8 2.2 2.5 3.0 3.8 4.5 10.0 Typ. CT @ 2 V CT @ 12V5 4.5 5.9 7.1 7.3 7.4 7.6 7.9 8.1 8.3 8.9 Min. VBR @ 10 A (V) 15 15 15 15 15 15 15 15 15 15 Typ. Q @ -4 V2 3000 2500 2500 2500 1800 1800 1800 1800 1200 1200
Capacitance is specified at 1 MHz. Measured by DeLoach Technique and referenced to 50 MHz. Tightened tolerances available upon request. 4 Package capacitance is 0.15 pF is included in the above specification. 5 The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary depending upon package selection.
1 2 3
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 3
GaAs Varactor Diodes
Hyperabrupt
TM (R)
MV30011 - MV34010
Copyright 2008 Rev: 2009-05-11
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 4


▲Up To Search▲   

 
Price & Availability of MV34001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X