Part Number Hot Search : 
2N642601 AIC1652 DY10F 25K16 NTE3098 TB6501P L9104 80010
Product Description
Full Text Search
 

To Download MT2-1215WI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MT2
2 WATT DC/DC CONVER TER, SINGLE & MULTIPLE OUTPUTS
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load
INPUT SPECIFICATIONS
Input Voltage.................................... Wide Range Input Input Filter........................................ PI-Network
OUTPUT SPECIFICATIONS
Output Voltage Accuracy................. 10% Efficiency.......................................... 60% typ. Over-Current Protection...................Built-in (Automatic Recovery) Ripple ..............................................120 mVp-p (DC to 100MHZ) Line Regulation................................ 0.5% Line Filter......................................... Built-in Load Regulation...............................1.0% max. (Load Rate 0% ~ 100%) Spike Noise (DC to 100 MHZ).....................Input 150 mVp-p max. Output 70 mVp-p max.
FEATURES
Full SMD Design with Ceramic Capacitors 5 SIDED METAL CASE HIGH EFFICIENCY AND RELIABILITY INTERNAL EMI FILTER LOW OUTPUT RIPPLE AND NOISE SHORT CIRCUIT PROTECTION DIRECT PCB-SOLDERING INDUSTRY STANDARD PINOUT (IC-24P) LOW PROFILE, 10mm (0.39") HEIGHT FIVE YEAR WARRANTY
GENERAL SPECIFICATIONS
Isolation Voltage Primary to Secondary............... DC 500V/ 1min. 5mA Primary to Case........................ DC 500V/ 1min. 5mA Secondary to Case.................... DC 500V/ 1min. 5mA MTBF.............................................. >1,000,000 hours Isolation Resistance........................ INPUT-OUTPUT-CASE 50M-ohms min. (Measured at 500 VDC)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................... -25 - +75C Temperature Coefficient...................0.05%/ C Humidity........................................... 30%~95% RH Storage Temperature....................... -25C ~ +85C
EMI
Complys with: CISPR CLASS A
PHYSICAL SPECIFICATIONS
Case Material.....................................Nickel-Plated Steel Dual Inline Pin Configuration
4
Series
MODEL MT2-0505SI MT2-0512SI MT2-0515SI MT2-0512WI MT2-0515WI MT2-1205SI MT2-1212SI MT2-1212WI MT2-1215WI MT2-2405SI MT2-2412SI MT2-2412WI MT2-2415WI
TYPE A: SINGLE OUTPUT 1, 12, 11, 10, 2, 3, 24 13 14 15 23 22 INPUT + V INPUT - V OUTPUT + V OUTPUT - V NC NC 1, 12, 11, 10, 2, 3,
INPUT VOLTAGE
OUTPUT VOLTAGE OUTPUT CURRENT 5 VDC 12 VDC 15 VDC +/-12 VDC +/-15 VDC 5 VDC 12 VDC +/-12 VDC +/-15 VDC 5 VDC 12 VDC +/-12 VDC +/-15 VDC 400mA 160mA 130mA +/-80mA +/-65mA 400mA 160mA +/-80mA +/-65mA 400mA 160mA +/-80mA +/-65mA
TYPE A: DUALOUTPUT 24 13 14 15 23 22 INPUT + V INPUT - V OUTPUT1 + V OUTPUT1 - V OUTPUT2 + V OUTPUT2 - V
5 VDC (4.5 ~ 5.5V)
12 VDC (10.8 ~ 13.2V)
24 VDC (21.6 ~ 26.4V)
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
* Dimensions in mm
5


▲Up To Search▲   

 
Price & Availability of MT2-1215WI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X