Part Number Hot Search : 
120NF04 AQW210TS OEH3048A 536KFKE V1210 EVALZ AP1075 F06F150S
Product Description
Full Text Search
 

To Download MRF282 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF282 Rev. 15, 5/2006
RF Power Field Effect Transistors
N - Channel Enhancement - Mode Lateral MOSFETs
Designed for Class A and Class AB PCN and PCS base station applications with frequencies up to 2600 MHz. Suitable for FM, TDMA, CDMA, and multicarrier amplifier applications. * Specified Two - Tone Performance @ 2000 MHz, 26 Volts Output Power -- 10 Watts PEP Power Gain -- 10.5 dB Efficiency -- 28% Intermodulation Distortion -- - 31 dBc * Specified Single - Tone Performance @ 2000 MHz, 26 Volts Output Power -- 10 Watts CW Power Gain -- 9.5 dB Efficiency -- 35% * Capable of Handling 10:1 VSWR, @ 26 Vdc, 2000 MHz, 10 Watts CW Output Power Features * Excellent Thermal Stability * Characterized with Series Equivalent Large - Signal Impedance Parameters * RoHS Compliant * Available in Tape and Reel. R1 Suffix = 500 Units per 12 mm, 7 inch Reel.
MRF282SR1 MRF282ZR1
2000 MHz, 10 W, 26 V LATERAL N - CHANNEL BROADBAND RF POWER MOSFETs
CASE 458B - 03, STYLE 1 NI - 200S MRF282SR1
CASE 458C - 03, STYLE 1 NI - 200Z MRF282ZR1
Table 1. Maximum Ratings
Rating Drain - Source Voltage Gate - Source Voltage Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Case Operating Temperature Operating Junction Temperature Symbol VDSS VGS PD Tstg TC TJ Value - 0.5, +65 20 60 0.34 - 65 to +150 150 200 Unit Vdc Vdc W W/C C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Symbol RJC Value 4.2 Unit C/W
Table 3. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Drain - Source Breakdown Voltage (VGS = 0, ID = 10 Adc) Zero Gate Voltage Drain Current (VDS = 28 Vdc, VGS = 0) Gate - Source Leakage Current (VGS = 20 Vdc, VDS = 0) V(BR)DSS IDSS IGSS 65 -- -- -- -- -- -- 1.0 1.0 Vdc Adc Adc Symbol Min Typ Max Unit
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
MRF282SR1 MRF282ZR1 1
RF Device Data Freescale Semiconductor
Table 3. Electrical Characteristics (TC = 25C unless otherwise noted) (continued)
Characteristic On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 50 Adc) Drain - Source On - Voltage (VGS = 10 Vdc, ID = 0.5 Adc) Gate Quiescent Voltage (VDS = 26 Vdc, ID = 75 mAdc) Dynamic Characteristics Input Capacitance (VDS = 26 Vdc, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 26 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 26 Vdc, VGS = 0, f = 1.0 MHz) Functional Tests (In Freescale Test Fixture) Common - Source Power Gain (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 2000.0 MHz, f2 = 2000.1 MHz) Drain Efficiency (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 2000.0 MHz, f2 = 2000.1 MHz) Intermodulation Distortion (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 2000.0 MHz, f2 = 2000.1 MHz) Input Return Loss (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 2000.0 MHz, f2 = 2000.1 MHz) Common - Source Power Gain (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 1930.0 MHz, f2 = 1930.1 MHz) Drain Efficiency (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 1930.0 MHz, f2 = 1930.1 MHz) Intermodulation Distortion (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 1930.0 MHz, f2 = 1930.1 MHz) Input Return Loss (VDD = 26 Vdc, Pout = 10 W PEP, IDQ = 75 mA, f1 = 1930.0 MHz, f2 = 1930.1 MHz) Common - Source Power Gain (VDD = 26 Vdc, Pout = 10 W CW, IDQ = 75 mA, f = 2000.0 MHz) Drain Efficiency (VDD = 26 Vdc, Pout = 10 W CW, IDQ = 75 mA, f = 2000.0 MHz) Gps 10.5 11.5 -- dB Ciss Coss Crss -- -- -- 15 8.0 0.45 -- -- -- pF pF pF VGS(th) VDS(on) VGS(q) 2.0 -- 3.0 3.0 0.4 4.0 4.0 0.6 5.0 Vdc Vdc Vdc Symbol Min Typ Max Unit
28
--
--
%
IMD
--
- 31
- 28
dBc
IRL
--
- 14
-9
dB
Gps
10.5
11.5
--
dB
28
--
--
%
IMD
--
- 31
- 28
dBc
IRL
--
- 14
-9
dB
Gps
9.5 35
11.5 40
-- --
dB %
MRF282SR1 MRF282ZR1 2 RF Device Data Freescale Semiconductor
R2 VGG + C3 R1 B1 C4
R3 R4 B2 C5 Z6 C7 C8 Z12 C10 C11 C13
R5 B3 B4 C16 + C18 VDD
RF INPUT
Z5 Z1 Z2 C1 Z3 C2 C6 Z4 Z7 Z8 C9 DUT Z9 Z10
Z11 Z13 Z14 C15 C12 C14 Z15 Z16 C17
RF OUTPUT
Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Z10
0.491 x 0.080 Microstrip 0.253 x 0.080 Microstrip 0.632 x 0.080 Microstrip 0.567 x 0.080 Microstrip 1.139 x 0.055 Microstrip 0.236 x 0.055 Microstrip 0.180 x 0.325 Microstrip 0.301 x 0.325 Microstrip 0.439 x 0.325 Microstrip 0.055 x 0.325 Microstrip
Z11 Z12 Z13 Z14 Z15 Z16 Raw Board Material
0.636 x 0.055 Microstrip 0.303 x 0.055 Microstrip 0.463 x 0.080 Microstrip 0.105 x 0.080 Microstrip 0.452 0.085 x 0.080 Microstrip 0.910 0.085 x 0.080 Microstrip 0.030 Glass Teflon(R), 2 oz Copper, 3 x 5 Dimensions, Arlon GX0300 - 55 - 22, r = 2.55
Figure 1. 1930 - 2000 MHz Broadband Test Circuit Schematic Table 4. 1930 - 2000 MHz Broadband Test Circuit Component Designations and Values
Designators B1, B4 B2, B3 C1, C2, C9 C3 C4, C5, C13, C16 C6 C7 C8 C10 C11 C12 C14 C15 C17 C18 R1 R2, R5 R3, R4 WS1, WS2 Description Surface Mount Ferrite Beads, 0.120 x 0.333 x 0.100, Fair Rite #2743019446 Surface Mount Ferrite Beads, 0.120 x 0.170 x 0.100, Fair Rite #2743029446 0.8 - 8.0 pF Variable Capacitors, Johanson Gigatrim #27291SL 10 mF, 35 V Tantalum Surface Mount Chip Capacitor, Kemet #T495X106K035AS4394 0.1 mF Chip Capacitors, Kemet #CDR33BX104AKWS 200 pF Chip Capacitor, ATC #100B201JCA500X 18 pF Chip Capacitor, ATC #100B180KP500X 39 pF Chip Capacitor, ATC #100B390JCA500X 27 pF Chip Capacitor, ATC #100B270JCA500X 1.2 pF Chip Capacitor, ATC #100B1R2CCA500X 0.6 - 4.5 pF Variable Capacitor, Johanson Gigatrim #27271SL 0.5 pF Chip Capacitor, ATC #100B0R5BCA500X 15 pF Chip Capacitor, ATC #100B150JCA500X 0.1 pF Chip Capacitor, ATC #100B0R1BCA500X 22 mF, 35 V Tantalum Surface Mount Chip Capacitor, Kemet #T491X226K035AS4394 560 k, 1/4 W Chip Resistor, 0.08 x 0.13 12 , 1/4 W Chip Resistors, 0.08 x 0.13, Garrett Instruments #RM73B2B120JT 91 W, 1/4 W Chip Resistors, 0.08 x 0.13, Garrett Instruments #RM73B2B910JT Beryllium Copper Wear Blocks 0.010 x 0.235 x 0.135 NOM Brass Banana Jack and Nut Red Banana Jack and Nut Green Banana Jack and Nut Type "N" Jack Connectors, Omni - Spectra # 3052 - 1648 - 10 4 - 40 Ph Head Screws, 0.125 Long 4 - 40 Ph Head Screws, 0.188 Long 4 - 40 Ph Head Screws, 0.312 Long 4 - 40 Ph Rec. Hd. Screws, 0.438 Long RF Circuit Board 3 x 5 Copper Clad PCB, Glass Teflon(R)
MRF282SR1 MRF282ZR1 RF Device Data Freescale Semiconductor 3
R1 R2
C4 B2
C5
C7 C8
C13 R5 C10 C11 B4 B3 C16
C18
B1
R3 R4
C3 C6 C15
WS1
WS2
C14 C1 C2 C9
C17
C12
MRF282 Rev - 0 Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have no impact on form, fit or function of the current product.
Figure 2. 1930 - 2000 MHz Broadband Test Circuit Component Layout
MRF282SR1 MRF282ZR1 4 RF Device Data Freescale Semiconductor
R1
R2
R3
R4
R5
R6
VGG
+ C1
B1
C4
B2
C7
B3
C5
C8
C14
C11
B5 C10
B4 C13
B6
+ C16
VDD
RF INPUT Z1
L1 Z2 C2
L2 Z3 Z4 C3 C6 Z5
L3 Z6
L4 DUT Z7 C9 C12 C15 Z8 Z9 Z10
L5 Z11 C17
RF OUTPUT
Z1 Z2 Z3 Z4 Z5 Z6 Z7
0.122 x 0.08 Microstrip 0.650 x 0.08 Microstrip 0.160 x 0.08 Microstrip 0.030 x 0.08 Microstrip 0.045 x 0.08 Microstrip 0.291 x 0.08 Microstrip 0.483 x 0.330 Microstrip
Z8 Z9 Z10 Z11 Raw Board Material
0.414 x 0.330 Microstrip 0.392 x 0.08 Microstrip 0.070 x 0.08 Microstrip 1.110 x 0.08 Microstrip 0.030 Glass Teflon(R), 2 oz Copper, 3 x 5 Dimensions, Arlon GX0300 - 55 - 22, r = 2.55
Figure 3. 1810 - 1880 MHz Broadband Test Circuit Schematic
Table 5. 1810 - 1880 MHz Broadband Test Circuit Component Designations and Values
Designators B1, B2, B3, B4, B5, B6 C1, C16 C2, C9, C12, C17 C3 C4, C13 C5, C14 C6, C8, C11, C15 C7, C10 L1 L2 L3, L4 L5 R1, R2, R3 R4, R5, R6 W1, W2 Description Surface Mount Ferrite Beads, 0.120 x 0.170 x 0.100, Fair Rite #2743029446 470 F, 63 V Electrolytic Capacitors, Mallory #SME63UB471M12X25L 0.6 - 4.5 pF Variable Capacitors, Johanson Gigatrim #27271SL 0.8 - 8.0 pF Variable Capacitor, Johanson Gigatrim #27291SL 0.1 F Chip Capacitors, Kemet #CDR33BX104AKWS 100 pF Chip Capacitors, ATC #100B101JCA500X 12 pF Chip Capacitors, ATC #100B120JCA500X 1000 pF Chip Capacitors, ATC #100B102JCA50X 3 Turns, 27 AWG, 0.087 OD, 0.050 ID, 0.053 Long, 6.0 nH 5 Turns, 27 AWG, 0.087 OD, 0.050 ID, 0.091 Long, 15 nH 9 Turns, 26 AWG, 0.080 OD, 0.046 ID, 0.170 Long, 30.8 nH 4 Turns, 27 AWG, 0.087 OD, 0.050 ID, 0.078 Long, 10 nH 12 , 1/8 W Fixed Film Chip Resistors, Garrett Instruments #RM73B2B120JT 0.08 x 0.13 Resistors, Garrett Instruments #RM73B2B120JT Beryllium Copper 0.010 x 0.110 x 0.210
MRF282SR1 MRF282ZR1 RF Device Data Freescale Semiconductor 5
VSUPPLY + R1 R2 R3 R4 R6 + C2 C4 C5 C6 R8 C8 C9 Q1 Q2 B1 C13 C14 R9 C16 R10 C18 C20 B2 B3 VDD R5 C1 VDD
R7
+
L2 RF OUTPUT Z5 Z6 Z7 C17 Z8 Z9 C19
RF INPUT
L1 Z1 C3 Z2 C7 Z3 C10 Z4
DUT
C11
C12
C15
Z1 Z2 Z3 Z4 Z5 Z6
0.624 x 0.08 Microstrip 0.725 x 0.08 Microstrip 0.455 x 0.08 Microstrip 0.530 x 0.330 Microstrip 0.280 x 0.330 Microstrip 0.212 x 0.330 Microstrip
Z7 Z8 Z9 Raw Board Material
0.408 x 0.08 Microstrip 0.990 x 0.08 Microstrip 0.295 x 0.08 Microstrip 0.030 Glass Teflon(R), 2 oz Copper, 3 x 5 Dimensions, Arlon GX0300 - 55 - 22, r = 2.55
Figure 4. Class A Broadband Test Circuit Schematic Table 6. Class A Broadband Test Circuit Component Designations and Values
Designators B1, B2, B3 C1, C20 C2 C3, C10, C15 C4, C16 C5 C6, C7, C9, C14, C17 C8, C13 C11, C12 C18 C19 L1 L2 Q1 Q2 R1 R2 R3 R4, R6, R7 R5 R8, R9, R10 Input/Output Description Ferrite Beads, Ferroxcube #56 - 590 - 65 - 3B 470 F, 63 V Electrolytic Capacitors, Mallory #SME63V471M12X25L 0.01 F Chip Capacitor, ATC #100B103JCA50X 0.6 - 4.5 pF Variable Capacitors, Johanson #27271SL 0.02 F Chip Capacitors, ATC #100B203JCA50X 100 F, 50 V Electrolytic Capacitor, Mallory #SME50VB101M12X256 12 pF Chip Capacitors, ATC #100B120JCA500X 51 pF Chip Capacitors, ATC #100B510JCA500X 0.3 pF Chip Capacitors, ATC #100B0R3CCA500X 0.1 F Chip Capacitor, Kemet #CDR33BX104AKWS 0.4 - 2.5 pF Variable Capacitor, Johanson #27285 8 Turns, 0.042 ID, 24 AWG, Enamel 9 Turns, 0.046 ID, 26 AWG, Enamel NPN, 15 W, Bipolar Transistor, MJD310 PNP, 15 W, Bipolar Transistor, MJD320 200 , 1/4 W Axial Resistor 1.0 k, 1/2 W Potentiometer, Bourns 13 k, 1/4 W Axial Resistor 390 , 1/8 W Chip Resistors, Garrett Instruments #RM73B2B391JT 1.0 , 10 W 1% Resistor, Dale #RE65G1R00 12 , 1/8 W Chip Resistors, Garrett Instruments #RM73B2B120JT Type N Flange Mount RF55 - 22 Connectors, Omni - Spectra
MRF282SR1 MRF282ZR1 6 RF Device Data Freescale Semiconductor
Zo = 5 f = 2000 MHz Zin f = 1800 MHz f = 2000 MHz ZOL*
f = 1800 MHz
VDD = 26 V, IDQ = 75 mA, Pout = 10 W (PEP) f MHz 1800 1860 1900 1960 2000 Zin Zin 2.1 + j1.0 2.05 + j1.15 2.0 + j1.2 1.9 + j1.4 1.85 + j1.6 ZOL* 3.8 - j0.15 3.77 - j0.13 3.75 - j0.1 3.65 + j0.1 3.55 + j0.2
= Complex conjugate of source impedance.
ZOL* = Complex conjugate of the optimum load impedance at given output power, voltage, IMD, bias current and frequency.
Input Matching Network
Device Under Test
Output Matching Network
Z
in
Z
* OL
Figure 5. Series Equivalent Input and Output Impedence
MRF282SR1 MRF282ZR1 RF Device Data Freescale Semiconductor 7
NOTES
MRF282SR1 MRF282ZR1 8 RF Device Data Freescale Semiconductor
NOTES
MRF282SR1 MRF282ZR1 RF Device Data Freescale Semiconductor 9
NOTES
MRF282SR1 MRF282ZR1 10 RF Device Data Freescale Semiconductor
PACKAGE DIMENSIONS
ccc
M
TA M
1
M
B
M NOTES: 1. CONTROLLING DIMENSIONS: INCHES. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. ALL DIMENSIONS ARE SYMMETRICAL ABOUT CENTERLINE UNLESS OTHERWISE NOTED. INCHES MIN MAX 0.180 0.190 0.140 0.150 0.082 0.116 0.047 0.053 0.004 0.010 0.004 0.006 0.025 0.031 0.060 0.110 0.197 0.203 0.177 0.183 0.147 0.153 0.157 0.163 --- 0.020 0.010 REF 0.015 REF MILLIMETERS MIN MAX 4.572 4.83 3.556 3.81 2.083 2.946 1.194 1.346 0.102 0.254 0.102 0.152 0.635 0.787 1.524 2.794 5.004 5.156 4.496 4.648 3.734 3.886 3.988 4.14 --- 0.508 0.254 REF 0.381 REF
(INSULATOR)
R
(LID)
ccc
M
TA
M
B
M
4X
Z
DIM A B C D E F H K M N R S Z bbb ccc
2X
K S (INSULATOR) ccc M T A B
2 2X
M
B
M
D bbb
M M
3
TA B
M
M
B
M
(FLANGE)
B
ccc
M
TA
(LID)
N
E
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
F C
H A
(FLANGE)
A
T
SEATING PLANE
CASE 458B - 03 ISSUE E NI - 200S MRF282SR1
ccc
M
TA M
M
B
M
F R
(LID)
(INSULATOR) 4X
Y
Z
1
ccc
M
TA
M
B
M 3
NOTES: 1. CONTROLLING DIMENSIONS: INCHES. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DIMENSION H (PACKAGE COPLANARITY): THE BOTTOM OF LEADS AND REFERENCE PLANE T MUST BE COPLANAR WITHIN DIMENSION H. INCHES MIN MAX 0.180 0.190 0.140 0.150 0.082 0.116 0.047 0.053 0.004 0.010 0.004 0.006 0.000 0.004 0.050 0.090 0.197 0.203 0.177 0.183 0.147 0.153 0.157 0.163 0.020 0.040 --- R .020 .010 REF .015 REF MILLIMETERS MIN MAX 4.572 4.830 3.556 3.810 2.083 2.946 1.194 1.346 0.102 0.254 0.102 0.152 0.000 0.102 1.270 2.286 5.004 5.156 4.496 4.648 3.734 3.886 3.988 4.140 0.508 1.016 --- R .508 0.254 REF 0.381 REF
S
(INSULATOR)
ccc
M
TA
M
B
(FLANGE) M
B
2 2X
B
2X
D
M
K
bbb
TA
M
B
M
ccc
M
TA
(LID)
M
B
M
N
DIM A B C D E F H K M N R S Y Z bbb ccc
H C
E
STYLE 1: PIN 1. DRAIN 2. GATE 3. SOURCE
A
(FLANGE)
A
T
SEATING PLANE
CASE 458C - 03 ISSUE E NI - 200Z MRF282ZR1
MRF282SR1 MRF282ZR1 RF Device Data Freescale Semiconductor 11
How to Reach Us:
Home Page: www.freescale.com E - mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1 - 800 - 521 - 6274 or +1 - 480 - 768 - 2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800 - 441 - 2447 or 303 - 675 - 2140 Fax: 303 - 675 - 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MRF282SR1 MRF282ZR1
Rev. 12 15, 5/2006 Document Number: MRF282
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF282

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X