Part Number Hot Search : 
FDS650 3KP15 2SK30 LC22024A PT2127A 1E63UM SEF206A SMAJ43C
Product Description
Full Text Search
 

To Download MMBTA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTA92 / MMBTA93
PNP Silicon High Voltage Transistors
for high voltage switching and amplifier applications.
As complementary types the NPN transistors MMBTA42 and MMBTA43 are recommended.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Total Device Dissipation Junction Temperature Storage Temperature Range MMBTA92 MMBTA93 MMBTA92 MMBTA93
Symbol -VCBO -VCEO -VEBO -IC Ptot Tj TS
Value 300 200 300 200 5 500 200 150 - 55 to + 150
Unit V V V mA mW
O
C C
O
Characteristics at Ta = 25 OC Parameter
DC Current Gain at -VCE = 10 V, -IC = 1 mA at -VCE = 10 V, -IC = 10 mA at -VCE = 10 V, -IC = 30 mA Collector Cutoff Current at -VCB = 200 V at -VCB = 160 V Emitter Cutoff Current at -VEB = 3 V Collector Base Breakdown Voltage at -IC = 100 A Collector Emitter Breakdown Voltage at -IC = 1 mA Emitter Base Breakdown Voltage at -IE = 100 A Collector Emitter Saturation Voltage at -IC = 20 mA, -IB = 2 mA Base Emitter Saturation Voltage at -IC = 20 mA, -IB = 2 mA Current Gain Bandwidth Product at -VCE = 20 V, -IC = 10 mA, f = 100 MHz Collector Base Capacitance at -VCB = 20 V, f = 1 MHz MMBTA92 MMBTA93
Symbol hFE hFE hFE -ICBO -ICBO -IEBO MMBTA92 MMBTA93 MMBTA92 MMBTA93 -V(BR)CBO -V(BR)CBO -V(BR)CEO -V(BR)CEO -V(BR)EBO -VCE(sat) -VBE(sat) fT MMBTA92 MMBTA93 Ccb Ccb
Min. 25 40 25 300 200 300 200 5 50 -
Max. 0.25 0.25 0.1 0.5 0.9 6 8
Unit A A A V V V V V V V MHz pF pF
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated :13/03/2007
MMBTA92 / MMBTA93
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated :13/03/2007


▲Up To Search▲   

 
Price & Availability of MMBTA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X