Part Number Hot Search : 
FR102GP 13S12 TIP9013 6006S RF5325SR SR840 2SK25031 2SB850
Product Description
Full Text Search
 

To Download MAHYCC0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAHYCC0001
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
Features
* * * * * * * * * Small Size and Low Profile Typical Insertion Loss 0.7 dB Typical Amplitude Balance 0.3 dB 1 Watt Power Handling Lead-Free SOT-26 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of QH01-0016 Rev. V2
Functional Block Diagram
Description
M/A-COM's MAHYCC0001 is an IC-based monolithic power divider using M/A-COM's GMIC technology in a low cost SOT-26 plastic package. This Quad Hybrid is ideally suited for applications where small size, low insertion loss, superior phase/ amplitude tracking and low cost are required. Typical applications include base station switching networks and other cellular applications where size and PCB real estate are at a premium. Available in Tape and Reel. The MAHYCC0001 is fabricated using a passiveintegrated circuit process. The process features fullchip passivation for increased performance and reliability.
Pin Configuration
Pin No.
1
Function
RF IN GND ISOLATED
Pin No.
4 5 6
Function
0 OUTPUT GND 90 OUTPUT
Ordering Information
Part Number
MAHYCC0001 MAHYCC0001-TR MAHYCC0001-TB
2 3
Package
Bulk Packaging 1000 piece reel Sample Test Board
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAHYCC0001
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
Electrical Specifications: TA = 25C, Z0 = 50
Parameter Insertion Loss above 3.0 dB Isolation VSWR Input RF1, RF2 Outputs Units
dB dB -- -- dB Deg
Rev. V2
Min
-- 14 -- -- -- --
Typ
0.7 17 1.3:1 1.4:1 0.4 1.5
Max
1.2 -- 1.5:1 1.6:1 0.9 6
Amplitude Balance Phase Balance
Absolute Maximum Ratings 1,2
Parameter Input Power
3
Absolute Maximum 1 W CW -40C to +85C -65C to +150C
Recommended PCB Configuration
Operating Temperature Storage Temperature
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits. 3. With internal load dissipation of 0.125 W Maximum.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
GMIC Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAHYCC0001
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
Typical Performance Curves @ 25C
Insertion Loss vs. Frequency Amplitude Balance vs. Frequency
Rev. V2
VSWR vs. Frequency
Isolation vs. Frequency
Phase Balance vs. Frequency
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAHYCC0001
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
Rev. V2
Lead-Free, SOT-26
Reference Application Note M538 for lead-free solder reflow recommendations.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAHYCC0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X