Part Number Hot Search : 
MT6L61AT MP6KE24A SMB110 HC55120 KTK7132E ADG222TE P6KE350A IRGPC50
Product Description
Full Text Search
 

To Download J115F21A6VDCN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J115F2
Features
* * *
RoHS Compliant
31.9 x 26.8 x 28.1 mm
E197852
UL F class rated standard, UL/CUL certified Small size and light weight, low coil power consumption Heavy contact load, stron shock and vibration resistance 1A = SPST N.O. 1B = SPST N.C. 1C = SPST Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current < 30 milliohms initial AgSnO2 AgSnO2In2O3 9600VA, 1120W 277VAC, 110VDC 40A
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Contact Data
Contact Arrangement
Contact Rating
N.O.
40A @ 240VAC Resistive 30A @ 277VAC General Purpose 2hp @ 250VAC
N.C.
30A @ 240VAC Resistive 30A @ 30VDC 20A @ 277VAC General Purpose 1-1/2hp @ 250VAC
Coil Data DC Parameters
Coil Voltage VDC Rated 3 5 6 9 12 15 18 24 48 110 Max 3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 140.3 Coil Resistance +/- 10% .6W 15 42 60 135 240 375 540 960 3840 20167 .9W 10 28 40 90 160 250 360 640 2560 13445 Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50 10% of rated voltage .3 .5 .6 .9 1.2 1.5 1.8 2.4 4.8 11.0 .60 .90 15 10 Coil Power W Operate Time ms Release Time ms
Specifications and availability subject to change without notice.
Coil Data AC Parameters
Coil Voltage VAC Rated 12 24 110 120 220 240 277 Max 15.6 31.2 143 156 286 312 360 27 120 2360 3040 13490 15320 20210 Coil Resistance +/- 10% Pick Up Voltage Release Voltage VAC (max) VAC (min) 75% of rated voltage 9.00 18.00 82.50 90.00 165.00 180.00 207.00 30% of rated voltage 3.6 7.2 33.0 36.0 66.0 72.0 83.1 2VA 15 10 Coil Power VA Operate Time ms Release Time ms
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
J115F2
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength
Specifications and availability subject to change without notice.
100K cycles, typical 10M cycles, typical 1000M min. @ 500VDC 2500V rms min. @ sea level 1500V rms min. @ sea level 200m/s2 for 11 ms 1.50mm double amplitude 10~40Hz 10N -55oC to +125oC -55oC to +155oC 260oC for 5 s 35g
Operating Temperature Storage Temperature Solderability Weight
Ordering Information
1. Series J115F2 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Profile Blank = Standard L = Low profile 4. Coil Voltage 3VDC 5VDC 6VDC 9VDC 12VDC 15VDC 18VDC 24VDC 48VDC 110VDC 12VAC 24VAC 110VAC 120VAC 220VAC 240VAC 277VAC J115F2 1C 12VDC S .9
Dimensions shown in mm. Dimensions are shown for reference purposes only.
5. Sealing Option S = Sealed (standard) N = No cover 6. Coil Power .9 = .9W .6 = .6W Blank = 2VA (AC Coil) 7. Contact Material Blank = AgSnO2 U = AgSnO2In2O3
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
J115F2
Dimensions
Units = mm
S = Sealed
L = Low Profile
Dimensions shown in mm. Dimensions are shown for reference purposes only.
** Quick Connect Terminal : Contacts - 6.35 x .81mm (.250" x .032")
N = No Cover
Schematics & PC Layouts
Bottom Views
Specifications and availability subject to change without notice.
1A
1B
1C
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of J115F21A6VDCN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X