Part Number Hot Search : 
1T350 STT2PF 1SMB130A DF02S SMAJ120 1H681 BT301 BCR153U
Product Description
Full Text Search
 

To Download HY27UG088G5M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
8Gb NAND FLASH
HY27UG088G5M HY27UG088GDM
This document is a general product description and is subject to change without notice. Hynix does not assume any responsibility for use of circuits described. No patent licenses are implied. Rev. 0.6 / Dec. 2006 1
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Document Title
8Gbit (1Gx8bit) NAND Flash Memory Revision History
Revision No.
0.0 Initial Draft. 1) Add HY27UG088G5M & HY27UG088GDM Products. - Texts & figures are added. 2) Change Ac Characteristics tR Before After 20 25 tCLS 0.1 Before After 12 15 tAR 10 15 tWP 12 15 tDS 12 15 tREA 18 20 tWC 25 30 tRHZ 30 50 tADL 70 100 tCHZ 30 50 tRP 12 15 tCEA 25 35 tRC 25 30 Oct. 23. 2005 Preliminary
History
Draft Date
Sep. 08. 2005
Remark
Initial
3) Add tCRRH (100ns, Min) - tCRRH: cache Read RE High 4) Change 3rd Read ID - 3rd Read ID is changed to C1h - 3rd Byte of Device Identifier Table is added. 5) Change NOP - Number of Partial Program Cycle in the same page is changed to 4. 6) Delete Concurrent Operation. 1) Change AC Characteristics tREA 0.2 Before After 20 25 tCEA 35 30 tCS 20 25 Nov. 16. 2005 Preliminary
Rev. 0.6 / Dec. 2006
2
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash Revision History
Revision No.
1) Correct Read ID naming 2) Add ECC algorithm. (1bit/512bytes) 3) Change valid block number (max) valid block number Before After 0.3 8092 8192 Jun. 20. 2006 ICC2 Typ 25 15 Max 45 30 ICC3 Typ 25 15 Max 45 30 Preliminary
- Continued
History
Draft Date
Remark
4) Change NOP 5) Change DC characterics ICC1 Typ Before After 25 15 Max 45 30
6) Delete TSOP 1CE package dimension & figures. 0.4 0.5 0.6 1) Delete Preliminary. 1) Correct copy back function. 1) Delete PRE function. 2) Delete Lock & Unlock function. 3) Delete Auto Read function. Jul. 10. 2006 Oct. 02. 2006 Dec. 26. 2006
Rev. 0.6 / Dec. 2006
3
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash FEATURES SUMMARY
HIGH DENSITY NAND FLASH MEMORIES - Cost effective solutions for mass storage applications NAND INTERFACE - x8 width. - Multiplexed Address/ Data - Pinout compatibility for all densities STATUS REGISTER ELECTRONIC SIGNATURE - 1st cycle: Manufacturer Code - 2nd cycle: Device Code CHIP ENABLE DON'T CARE - Simple interface with microcontroller SERIAL NUMBER OPTION HARDWARE DATA PROTECTION - Program/Erase locked during Power transitions DATA INTEGRITY - 100,000 Program/Erase cycles (with 1bit/512byte ECC) - 10 years Data Retention PACKAGE - HY27UG088G5M-T(P) : 48-Pin TSOP1 (12 x 20 x 1.2 mm) - HY27UG088G5M-T (Lead) - HY27UG088G5M-TP (Lead Free) - HY27UG088GDM-UP :52- ULGA (12 x 17 x 0.65 mm) - HY27UG088GDM-DP (Lead Free)
SUPPLY VOLTAGE - 3.3V device: VCC = 2.7 to 3.6V : HY27UG088G(5/D)M Memory Cell Array = (2K+ 64) Bytes x 64 Pages x 8,192 Blocks PAGE SIZE - x8 device : (2K + 64 spare) Bytes : HY27UG088G(5/D)M
BLOCK SIZE - x8 device: (128K + 4K spare) Bytes PAGE READ / PROGRAM - Random access: 25us (max.) - Sequential access: 30ns (min.) - Page program time: 200us (typ.) COPY BACK PROGRAM MODE - Fast page copy without external buffering CACHE PROGRAM MODE - Internal Cache Register to improve the program throughput FAST BLOCK ERASE - Block erase time: 2ms (Typ.)
Rev. 0.6 / Dec. 2006
4
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash 1. SUMMARY DESCRIPTION
The HYNIX HY27UG088G(5/D)M series is a 1Gx8bit with spare 32Mx8 bit capacity. The device is offered in 3.3V Vcc Power Supply. Its NAND cell provides the most cost-effective solution for the solid state mass storage market. The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. The device contains 8192 blocks, composed by 64 pages consisting in two NAND structures of 32 series connected Flash cells. A program operation allows to write the 2112-byte page in typical 200us and an erase operation can be performed in typical 2ms on a 128K-byte(X8 device) block. Data in the page mode can be read out at 30ns cycle time per byte. The I/O pins serve as the ports for address and data input/output as well as command input. This interface allows a reduced pin count and easy migration towards different densities, without any rearrangement of footprint. Commands, Data and Addresses are synchronously introduced using CE, WE, ALE and CLE input pin. The on-chip Program/Erase Controller automates all program and erase functions including pulse repetition, where required, and internal verification and margining of data. The modifying can be locked using the WP input pin. The output pin R/B (open drain buffer) signals the status of the device during each operation. In a system with multiple memories the R/B pins can be connected all together to provide a global status signal. Even the write-intensive systems can take advantage of the HY27UG088G(2/5/D)M extended reliability of 100K program/erase cycles by providing ECC (Error Correcting Code) with real time mapping-out algorithm. The chip could be offered with the CE don't care function. This function allows the direct download of the code from the NAND Flash memory device by a microcontroller, since the CE transitions do not stop the read operation. The copy back function allows the optimization of defective blocks management: when a page program operation fails the data can be directly programmed in another page inside the same array section without the time consuming serial data insertion phase. The cache program feature allows the data insertion in the cache register while the data register is copied into the flash array. This pipelined program operation improves the program throughput when long files are written inside the memory. A cache read feature is also implemented. This feature allows to dramatically improve the read throughput when consecutive pages have to be streamed out. This device includes also extra features like OTP/Unique ID area, Read ID2 extension. The HYNIX HY27UG088G(5/D)M series is available in 48 - TSOP1 12 x 20 mm, 52-ULGA 12 x 17 mm.
1.1 Product List
PART NUMBER HY27UG088G5M HY27UG088GDM ORIZATION x8 x8 VCC RANGE 2.7V - 3.6 Volt 2.7V - 3.6 Volt PACKAGE 48TSOP1 52-ULGA
Rev. 0.6 / Dec. 2006
5
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure1: Logic Diagram
IO7 - IO0 CLE ALE CE RE WE WP R/B Vcc Vss NC
Data Input / Outputs Command latch enable Address latch enable Chip Enable Read Enable Write Enable Write Protect Ready / Busy Power Supply Ground No Connection
Table 1: Signal Names
Rev. 0.6 / Dec. 2006
6
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 2. 48TSOP1 Contactions, x8 Device (2CE)
Rev. 0.6 / Dec. 2006
7
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 3. 52-ULGA Contactions, x8 Device, Dual interface (Top view through package)
Rev. 0.6 / Dec. 2006
8
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
1.2 PIN DESCRIPTION
Pin Name IO0-IO7 Description DATA INPUTS/OUTPUTS The IO pins allow to input command, address and data and to output data during read / program operations. The inputs are latched on the rising edge of Write Enable (WE). The I/O buffer float to High-Z when the device is deselected or the outputs are disabled. COMMAND LATCH ENABLE This input activates the latching of the IO inputs inside the Command Register on the Rising edge of Write Enable (WE). ADDRESS LATCH ENABLE This input activates the latching of the IO inputs inside the Address Register on the Rising edge of Write Enable (WE). CHIP ENABLE This input controls the selection of the device. When the device is busy CE1, CE2 low does not deselect the memory. WRITE ENABLE This input acts as clock to latch Command, Address and Data. The IO inputs are latched on the rise edge of WE. READ ENABLE The RE input is the serial data-out control, and when active drives the data onto the I/O bus. Data is valid tREA after the falling edge of RE which also increments the internal column address counter by one. WRITE PROTECT The WP pin, when Low, provides an Hardware protection against undesired modify (program / erase) operations. READY BUSY The Ready/Busy output is an Open Drain pin that signals the state of the memory. SUPPLY VOLTAGE The VCC supplies the power for all the operations (Read, Write, Erase). GROUND NO CONNECTION
CLE
ALE
CE1, CE2
WE
RE
WP R/B1, R/B2 VCC VSS NC
Table 2: Pin Description
NOTE: 1. A 0.1uF capacitor should be connected between the VCC Supply Voltage pin and the VSS Ground pin to decouple the current surges from the power supply. The PCB track widths must be sufficient to carry the currents required during program and erase operations.
Rev. 0.6 / Dec. 2006
9
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
IO0 1st Cycle 2nd Cycle 3rd Cycle 4th Cycle 5th Cycle A0 A8 A12 A20 A28 IO1 A1 A9 A13 A21 A29 IO2 A2 A10 A14 A22 L
(1)
IO3 A3 A11 A15 A23 L
(1)
IO4 A4 L(1) A16 A24 L
(1)
IO5 A5 L(1) A17 A25 L
(1)
IO6 A6 L(1) A18 A26 L
(1)
IO7 A7 L(1) A19 A27 L(1)
Table 3: Address Cycle Map(2CE & Dual)
NOTE: 1. L must be set to Low. Acceptable command during busy
FUNCTION READ 1 READ FOR COPY-BACK READ ID RESET PAGE PROGRAM (start) COPY BACK PGM (start) CACHE PROGRAM BLOCK ERASE READ STATUS REGISTER RANDOM DATA INPUT RANDOM DATA OUTPUT CACHE READ START CACHE READ EXIT
1st CYCLE 00h 00h 90h FFh 80h 85h 80h 60h 70h 85h 05h 00h 34h
2nd CYCLE 30h 35h 10h 10h 15h D0h E0h 31h -
3rd CYCLE -
Yes
Yes
Table 4: Command Set
Rev. 0.6 / Dec. 2006
10
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
CLE H L H L L L L X X X X
ALE L H L H L L L X X X X
CE L L L L L L(1) L X X X H
WE Rising Rising Rising Rising Rising H H X X X X
RE H H H H H Falling H X X X X
WP X X H H H X X H H L 0V/Vcc Read Mode
MODE Command Input Address Input(5 cycles) Command Input Address Input(5 cycles)
Write Mode Data Input
Sequential Read and Data Output During Read (Busy) During Program (Busy) During Erase (Busy) Write Protect Stand By
Table 5: Mode Selection
NOTE: 1. With the CE high during latency time does not stop the read operation
Rev. 0.6 / Dec. 2006
11
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash 2. BUS OPERATION
There are six standard bus operations that control the device. These are Command Input, Address Input, Data Input, Data Output, Write Protect, and Standby. Typically glitches less than 5 ns on Chip Enable, Write Enable and Read Enable are ignored by the memory and do not affect bus operations.
2.1 Command Input.
Command Input bus operation is used to give a command to the memory device. Command are accepted with Chip Enable low, Command Latch Enable High, Address Latch Enable low and Read Enable High and latched on the rising edge of Write Enable. Moreover for commands that starts a modifying operation (write/erase) the Write Protect pin must be high. See figure 5 and table 12 for details of the timings requirements. Command codes are always applied on IO7:0, disregarding the bus configuration (X8).
2.2 Address Input.
Address Input bus operation allows the insertion of the memory address. To insert the 30(1) addresses needed to access the 8Gbit 5 clock cycles are needed. Addresses are accepted with Chip Enable low, Address Latch Enable High, Command Latch Enable low and Read Enable high and latched on the rising edge of Write Enable. Moreover for commands that starts a modify operation (write/erase) the Write Protect pin must be high. See figure 6 and table 12 for details of the timings requirements. Addresses are always applied on IO7:0, disregarding the bus configuration (X8).
2.3 Data Input.
Data Input bus operation allows to feed to the device the data to be programmed. The data insertion is serially and timed by the Write Enable cycles. Data are accepted only with Chip Enable low, Address Latch Enable low, Command Latch Enable low, Read Enable High, and Write Protect High and latched on the rising edge of Write Enable. See figure 7 and table 12 for details of the timings requirements.
2.4 Data Output.
Data Output bus operation allows to read data from the memory array and to check the status register content, the ID data. Data can be serially shifted out toggling the Read Enable pin with Chip Enable low, Write Enable High, Address Latch Enable low, and Command Latch Enable low. See figures 8,10,11 and table 12 for details of the timings requirements.
2.5 Write Protect.
Hardware Write Protection is activated when the Write Protect pin is low. In this condition modify operation do not start and the content of the memory is not altered. Write Protect pin is not latched by Write Enable to ensure the protection even during the power up.
2.6 Standby.
In Standby mode the device is deselected, outputs are disabled and Power Consumption is reduced. NOTE: 1. 29 addresses are needed to access HY27UG088G5M & HY27UG088GDM.
Rev. 0.6 / Dec. 2006 12
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash 3. DEVICE OPERATION
3.1 Page Read.
Page read operation is initiated by writing 00h and 30h to the command register along with five address cycles. In two consecutive read operations, the second one doesn't' need 00h command, which five address cycles and 30h command initiates that operation. Two types of operations are available : random read, serial page read. The random read mode is enabled when the page address is changed. The 2112 bytes (X8 device) of data within the selected page are transferred to the data registers in less than 25us(tR). The system controller may detect the completion of this data transfer (tR) by analyzing the output of R/B pin. Once the data in a page is loaded into the data registers, they may be read out in 30ns cycle time by sequentially pulsing RE. The repetitive high to low transitions of the RE clock make the device output the data starting from the selected column address up to the last column address. The device may output random data in a page instead of the consecutive sequential data by writing random data output command. The column address of next data, which is going to be out, may be changed to the address which follows random data output command. Random data output can be operated multiple times regardless of how many times it is done in a page.
3.2 Page Program.
The device is programmed basically by page, but it does allow multiple partial page programming of a word or consecutive bytes up to 2112 (X8 device) , in a single page program cycle. The number of consecutive partial page programming operation within the same page without an intervening erase operation must not exceed 4 times for main array (X8 device:1time/512byte) and 4 times for spare array (X8 device:1time/16byte). The addressing should be done in sequential order in a block 1. A page program cycle consists of a serial data loading period in which up to 2112bytes (X8 device) or 1056words (X16 device) of data may be loaded into the data register, followed by a non-volatile programming period where the loaded data is programmed into the appropriate cell. The serial data loading period begins by inputting the Serial Data Input command (80h), followed by the five cycle address inputs and then serial data. The words other than those to be programmed do not need to be loaded. The device supports random data input in a page. The column address of next data, which will be entered, may be changed to the address which follows random data input command (85h). Random data input may be operated multiple times regardless of how many times it is done in a page. The Page Program confirm command (10h) initiates the programming process. Writing 10h alone without previously entering the serial data will not initiate the programming process. The internal write state controller automatically executes the algorithms and timings necessary for program and verify, thereby freeing the system controller for other tasks. Once the program process starts, the Read Status Register command may be entered to read the status register. The system controller can detect the completion of a program cycle by monitoring the R/B output, or the Status bit (I/ O 6) of the Status Register. Only the Read Status command and Reset command are valid while programming is in progress. When the Page Program is complete, the Write Status Bit (I/O 0) may be checked. The internal write verify detects only errors for "1"s that are not successfully programmed to "0"s. The command register remains in Read Status command mode until another valid command is written to the command register. Figure 14 details the sequence.
Rev. 0.6 / Dec. 2006
13
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
3.3 Block Erase.
The Erase operation is done on a block basis. Block address loading is accomplished in three cycles initiated by an Erase Setup command (60h). Only address A18 to A29 (X8) is valid while A12 to A17 (X8) is ignored. The Erase Confirm command (D0h) following the block address loading initiates the internal erasing process. This two-step sequence of setup followed by execution command ensures that memory contents are not accidentally erased due to external noise conditions. At the rising edge of WE after the erase confirm command input, the internal write controller handles erase and erase-verify. Once the erase process starts, the Read Status Register command may be entered to read the status register. The system controller can detect the completion of an erase by monitoring the R/B output, or the Status bit (I/O 6) of the Status Register. Only the Read Status command and Reset command are valid while erasing is in progress. When the erase operation is completed, the Write Status Bit (I/O 0) may be checked. Figure 19 details the sequence.
Rev. 0.6 / Dec. 2006
14
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
3.4 Copy-Back Program.
The copy-back program is configured to quickly and efficiently rewrite data stored in one page without utilizing an external memory. Since the time-consuming cycles of serial access and re-loading cycles are removed, the system performance is improved. The benefit is especially obvious when a portion of a block is updated and the rest of the block also need to be copied to the newly assigned free block. The operation for performing a copy-back program is a sequential execution of page-read without serial access and copying-program with the address of destination page. A read operation with "35h" command and the address of the source page moves the whole 2112byte (X8 device) data into the internal data buffer. As soon as the device returns to Ready state, Copy Back command (85h) with the address cycles of destination page may be written. The Program Confirm command (10h) is required to actually begin the programming operation. Data input cycle for modifying a portion or multiple distant portions of the source page is allowed as shown in Figure 16. "When there is a program-failure at Copy-Back operation, error is reported by pass/fail status. But, if Copy-Back operations are accumulated over time, bit error due to charge loss is not checked by external error detection/correction scheme. For this reason, two bit error correction is recommended for the use of Copy-Back operation." Figure 16 shows the command sequence for the copy-back operation. The Copy Back Program operation requires three steps: 1. The source page must be read using the Read A command (one bus write cycle to setup the command and then 5 bus write cycles to input the source page address). This operation copies all 2KBytes from the page into the Page Buffer. 2. When the device returns to the ready state (Ready/Busy High), the second bus write cycle of the command is given with the 5bus cycles to input the target page address. A29 must be the same for the Source and Target Pages. 3. Then the confirm command is issued to start the P/E/R Controller.
NOTE: 1. Copy-Back Program operation is allowed only within the same memory plane. 2. On the same plane, It's prohibited to operate copy-back program from an odd address page (source page) to an even address page (target page) or from an even address page (source page) to an odd address page (target page). Therefore, the copy-back program is permitted just between odd address pages or even address pages.
Rev. 0.6 / Dec. 2006
15
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
3.5 Read Status Register.
The device contains a Status Register which may be read to find out whether read, program or erase operation is completed, and whether the program or erase operation is completed successfully. After writing 70h command to the command register, a read cycle outputs the content of the Status Register to the I/O pins on the falling edge of CE or RE, whichever occurs last. This two line control allows the system to poll the progress of each device in multiple memory connections even when R/B pins are common-wired. RE or CE does not need to be toggled for updated status. Refer to table 13 for specific Status Register definitions. The command register remains in Status Read mode until further commands are issued to it. Therefore, if the status register is read during a random read cycle, the read command (00h) should be given before starting read cycles. See figure 10 for details of the Read Status operation.
3.6 Read ID.
The device contains a product identification mode, initiated by writing 90h to the command register, followed by an address input of 00h. Four read cycles sequentially output the manufacturer code (ADh), and the device code and 3rd cycle ID, 4th cycle ID, respectively. The command register remains in Read ID mode until further commands are issued to it. Figure 20 shows the operation sequence, while tables 15 explain the byte meaning.
3.7 Reset.
The device offers a reset feature, executed by writing FFh to the command register. When the device is in Busy state during random read, program or erase mode, the reset operation will abort these operations. The contents of memory cells being altered are no longer valid, as the data will be partially programmed or erased. The command register is cleared to wait for the next command, and the Status Register is cleared to value E0h when WP is high. Refer to table 13 for device status after reset operation. If the device is already in reset state a new reset command will not be accepted by the command register. The R/B pin transitions to low for tRST after the Reset command is written. Refer to figure 25.
Rev. 0.6 / Dec. 2006
16
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
3.8 Cache Program.
Cache Program is an extension of Page Program, which is executed with 2112byte (X8 device) data registers, and is available only within a block. Since the device has 1 page of cache memory, serial data input may be executed while data stored in data register are programmed into memory cell. After writing the first set of data up to 2112byte (X8 device) or 1056word (X16 device) into the selected cache registers, Cache Program command (15h) instead of actual Page Program (10h) is input to make cache registers free and to start internal program operation. To transfer data from cache registers to data registers, the device remains in Busy state for a short period of time (tCBSY) and has its cache registers ready for the next data-input while the internal programming gets started with the data loaded into data registers. Read Status command (70h) may be issued to find out when cache registers become ready by polling the Cache-Busy status bit (I/O 6). Pass/fail status of only the previous page is available upon the return to Ready state. When the next set of data is input with the Cache Program command, tCBSY is affected by the progress of pending internal programming. The programming of the cache registers is initiated only when the pending program cycle is finished and the data registers are available for the transfer of data from cache registers. The status bit (I/O5) for internal Ready/Busy may be polled to identify the completion of internal programming. If the system monitors the progress of programming only with R/B, the last page of the target programming sequence must be programmed with actual Page Program command (10h). If the Cache Program command (15h) is used instead, status bit (I/O5) must be polled to find out when the last programming is actually finished before starting other operations such as read. Pass/fail status is available in two steps. I/O 1 returns with the status of the previous page upon Ready or I/O6 status bit changing to "1", and later I/O 0 with the status of current page upon true Ready (returning from internal programming) or I/O 5 status bit changing to "1". I/O 1 may be read together when I/O 0 is checked. See figure 18 for more details. NOTE : Since programming the last page does not employ caching, the program time has to be that of Page Program. However, if the previous program cycle with the cache data has not finished, the actual program cycle of the last page is initiated only after completion of the previous cycle, which can be expressed as the following formula. tPROG= Program time for the last page+ Program time for the ( last -1 )th page (Program command cycle time + Last page data loading time) The value for A29 from second to the last page address must be same as the value given to A29 in first address.
Rev. 0.6 / Dec. 2006
17
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
3.9 Cache Read
Cache read operation allows automatic download of consecutive pages, up to the whole device. Immediately after 1st latency end, while user can start reading out data, device internally starts reading following page. Start address of 1st page is at page start (A<10:0>=00h), after 1st latency time (tr) , automatic data download will be uninterrupted. In fact latency time is 25us, while download of a page require at least 100us for x8 device. Cache read operation command is like standard read, except for confirm code (30h for standard read, 31h for cache read) user can check operation status using : - R/B ( `0' means latency ongoing, download not possible, `1' means download of n page possible, even if device internally is active on n+1 page - Status register (SR<6> behave like R/B, SR<5> is `0' when device is internally reading and `1' when device is idle) To exit cache read operation a cache read exit command (34h) must be issued. this command can be given any time (both device idle and reading). If device is active (SR<5>=0) it will go idle within 5us, while if it is not active, device itself will go busy for a time shorter then tRBSY before becoming again idle and ready to accept any further commands. If user arrives reading last byte/word of the memory array, then has to stop by giving a cache read exit command. Random data output is not available in cache read. Cache read operation must be done only block by block if system needs to avoid reading also from invalid blocks.
Rev. 0.6 / Dec. 2006
18
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash 4. OTHER FEATURES
4.1 Data Protection & Power on/off Sequence
The device is designed to offer protection from any involuntary program/erase during power-transitions. An internal voltage detector disables all functions whenever Vcc is below about 2V(3.3V device). WP pin provides hardware protection and is recommended to be kept at VIL during power-up and power-down. A recovery time of minimum 10us is required before internal circuit gets ready for any command sequences as shown in Figure 26. The two-step command sequence for program/erase provides additional software protection. If the power is dropped during the ready read/write/erase operation, Power protection function may not guaranteed the data. Power protection function is only available during the power on/off sequence.
4.2 Ready/Busy.
The device has a Ready/Busy output that provides method of indicating the completion of a page program, erase, copy-back, cache program and random read completion. The R/B pin is normally high and goes to low when the device is busy (after a reset, read, program, erase operation). It returns to high when the internal controller has finished the operation. The pin is an open-drain driver thereby allowing two or more R/B outputs to be Or-tied. Because pull-up resistor value is related to tr(R/B) and current drain during busy (Ibusy), an appropriate value can be obtained with the following reference chart (Fig 27). Its value can be determined by the following guidance.
Rev. 0.6 / Dec. 2006
19
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Parameter Valid Block Number
Symbol NVB
Min 8032
Typ
Max 8192
Unit Blocks
Table 6: Valid Blocks Number
NOTE: 1. The 1st block is guaranteed to be a valid block up to 1K cycles with ECC. (1bit/512bytes)
Symbol
Parameter Ambient Operating Temperature (Commercial Temperature Range)
Value 3.3V 0 to 70 -25 to 85 -40 to 85 -50 to 125 -65 to 150 -0.6 to 4.6 -0.6 to 4.6
Unit V V
TA
Ambient Operating Temperature (Extended Temperature Range) Ambient Operating Temperature (Industry Temperature Range)
TBIAS TSTG VIO(2) Vcc
Temperature Under Bias Storage Temperature Input or Output Voltage Supply Voltage
Table 7: Absolute maximum ratings
NOTE: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. 2. Minimum Voltage may undershoot to -2V during transition and for less than 20ns during transitions.
Rev. 0.6 / Dec. 2006
20
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 4: Block Diagram
Rev. 0.6 / Dec. 2006
21
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Parameter Sequential Read Program Erase Stand-by Current (TTL) Stand-by Current (CMOS) Input Leakage Current
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ILI
Test Conditions tRC=30ns CE=VIL, IOUT=0mA CE=VIH, WP=0V/Vcc CE=Vcc-0.2, WP=0V/Vcc VIN=0 to Vcc (max) VOUT =0 to Vcc (max) IOH=-400uA IOL=2.1mA VOL=0.4V Single & 2CE Dual Single & 2CE Dual
3.3Volt Min Vccx0.8 -0.3 2.4 8 20 10 Typ 15 15 15 Max 30 30 30 1 100 20 10 20 10 Vcc+0.3 Vccx0.2 0.4 -
Unit mA mA mA mA uA uA uA uA uA V V V V mA
Operating Current
Output Leakage Current Input High Voltage Input Low Voltage Output High Voltage Level Output Low Voltage Level Output Low Current (R/B)
ILO VIH VIL VOH VOL IOL (R/B)
Table 8: DC and Operating Characteristics
Parameter Input Pulse Levels Input Rise and Fall Times Input and Output Timing Levels Output Load (2.7V - 3.3V) Output Load (3.0 - 3.6V)
Value 3.3Volt 0V to Vcc 5ns Vcc/2 1 TTL GATE and CL=50pF 1 TTLGATE and CL=100pF
Table 9: AC Conditions
Rev. 0.6 / Dec. 2006
22
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Item Input / Output Capacitance Input Capacitance
Symbol CI/O CIN
Test Condition VIL=0V VIN=0V
Min -
Max HY27UG088G5M-T(P) 20 20 HY27UG088GDM-UP 15 15
Unit pF pF
Table 10: Pin Capacitance (TA=25C, F=1.0MHz)
Parameter Program Time Dummy Busy Time for Cache Program Dummy Busy Time for Cache Read Number of partial Program Cycles in the same page Block Erase Time Main Array Spare Array
Symbol tPROG tCBSY tRBSY NOP NOP tBERS
Min -
Typ 200 3 5 2
Max 700 700 4 4 3
Unit us us us Cycles Cycles ms
Table 11: Program / Erase Characteristics
Rev. 0.6 / Dec. 2006
23
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Parameter
CLE Setup time CLE Hold time CE setup time CE hold time WE pulse width ALE setup time ALE hold time Data setup time Data hold time Write Cycle time WE High hold time Address to Data Loading Time Data Transfer from Cell to register ALE to RE Delay CLE to RE Delay Ready to RE Low RE Pulse Width WE High to Busy Read Cycle Time RE Access Time RE High to Output High Z CE High to Output High Z Cache read RE High RE High to Output Hold RE Low to Output Hold CE High to Output Hold RE High Hold Time Output High Z to RE low CE Access Time WE High to RE low Device Resetting Time (Read / Program / Copy-Back Program / Erase) Write Protection time
Symbol
tCLS tCLH tCS tCH tWP tALS tALH tDS tDH tWC tWH tADL tR tAR tCLR tRR tRP tWB tRC tREA tRHZ tCHZ tCRRH tRHOH tRLOH tCOH tREH tIR tCEA tWHR tRST
tWW(3)
(2)
3.3Volt Min
15 5 25 5 15 15 5 15 5 30 10 100 25 15 15 20 15 100 30 25 50 50 100 15 5 15 10 0 30 60 5/10/40/500(1) 100
Max
Unit
ns ns ns ns ns ns ns ns ns ns ns ns us ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns us ns
Table 12: AC Timing Characteristics
NOTE: 1. If Reset Command (FFh) is written at Ready state, the device goes into Busy for maximum 5us 2. tADL is the time from the WE rising edge of final address cycle to the WE rising edge of first data cycle. 3. Program / Erase Enable Operation : WP high to WE High. Program / Erase Disable Operation : WP Low to WE High. Rev. 0.6 / Dec. 2006 24
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
IO 0 1 2 3 4 5 6 7 Page Program Pass / Fail NA NA NA NA Ready/Busy Ready/Busy Write Protect Block Erase Pass / Fail NA NA NA NA Ready/Busy Ready/Busy Write Protect Cache Program Pass / Fail (N) Pass / Fail (N-1) NA NA NA P/E/R Controller Bit Cache Register Free Write Protect Read NA NA NA NA NA Ready/Busy Ready/Busy Write Protect P/E/R Controller Bit Ready/Busy Cache Read CODING Pass: `0' Fail: `1' Pass: `0' Fail: `1' (Only for Cache Program, else Don't care) Active: `0' Idle: `1' Busy: `0' Ready': `1' Protected: `0' Not Protected: `1'
Table 13: Status Register Coding
DEVICE IDENTIFIER CYCLE 1st 2nd 3rd 4th DESCRIPTION Manufacturer Code Device Identifier Internal chip number, cell Type, Number of Simultaneously Programmed pages. Page Size, Block Size, Spare Size, Organization
Table 14: Device Identifier Coding
Part Number HY27UG088G5M HY27UG088GDM
Voltage 3.3V 3.3V
Bus Width x8 x8
1st cycle (Manufacture Code) ADh ADh
2nd cycle (Device Code) DCh DCh
3rd Cycle 4th Cycle 80h 80h 95h 95h
Table 15: Read ID Data Table
Rev. 0.6 / Dec. 2006
25
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Description Internal Chip Number 1 2 4 8 2 Level Cell 4 Level Cell 8 Level Cell 16 Level Cell 1 2 4 8 Not Support Support Not Support Support 0 1
IO7
IO6
IO5 IO4
IO3 IO2
IO1 IO0 0 0 1 1 0 1 0 1
Cell Type
0 0 1 1 0 0 1 1 0 1 0 1 0 1
0 1 0 1
Number of Simultaneously Programmed Pages Interleave Program Between multiple chips Cache Program
Table 16: 3rd Byte of Device Idendifier Description
Description Page Size (Without Spare Area) Spare Area Size (Byte / 512Byte) Serial Access Time 1K 2K Reserved Reserved 8 16 50ns/30ns 25ns Reserved Reserved 64K 128K 256K Reserved X8 X16
IO7
IO6
IO5-4
IO3
IO2
IO1-0 0 0 1 1 0 1 0 1
0 1 0 1 0 1 0 0 1 1 0 1 0 1 0 1 0 0 1 1
Block Size (Without Spare Area) Organization
Table 17: 4th Byte of Device Identifier Description
Rev. 0.6 / Dec. 2006
26
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 5: Command Latch Cycle
Figure 6: Address Latch Cycle
Rev. 0.6 / Dec. 2006
27
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 7. Input Data Latch Cycle
Rev. 0.6 / Dec. 2006
28
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 8: Sequential Out Cycle after Read (CLE=L, WE=H, ALE=L)
Figure 9: Sequential Out Cycle after Read (EDO Type CLE=L, WE=H, ALE=L)
Rev. 0.6 / Dec. 2006
29
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 10: Status Read Cycle
Figure 11: Read1 Operation (Read One Page)
Rev. 0.6 / Dec. 2006
30
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 12: Read1 Operation intercepted by CE
Rev. 0.6 / Dec. 2006
31
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 13 : Random Data output
Rev. 0.6 / Dec. 2006
32
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 14: Page Program Operation
Rev. 0.6 / Dec. 2006
33
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 15 : Random Data In
Rev. 0.6 / Dec. 2006 34
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 16 : Copy Back Program
Rev. 0.6 / Dec. 2006
35
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 17: Cache Read RE high
Rev. 0.6 / Dec. 2006
36
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 18 : Cache Program
Rev. 0.6 / Dec. 2006 37
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure19: Block Erase Operation (Erase One Block)
Figure 20: Read ID Operation
Rev. 0.6 / Dec. 2006
38
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 21: start address at page start :after 1st latency uninterrupted data flow
Figure 22: exit from cache read in 5us when device internally is reading
Rev. 0.6 / Dec. 2006 39
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
System Interface Using CE don't care To simplify system interface, CE may be deasserted during data loading or sequential data-reading as shown below. So, it is possible to connect NAND Flash to a microporcessor. The only function that was removed from standard NAND Flash to make CE don't care read operation was disabling of the automatic sequential read function.
Figure 23: Program Operation with CE don't-care.
Figure 24: Read Operation with CE don't-care.
Rev. 0.6 / Dec. 2006
40
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 25: Reset Operation
Figure 26: Power On and Data Protection Timing
VTH = 2.5 Volt for 3.3 Volt Supply devices
Rev. 0.6 / Dec. 2006
41
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 27: Ready/Busy Pin electrical specifications
Rev. 0.6 / Dec. 2006
42
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 28 : page programming within a block
Rev. 0.6 / Dec. 2006
43
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Bad Block Management
Devices with Bad Blocks have the same quality level and the same AC and DC characteristics as devices where all the blocks are valid. A Bad Block does not affect the performance of valid blocks because it is isolated from the bit line and common source line by a select transistor. The devices are supplied with all the locations inside valid blocks erased(FFh). The Bad Block Information is written prior to shipping. Any block where the 1st Byte in the spare area of the 1st or 2nd page(if the 1st page is Bad) does not contain FFh is a Bad Block. The Bad Block Information must be read before any erase is attempted as the Bad Block Information may be erased. For the system to be able to recognize the Bad Blocks based on the original information it is recommended to create a Bad Block table following the flowchart shown in Figure 29. The 1st block, which is placed on 00h block address is guaranteed to be a valid block.
Bad Replacement
Over the lifetime of the device additional Bad Blocks may develop. In this case the block has to be replaced by copying the data to a valid block. These additional Bad Blocks can be identified as attempts to program or erase them will give errors in the Status Register. As the failure of a page program operation does not affect the data in other pages in the same block, the block can be replaced by re-programming the current data and copying the rest of the replaced block to an available valid block. The Copy Back Program command can be used to copy the data to a valid block.
See the "Copy Back Program" section for more details.
Refer to Table 18 for the recommended procedure to follow if an error occurs during an operation. Operation Erase Program Read Recommended Procedure Block Replacement Block Replacement or ECC (with 1bit/512byte) ECC (with 1bit/512byte)
Table 18: Block Failure
Figure 29: Bad Block Management Flowchart
Rev. 0.6 / Dec. 2006 44
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Write Protect Operation
The Erase and Program Operations are automatically reset when WP goes Low (tWW = 100ns, min). The operations are enabled and disabled as follows (Figure 30~33)
Figure 30: Enable Programming
Figure 31: Disable Programming
Rev. 0.6 / Dec. 2006
45
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 32: Enable Erasing
Figure 33: Disable Erasing
Rev. 0.6 / Dec. 2006
46
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash 5. APPENDIX : Extra Features
5.1 Addressing for program operation Within a block, the pages must be programmed consecutively from LSB (least significant bit) page of the block to MSB (most significant bit) page of the block. Random address programming is prohibited. See Fig. 34. 5.2 Stacked Devices Access A small logic inside the devices allows the possibility to stack up to 2 devices in a single package without changing the pinout of the memory. To do this the internal address register can store up to 30(1) addresses(512Mbyte addressing field) and basing on the 2 MSB pattern each device inside the package can decide if remain active (1 over 4 ) or "hang up" the connection entering the Stand-By.
Rev. 0.6 / Dec. 2006
47
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 34. 48-TSOP1 - 48-lead Plastic Thin Small Outline, 12 x 20mm, Package Outline
millimeters
Min Typ Max 1.200 0.050 0.980 0.170 0.100 0.150 1.030 0.250 0.200 0.100 11.910 19.900 18.300 12.000 20.000 18.400 0.500 0.500 0 0.680 5 12.120 20.100 18.500
Symbol A A1 A2 B C CP D E E1 e L alpha
Table 19: 48-TSOP1 - 48-lead Plastic Thin Small Outline, 12 x 20mm, Package Mechanical Data
Rev. 0.6 / Dec. 2006
48
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash
Figure 35. 51-ULGA, 12 x 17mm, Package Outline (Top view through package)
Symbol A A1 A2 B B1 B2 C C1 C2 D D1 E CP1 CP2 0.55 0.65 0.95 11.90
millimeters
Min 16.90 Typ 17.00 13.00 12.00 12.00 10.00 6.00 1.00 1.50 2.00 1.00 1.00 0.60 0.70 1.00 0.65 0.75 1.05 12.10 Max 17.10
Table 20: 52-ULGA, 12 x 17mm, Package Mechanical Data
Rev. 0.6 / Dec. 2006 49
HY27UG088G(5/D)M Series 8Gbit (1Gx8bit) NAND Flash MARKING INFORMATION- TSOP1/ULGA
P a ck a g M a rk in g E x a m p le
K
O
R
TSO P1 / ULGA
H
Y
2
7
x
G
x
x
8
G
x
M
x
x
x
x
Y
W
W
x
x
- h y n ix - KOR - H Y27xG xx8G xM xxxx H Y : H yn ix 2 7 : N A N D Fla sh x : P ow e r S u pp ly G : C lassifica tio n x x : B it O rg a n iza tion 8 G : D e n sity x : M o de M : V e rsio n x : P acka ge T yp e x : P acka ge M a te ria l x : O p eratin g T e m perature x : B ad B lo ck
: H yn ix S ym bo l : O rig in C o u n try : P a rt N u m b er
: U (2 .7 V ~ 3 .6 V ) : S in g le Leve l C e ll+ D o u b le D ie + La rg e B lock : 0 8 (x8 ) : 8 G b it : 5 (2 n C E & 2 R /n B ; S e q u e n tia l R ow R e a d D isa ble ) : D (D u al in te rfa ce ; S e q u e n tia l R ow R e a d D isa b le ) : 1 st G en e ratio n : T (4 8 -T S O P 1 ), U (5 2 -U LG A ) : B la n k(N orm a l), P (Le a d Fre e ) : C (0 ~ 7 0 ), E (-2 5 ~ 8 5 ) M (-3 0 ~ 8 5 ), I(-4 0 ~ 8 5 ) : B (In clu d e d B a d B lock ), S (1 ~ 5 B a d B lock ), P (A ll G o od B lo ck)
- Y : Y e ar (ex: 5= year 20 0 5 , 06 = year 20 0 6 ) - w w : W o rk W eek (e x: 12 = w ork w eek 12 ) - x x : P roce ss C o d e N o te - C a p ita l L e tte r - S m a ll L e tte r : Fixe d Ite m : N on -fixe d Ite m
Rev. 0.6 / Dec. 2006
50


▲Up To Search▲   

 
Price & Availability of HY27UG088G5M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X