Part Number Hot Search : 
LTC14 15BCC 74F16 4SURC SBO20 SRI4K11 SRI4K11 RKV601KP
Product Description
Full Text Search
 

To Download H1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN S I L I C O N T R A N S I S T O
Shantou Huashan Electronic Devices Co.,Ltd.
H1008
ABSOLUTE MAXIMUM RATINGSTa=25
T stg ----Storage Temperature.............................. -55~150 T j ----Junction Temperature.......................................150 PC----Collector Dissipation.......................................800mW VCBO----Collector-Base Voltage....................................80V VCEO----Collector-Emitter Voltage.................................60V V EB O ----Emitter-Base Voltage....................................8V I C ----Collector Current..........................................700mA 1EmitterE 2BaseB 3Collector C TO-92
ELECTRICAL CHARACTERISTICSTa=25
Symbol Characteristics Collector Cut-off Current Min Typ Max Unit Test Conditions
ICBO IEBO HFE(1) VCE(sat) VBE(sat) BVCBO BVCEO BVEBO fT Cob
100 100 40 0.2 0.86 80 60 8 30 50 8 400 0.4 1.1
nA nA V V V V V MHz pF
VCB=60V, IE=0 VEB=5V, IC=0 VCE=2V, IC=50mA IC=500mA, IB=50mA IC=500mA, IB=50mA IC=100A, IE=0 IC=10mA, IB=0 IE=10AIC=0 VCE=10V, IC=50mA VCB=10V, IE=0f=1MHz
Emitter Cut-off Current DC Current Gain Collector- Emitter Saturation Voltage Base-Emitter Saturation Voltage
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Current Gain-Bandwidth Product
Output Capacitance
hFE Classification
R 40--80 O 70--140 Y 120--240 GR 240--400
Shantou Huashan Electronic Devices Co.,Ltd.
H1008


▲Up To Search▲   

 
Price & Availability of H1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X