Part Number Hot Search : 
SB3030ST 2SC4099N L7913 SA48A FSU01 TC511 255EN 74HC541P
Product Description
Full Text Search
 

To Download GPS-102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GPS-102
GPS Module with Dead Reckoning Sensor
GPS-106
Embedded GPS and GALILEO 50-channel Module
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Features
SiRF star III 20-channel chipset Dead reckoning embedded Gyroscope enabled Low power consumption 71 x 40.8 x 18.6 mm (L x W x H) Operating Temperature -40 ~ + 85 C
Features
50-channel positioning engine Best-in-class acquisition and tracking sensitivity Receives GPS and GALILEO signals A-GPS: Supports u-blox AssistNow online and offline, OMA SUPL compliant UART serial port, USB, DDC (I2C compatible) Precision timing option
Introduction
GPS-102 is a GPS receiver module with integrated dead reckoning. The GPS-102 includes dead reckoning sensors to track its course even when the GPS signal is blocked, for example in urban areas or tunnels. If GPS coverage is lost, the GPS-102 keeps on navigating.
Introduction
GPS-106 is designed by u-blox, and sets a new standard for GPS and GALILEO receiver modules. Featuring the high performance 50-channel u-blox 5 technology, these modules provide excellent performance and flexibility at an economical price.
Specifications
Receiver Type Time-To-First-Fix Position Accuracy Velocity Accuracy Heading Accuracy Voltage Type Operational Limits Interface Weight GPS L1 frequency, C/A code GALILEO Open Service L1 frequency Cold Start 35 s Warm Start 35 s Hot Start 1 s Within 10m for 90% 0.1 m/s 0.5 degrees DC +5V 1% 514 meter/second maximum 20 Pin Header, 2.0 mm pitch (J2), Male seat 17 g
Specifications
Receiver Type Time-To-First-Fix GPS L1 frequency, C/A code GALILEO Open Service L1 frequency Cold Start 29 s Warm Start 29 s Hot Start < 1 s Tracking & Navigation -160 dBm Reacquisition -160dBm Cold Start -144 dBm Autonomous < 2.5m SBAS < 2.0m 0.1 m/s 0.5 degrees <4g Velocity 515 m/s (1000 knots) 2.1 g
Sensitivity Horizontal Position Accuracy Velocity Accuracy Heading Accuracy Dynamics Operational Limits Weight
Software Specifications
Detect GPS Signal Strength Detect Satellites Parse NMEA Protocols
Packing List
Quantity x1 x1 Description GPS-106 Embedded GPS Module CD-ROM with Utility Quantity x1 x1
Packing List
Description GPS-102 Embedded GPS module CD-ROM (User's Manual; Utility)
Ordering Information
Part Number 968EMG0013 Specifications Embedded GPS Module
Ordering Information
Part Number 968EMG0008 Specifications GPS module + DR + SMA connector
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of GPS-102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X