|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GPS-100 Embedded GPS Module with Patch Antenna GPS-101 Low Power and Small Form Factor GPS Module with Patch Antenna RoHS COMPLIANT 2002/95/EC RoHS COMPLIANT 2002/95/EC Features SiRF star III 20-channel chipset -159 dBm high GPS sensitivity 6-pin wire to board connector Backup battery installed 35 x 30 x 6.5 mm (L x W x H) Patch Antenna 25 x 25 x 2 mm Operating Temperature -40 ~ + 85 C Features SiRF star III single chip Patch antenna with external antenna 20 satellite tracking channels NMEA-0183 compliant protocol 7-pin box header 42.5 x 14 x 3.5 mm (L x W x H) Operating Temperature -25 ~ + 85 C Introduction GPS-100 is a smart antenna GPS module (patch antenna embedded, and external antenna supported). It is powered by SiRF Star III technology with a proprietary navigation algorithm that provides extra stable navigation data. Introduction This small form factor and parallel design is a great choice for embedding in a limitedspace system. The excellent sensitivity of GPS-101 delivers outstanding performance even in urban environments or heavy foliage. Specifications Receiver Type Time-To-First-Fix Sensitivity Velocity Accuracy Heading Accuracy Voltage Type Dynamics Operational Limits Weight GPS L1 frequency, 1575.42, C/A code Cold Start 42 s Warm Start 35 s Hot Start 1 s Acquisition -130 dBm 0.1 m/s 0.5 degrees 3.3 +/- 5% <4g Velocity 514 m/s < 16.5 g Specifications Receiver Type Time-To-First-Fix Sensitivity Reacquisition Position Accuracy Voltage Type Dynamics Operational Limits Weight GPS L1 frequency, 1575.42, C/A code Cold Start 35 s Warm Start 35 s Hot Start 1 s Acquisition -130 dBm 0.1 sec typical 10 meters at 2D RMS DC 3.3 +/- 5% <4g Velocity 514 m/s 8.3 g Software Specifications Detects GPS Signal Strength Detects Satellites Parses NMEA Protocols Software Specifications Detects GPS Signal Strength Detects Satellites Parses NMEA Protocols Packing List Description Embedded GPS Module with Patch Antenna CD-ROM (User's Manual; Utility) Quantity x1 x1 Packing List Description Embedded GPS module with patch antenna CD-ROM (User's Manual; Utility) Quantity x1 x1 Ordering Information Part Number 968EMG0006 Specifications Embedded GPS Module Ordering Information Part Number 968EMG0007 Specifications EmbSiRF GPS Embedded Core Services All product specifications are subject to change without notice Last updated : 24-Mar-2009 |
Price & Availability of GPS-100 |