|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Jun. 12, 2007 1.25Gbps Single Fiber Bi-directional SFP Transceiver (For 20km point-to-point transmission) Members of FlexonTM Family Standard Compatible with SFP MSA Refer to IEEE 802.3ah -2004 Compatible with Digital Diagnostic SFF-8472 Compatible with Bellcore GR-468 Compatible with FDA 21 CFR 1040.10 and 1040.11, Class I Features 1.25Gbps bi-directional data links Up to 20km point-point transmission 1310nm FP transmitter and 1490nm PIN receiver for FTM-9612C-SL20(i)G 1490nm DFB transmitter and 1310nm PIN receiver for FTM-9912C-SL20(i)G Class I laser product Low EMI and excellent ESD protection SFP MSA package with single LC receptacle Single +3.3V Power Supply Detailed product information in EEPROM FTM-9612C-SL20(i)G Operating Case Temperature RoHS compliance Description Fiberxon 1.25G single fiber bi-directional SFP transceivers are high performance, cost effective modules, which supports data rate of 1.25Gbps and transmission distance up to 20km. FTM-9612C-SL20(i)G is normally used in the client side (ONU), which transmits 1310nm optical signal and receives 1490nm optical signal. While FTM-9912C-SL20(i)G is used in the central office side (OLT), which transmits 1490nm optical signal and receives 1310nm optical signal. The standard serial ID information Compatible with SFP MSA describes the transceiver's capabilities, standard interfaces, manufacturer and other information. The host equipment can access this information via the 2-wire serial CMOS EEPROM protocol. For further information, please refer to SFP MSA. Standard: 0 to +70C Industrial: -40 to +85C FTM-9912C-SL20(i)G Operating Case Temperature Standard: 0 to +70C Industrial: -40 to +85C Applications FTM-9612C-SL20(i)G Gigabit Ethernet Application Point-to-Point FTTX Application and FTM-9912C-SL20(i)G are compliant with RoHS Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 1 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission Jun 12, 2007 Regulatory Compliance The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to FlexonTM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at the end of the documentation. Table 1 - Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to LC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS Note: In light of item 5 in Annex of 2002/95/EC, "Pb in the glass of cathode ray tubes, electronic components and fluorescent tubes." and item 13 in Annex of 2005/747/EC, "Lead and cadmium in optical and filter glass.", the two exemptions are being concerned for Fiberxon's transceivers, because Fiberxon's transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other electronic components. Standard MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2 2005/747/EC Compatible with standards Compatible with Class 1 laser product. Compatible with standards Compliant with standards note Compatible with standards Performance Class 2(>2000 V) Compatible with standards Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the devices may occur. Table 2 - Absolute Maximum Ratings Parameter Storage Temperature Operating Case Temperature Supply Voltage Input Voltage Symbol TS TC VCC Vin Min. -40 -40 0 0 0 Max. +85 +85 +70 +4 VCC Unit C C C V V 1 2 Note 1. FTM-9612C-SL20iG; FTM-9912C-SL20iG 2. FTM-9612C-SL20G; FTM-9912C-SL20G Recommended Operating Conditions Table 3 - Recommended Operating Conditions Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 2 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission Parameter Operating Case Temperature Power Supply Voltage Power Supply Current Data Rate 1. FTM-9612C-SL20iG ; FTM-9912C-SL20iG 2. FTM-9612C-SL20G; FTM-9912C-SL20G Symbol TC VCC ICC 1.25 Min. -40 0 3.13 3.3 Typical Max. +85 +70 3.47 300 Unit C C V mA Gbps Jun 12, 2007 Note 1 2 FTM-9612C-SL20G/FTM-9612C-SL20iG (1310nm FP Tx/1490nm PIN Rx for ONU, 20km) Table 4 -Optical and Electrical Characteristics (Over operation temperature, VCC=3.13 to 3.47V) Parameter Centre Wavelength Average Launch Power Average Launch Power of OFF Transmitter 1260nm 1270nm Spectral (RMS) Width 1280nm 1286nm 1343nm 1350nm 1360nm Extinction Ratio Launch OMA Rise/Fall Time (20%~80%) Relative Intensity Noise Optical Return Loss tolerance Deterministic Jitter Total Jitter Output Optical Eye Single Ended Data Input Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal Receiver Centre Wavelength Receiver Sensitivity Receiver Overload -3 Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 3 of 11 Symbol C P0ut Min. 1260 -8 Typical 1310 Max. 1360 -3 -45 2.09 2.52 3.13 Unit nm dBm dBm Note Transmitter 1 3.50 3.06 2.58 nm EX OMA tr /tf RIN12OMA DJ TJ VIN ZIN 6 -8.2 0.26 -113 12 200 385 IEEE 802.3ah Compatible 250 80 2.0 0 2.0 0 100 1200 120 Vcc 0.8 Vcc+0.3 0.8 1490 1500 -23 dB dBm ns dB/Hz dB ps ps 2 mV V V V V nm dBm dBm 4 4 3 C 1480 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission LOS De-Assert LOS Assert LOS Hysteresis Receiver Reflectance Single ended Data Output Swing LOS High Low VOUT 200 2 0 LOSD LOSA -35 0.5 4 -12 800 Vcc+0.3 0.8 -23 Jun 12, 2007 dBm dBm dB dB mV V V 5 1. The optical power is launched into SMF. 2. Measured with a PRBS 27-1 test pattern @1.25Gbps. 3. Internally AC coupled and terminated. 4. Measured with a PRBS 27 -1 test pattern@1.25Gbps, BER1x10-12. 5. Internally AC coupled. FTM-9912C-SL20G/ FTM-9912C-SL20iG (1490nm DFB Tx/1310nm PIN Rx for OLT, 20km) Table 5 -Optical and Electrical Characteristics (Over operation temperature, VCC=3.13 to 3.47V) Parameter Centre Wavelength Average Launch Power Average Launch Power of OFF Transmitter Spectral Width (-20dB) Extinction Ratio Launch OMA Rise/Fall Time (20%~80%) Relative Intensity Noise Optical Return Loss tolerance Deterministic Jitter Total Jitter Output Optical Eye Single Ended Data Input Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal Receiver Centre Wavelength Receiver Sensitivity Receiver Overload LOS De-Assert LOS Assert LOSD LOSA -35 Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 4 of 11 Symbol C P0ut EX OMA tr /tf RIN12OMA DJ TJ VIN ZIN Min. 1480 -8 Typical 1490 Max. 1500 -3 -45 0.88 Unit nm dBm dBm nm dB dBm Note Transmitter 1 6 -8.2 0.26 -113 12 200 385 IEEE 802.3ah Compatible 250 80 2.0 0 2.0 0 100 1200 120 Vcc 0.8 Vcc+0.3 0.8 1310 1360 -23 -3 -23 ns dB/Hz dB ps ps 2 mV V V V V nm dBm dBm dBm dBm 4 4 3 C 1260 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission LOS Hysteresis Receiver Reflectance Single Ended Data Output Swing LOS Note: 1. 2. 3. 4. 5. The optical power is launched into SMF. Measured with a PRBS 27-1 test pattern @1.25Gbps. Internally AC coupled and terminated. Measured with a PRBS 27-1 test pattern@1.25Gbps, BER1x10-12 Internally AC coupled. High Low VOUT 200 2.0 0 0.5 4 -12 800 Vcc+0.3 0.8 Jun 12, 2007 dB dB mV V V 5 EEPROM Information The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at the 8-bit address 1010000X (A0h). For the memory contents, Please refer to Table 6. Table 6 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 56--59 60-61 62 Field Size (Bytes) 1 1 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 4 2 1 Name of Field Identifier Ext. Identifier Connector Transceiver Encoding BR, nominal Reserved 03 04 07 00 00 00 40 00 00 00 00 01 0D 00 20km Hex Description SFP MOD4 LC Transmitter Code 8B10B 1.25Gbps Length (9um)-km 14 Length (9um) C8 Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Wavelength Reserved 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 46 54 4D 2D 39 xx 31 32 43 2D 53 4C 32 30 xx 47 xx xx xx xx 05 1E/05 D2 00 "FIBERXON INC. "(ASC) "FTM-9x12C-SL20xG " (ASC) ASC( "31 30 20 20" means 1.0 revision) 1310/1490nm Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 5 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission 63 64--65 66 67 68--83 84--91 92 93 94 95 96--255 1 2 1 1 16 8 1 1 1 1 160 CC_BASE Options BR, max BR, min Vendor SN xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx ASC Year(2 bytes), Month(2 bytes), Day (2 bytes) Diagnostics(Ext.Cal) Diagnostics (Optional Alarm/warning flags, Enhanced option B0 SFF-8472 CC EXT Vendor specific 02 xx Soft TX_FAULT and Soft TX_LOS monitoring) Diagnostics(SFF-8472 Rev 9.5) Check sum of bytes 64 - 94 Jun 12, 2007 Check sum of bytes 0 - 62 LOS, TX_FAULT and TX_DISABLE Vendor date codexx xx xx xx xx xx 20 20 Diagnostic type 58 Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFF-8472 Rev 9.5. Monitoring Specification The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information, please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is described in Table 7 and Table 8. Figure 1, EEPROM Memory Map Specific Data Field Description Table 7 - FTM-9612C-SL20iG; FTM-9912C-SL20iG Monitoring Specification Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 6 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission Parameter Temperature Voltage Bias Current TX Power RX Power Range -40 to +100C 2.97 to 3.63V 3mA to 80mA -3 to -9dBm -3 to -23dBm Accuracy 3C 3% 10% 3dB 3dB Jun 12, 2007 Calibration* External External External External External Table 8 - FTM-9612C-SL20G FTM-9912C-SL20G Monitoring Specification Parameter Temperature Voltage Bias Current TX Power RX Power Range -5 to + 90C 2.97 to 3.63V 3mA to 80mA -3 to -9dBm -3 to -23dBm Accuracy 3C 3% 10% 3dB 3dB Calibration* External External External External External Recommended Interface Circuit Figure 2 shows the recommended interface circuit. Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 7 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission Jun 12, 2007 Host Board Vcc (+3.3V) 2x4.7K to 10K TX Disable TX Fault SerDat Out + SFP Module VccT 10K Z=50 TD + SerDat Out - Z=50 TD - Laser driver Protocol IC SERDES IC SerDat In + Z=50 RD + SerDat In - Z=50 Amplifier RD - LOS Vcc (+3.3V) 3x4.7K to 10K MOD-DEF2 MOD-DEF1 MOD-DEF0 EEPROM RGND Figure 2, Recommended Interface Circuit Pin Definitions The pin functions are described in Table 9 with the accompanying notes. Table 9 - Pin Function Definitions Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Function VeeT TX-FAULT TX-DISABLE MOD-DEF2 MOD-DEF1 MOD-DEF0 NC LOS VeeR VeeR VeeR RXDRXD+ VeeR VccR Notes TX GND Open Collector Internally Pulled High Serial Data Input Serial Clock Input Internally Grounded Not Connected Open Collector RX Ground RX Ground RX Ground RX Data Negative RX Data Positive RX GND RX Power Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 8 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission 16 17 18 19 20 VccT VeeT TXD+ TXDVeeT Jun 12, 2007 TX Power TX GND TX Data Positive TX Data Negative TX GND Mechanical Design Diagram The mechanical design diagram is shown in Figure 3 Figure 3, Mechanical Design Diagram of SFP with Spring Latch Ordering information Part No. FTM-9612C-SL20G Product Description 1310nm Tx/1490nm RX for ONU, 1.25Gbps, 20km, SFP with Spring latch, LC receptacle, 0C~+70C, Compliant with RoHS Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 9 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission Jun 12, 2007 FTM-9612C-SL20iG FTM-9912C-SL20G FTM-9912C-SL20iG 1310nm Tx/1490nm RX for ONU, 1.25Gbps, 20km, SFP with Spring latch, LC receptacle, -40C~+85C, Compliant with RoHS 1490nm Tx/1310nm RX for OLT, 1.25Gbps, 20km, SFP with Spring latch, LC receptacle, 0C~+70C, Compliant with RoHS 1490nm Tx/1310nm RX for OLT, 1.25Gbps, 20km, SFP with Spring latch, LC receptacle, -40C~+85C, Compliant with RoHS Related Documents For further information, please refer to the following documents: FlexonTM SFP Installation Guide FlexonTM SFP Installation Guide FlexonTM SFP Application Notes SFP Multi-Source Agreement (MSA) Obtaining Document You can visit our website: http://www.fiberxon.com Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest documents. Revision History Revision Rev. 1a Rev. 1b Rev. 1c Initiate SolarisZhu Solaris Zhu Solaris Zhu Review Gary.Chen Monica Wei Monica Wei Approve Walker.Wei Walker.Wei Walker.Wei Subject Initial datasheet Adjust part specification Modified the recommended interface circuit; -35dBm Changed LOS assert to Release Date Sep. 29, 2005 Jan. 18, 2006 Mar. 22, 2006 Rev. 1d Rev. 1e Rev. 1f Rev. 1g Solaris Zhu Solaris Zhu Solaris Zhu Solaris.Zhu Monica Wei Monica Wei Monica Wei Monica Wei Walker.Wei Walker.Wei Walker.Wei Walker.Wei Added FTM-9912C-SL20iG Adjusted RMS spectral width Added P/N: FTM-9612C-SL20G Mar. 24, 2006 Mar. 30, 2006 Oct. 18, 2006 from formal Jun. 12, 2007 Updated preliminary version datasheet version to (c) Copyright Fiberxon Inc. 2007 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change Fiberxon's product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 10 of 11 1.25Gbps Single Fiber Bi-directional SFP Transceiver 20km point-to-point transmission Jun 12, 2007 in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN"AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 11 of 11 |
Price & Availability of FTM-9612C-SL20G |