Part Number Hot Search : 
DAM3B12 1H683J 2966016 RM13TR PM5369 MMP7043 4743A KDS1001
Product Description
Full Text Search
 

To Download FBR211SAD001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE RELAY 1 POLE--1 to 2 A (FOR SIGNAL SWITCHING)
FBR211 SERIES
n FEATURES
l
RoHS compliant
l
l l
l l l l
2 A maximum carrying current Capable of 2 A maximum continuous carrying current in the contact Superior reliability gold-overlay contacts P type: Gold-overlay silver-palladium contacts International terminal pitch of one inch grid terminal layout High sensitivity, low power dissipation types also available Standard types: 0.45 W (A or B type) High sensitivity types: 0.2 W (C or E type) Conforms to FCC 68.302 (high dielectric strength type) UL recognized (File number E63615) CSA recognized (File number LR64026) RoHS compliant since date code: 0433A Please see page 5 for more information
To
be
n ORDERING INFORMATION
[Example]
(a) (b)
Di
FBR211 S A (a) (b) (c)
D012 (d)
U-P (e) (f )
FBR211
sc
2 (g)
Series Name Enclosure
on
(-CSA) (h)
S: Flux free type N: Plastic sealed type
(c)
Coil Power and Schematics
A: Standard A type (nominal power 450 mW type) B: Standard B type C: High sensitivity C type (nominal power 200 mW type) E: High sensitivity E type
}
Ti
}
nu
(d) (e) (f ) (g) (h)
Nominal Voltage UL Marking on Cover Contact Material Special Type CSA Marking
(Example) D003: 3 VDC D012: 12 VDC (refer to the COIL DATA CHART) Nil : No UL marking U : UL marking P : Gold-overlay silver-palladium M : Gold-overlay silver Nil : Standard 2 : High dielectric strength type Nil : Standard -CSA : UL + CSA marking (valid when (e) is U)
eD
Note: The designation name is stamped on the top of the relay case as follows: (Example) Designation ordered: FBR211SAD005-P Stamp: 211SAD005-P
1
FBR211 SERIES
n COIL DATA CHART
1. STANDARD (A or B type)
MODEL A type Flux free Plastic sealed B type Flux free Plastic sealed Nominal voltage 1.5 VDC 3 VDC 5 VDC 6 VDC 9 VDC 12 VDC 24 VDC Nominal Coil current Must resistance (at nominal operate (10%) voltage) voltage approx. 5 20 56 80 180 320 1,280 300 mA 150 mA 89 mA 75 mA 50 mA 38 mA 19 mA 70% max. 10% min. of nominal of nominal voltage voltage 150% of Approx. Approx. nominal 450 mW 45 deg voltage (at nominal (at nominal voltage) voltage) Must release voltage Maximum allowable voltage Nominal power Coil temperature rise
FBR211SAD001-n FBR211NAD001-n FBR211SBD001-n FBR211NBD001-n FBR211SAD003-n FBR211NAD003-n FBR211SBD003-n FBR211NBD003-n FBR211SAD005-n FBR211NAD005-n FBR211SBD005-n FBR211NBD005-n FBR211SAD006-n FBR211NAD006-n FBR211SBD006-n FBR211NBD006-n FBR211SAD009-n FBR211NAD009-n FBR211SBD009-n FBR211NBD009-n FBR211SAD012-n FBR211NAD012-n FBR211SBD012-n FBR211NBD012-n FBR211SAD024-n FBR211NAD024-n FBR211SBD024-n FBR211NBD024-n
Note: All values in the table are measured at 20C.
2. HIGH SENSITIVITY (C or E type)
MODEL C type Flux free Plastic sealed E type
To
be
Flux free
Plastic sealed
FBR211SCD001-n FBR211NCD001-n FBR211SED001-n FBR211NED001-n FBR211SCD003-n FBR211NCD003-n FBR211SED003-n FBR211NED003-n FBR211SCD005-n FBR211NCD005-n FBR211SED005-n FBR211NED005-n FBR211SCD006-n FBR211NCD006-n FBR211SED006-n FBR211NED006-n FBR211SCD009-n FBR211NCD009-n FBR211SED009-n FBR211NED009-n FBR211SCD012-n FBR211NCD012-n FBR211SED012-n FBR211NED012-n FBR211SCD024-n FBR211NCD024-n FBR211SED024-n FBR211NED024-n
Di
Nominal voltage
1.5 VDC
3 VDC 5 VDC 6 VDC 9 VDC
sc
Nominal Coil current Must resistance (at nominal operate (10%) voltage) voltage approx. 12 45
Must release voltage
Maximum allowable voltage
Nominal power
Coil temperature rise
120 180 400
12 VDC 24 VDC
700 2,800
on
67 mA 42 mA 33 mA 23 mA 9 mA 17 mA
125 mA
70% max. 10% min. of nominal of nominal voltage voltage
Note: All values in the table are measured at 20C.
Ti
225% of Approx. Approx. nominal 200 mW 25 deg voltage (at nominal (at nominal voltage) voltage)
nu
eD
2
FBR211 SERIES
n SPECIFICATIONS
Item Contact Arrangement Material Resistance (initial) Rating (resistive) Maximum Carrying Current Standard (A or B type) 1 form C (SPDT) Gold-overlay silver-palladium / gold-overlay silver Maximum 100 m (at 0.1 A 6 VDC) 0.5 A 120 VAC or 1 A 28 VDC 2A 60 VA or 28 W 220 VAC or 150 VDC 1.25 A (AC) or 2 A (DC) Plastic sealed 1 mA, 1V Flux free 1 mA, 5V Approximately 450 mW Approximately 315 mW maximum -25C to +55C (no frost) 45 to 85%RH Maximum 5 ms Maximum 5 ms 5 x 106 operations minimum Approximately 200 mW Approximately 140 mW maximum -25C to +75C (no frost)
2
High sensitive (C or E type)
Coil
To
Maximum Switching Power Max. Switching Voltage*
1
Maximum Switching Current Minimum Switching load* (reference) Nominal Power (at 20C) Operate Power (at 20C) Operating Temperature Operating Humidity
be
Time Value Life
Operate (at nominal voltage) Mechanical
Release (at nominal voltage) Electrical (Refer to the REFERENCE DATA) Other Vibration Resistance Shock Resistance Weight Misoperation Endurance
Di
3 x 105 operations minimum (at 1 A/ 28 VDC resistive load) 1 x 105 operations minimum (at 2 A/ 12 VDC resistive load) 1 x 105 operations minimum (at 0.5 A/120 VDC resistive load) 10 to 55 Hz (double amplitude of 1.5 mm) 100 m/s2 (111 ms) Approximately 4 g 1,000 m/s2 (111 ms)
sc
on
Ti
60 m/s2 (111 ms)
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the type of load. *2 Values when switching a resistive load at normal room temperature and humidity and in a clean environment. The minimum switching load varies with the switching frequency and operation environment.
nu
eD
n INSULATION
Item Isolation (initial) Dielectric Strength Standard (A or B) Minimum 100 M (at 500VDC) 500VAC 1 min. (standard) 1,500VAC 1 min. (high isolation coil and contact) High sensitive (C or E)
n SAFETY STANDARDS
Type UL CSA Compliance UL 110 E63615 C22.2 No. 14 LR 40304, LR 46016
Contact rating Flammability: UL 94-V0 (plastics) 0.5A, 120VAC (resistive) 1A, 28VDC (resistive)
3
FBR211 SERIES
n
Range of operation temperature and voltage (Standard 0.45 W type)
Nominal voltage multiplying factor (%)
CHARACTERISTIC DATA
(Data) assumes that the maximum allowable temperature of E type insulation coil is 115C
Range of operation temperature and voltage (high sensitive 0.2 W type)
ge volta coil able llow ma imu Max
Operate and release time data
5 4 3 2 Release time 1 0 Not including bounce time
Op era
Nominal voltage multiplying factor (%)
140 130 120 110 100 90 80 70
140 130 120 110 100 90 80 70
Time (msec)
160 150
160 150
Operating voltage range
Operating voltage range
(Data) assumes that the maximum allowable temperature of E type insulation coil is 115C
Coil temperature rise (C)
60 50 40 30 20 0.2 0.4
( AC contact rating) ( DC contact rating)
DC resistive load
1.0
Service life (operations)
70
To
Must
(at 20C)
-10 0 10 20 30 40 50 60 70 80
Operating temperature (C)
Coil temperature rise data
Contact load current (A)
Coil power (W)
n REFERENCE DATA
Distribution of operate and release voltage
60 50
Distribution (%)
um xim Ma
opera
e ag olt il v co le ab ow all
te
tim
e
ltage te vo
o Must
perate
volta
ge
-10 0 10 20 30 40 50 60 70 80
0.2
Operating temperature (C)
Coil power (W)
0.4
0.6
0.8
be
0.8
Maximum switching capacity
AC resistive load
(x104) 200 100 50
Life curve
Standard (0.45 W type) High sensitive (0.2 W type)
Di
0.5 0.3 0.1

0.6
10
sc
20 30
12 V DC resistive load 10 5 28 V DC resistive load
50
Contact load current (A)
FBR211 n = 100
Operate Release
100
Distribution of operate and release time
FBR211 n = 100 Operate Release
on
120
120 V AC resistive load
1
80
Distribution (%)
Ti
80 60 40 20 0 0 10
0
Contact load current (A)
0.5
1.0
1.5
2.0
Distribution of contact resistance
40 30
60
40
20 10 0 0 10 20 30 40 50 60 70 80 20
0 0 1 2 3 4 5 6 7 8
Distribution (%)
nu
20 30 40 50
eD
60 70 80
FBR211 n = 100
Nominal voltage multiplying factor (%)
Time (ms)
Contact resistance (m)
4
FBR211 SERIES
n DIMENSIONS
1. STANDARD (Flux free type) Dimensions
10.1
+0.5
Schematics (BOTTOM VIEW)
15.1
+0.5
(A type or C type) 1
3.2
(B type or E type) 1 12 56 87
10.5+0.5
5 8
6 7
12
0.3
2. N-TYPE (Plastic sealed type) Dimensions
11.7
+0.5
To
7.62
(1.24)
0.6 0.35 (1.2)
10.16
2.54
10.7+0.5
be
0.6 (1.9)
Schematics (BOTTOM VIEW)
16.5
+0.5
(A type or C type) 1 5 8 6 7
(B type or E type) 1 12 56 87
0.3 7.62 (2.04)
Di
10.16
3. PC BOARD MOUNTING HOLE LAYOUT
6-o1.0
sc
2.54
3.2
12
PC board mounting hole layout (BOTTOM VIEW)
on
Ti
10.16
2.54
nu
7.62
eD
Unit: mm
5
FBR211 SERIES
RoHS Compliance and Lead Free Relay Information
1. General Information
Relays produced after the specific date code that is indicated on each data sheet are lead-free now. Most of our signal and power relays are lead-free. Please refer to Lead-Free Status Info. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu. l All signal and most power relays also comply with RoHS. Please refer to individual data sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE). l It has been verified that using lead-free relays in leaded assembly process will not cause any problems (compatible). l "LF" is marked on each outer and inner carton. (No marking on individual relays). l To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office. l We will ship leaded relays as long as the leaded relay inventory exists. Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
l
To
2. Recommended Lead Free Solder Profile
l
be
Recommended solder paste Sn-3.0Ag-0.5Cu.
Reflow Solder condition Flow Solder condition:
Pre-heating: Soldering:
Di
sc
maximum 120C dip within 5 sec. at 260C soler bath
on
Solder by Soldering Iron:
Soldering Iron Temperature: maximum 360C Duration: maximum 3 sec.
Ti
nu
We highly recommend that you confirm your actual solder conditions
eD
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys. Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in house test.
4. Tin Whisker
l
6
FBR211 SERIES
Fujitsu Components International Headquarter Offices
Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email: promothq@ft.ed.fujitsu.com Web: www.fcl.fujitsu.com North and South America Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email: components@us.fujitsu.com Web: http://www.fujitsu.com/us/services/edevices/components/ Europe Fujitsu Components Europe B.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email: info@fceu.fujitsu.com Web: emea.fujitsu.com/components/ Asia Pacific Fujitsu Components Asia Ltd. 102E Pasir Panjang Road #01-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 6375-8560 Fax: (65) 6273-3021 Email: fcal@fcal.fujitsu.com Web: http://www.fujitsu.com/sg/services/micro/components/
To
(c)2009 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective owners. Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice. Rev. June 30, 2009.
be
Di
sc
on
Ti
nu
eD
7


▲Up To Search▲   

 
Price & Availability of FBR211SAD001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X