Part Number Hot Search : 
PD410PI 1N6273A 2500T MT620 2SD24 DG403CY DG403CY MJE243
Product Description
Full Text Search
 

To Download F1-10841APA-G0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOUCH SCREEN
GENERAL INFORMATION
(PRELIMINARY INFORMATION)
DESCRIPTION :
Capacitive Touch screen for wide temperature range in sizes from 5.8" up to 31.8". 3" announced for May 2010.
Systems Performance Light Transmission Input Method Accuracy Resolution 90~95% Finger contact max +/- 1% 2048*2048 pixel
Electronics (Controller) Communication Dimensions RS 232 / USB 2.48" x 1.29" 0,349" 62.0 x 33.0 x 10 mm Operating temperature Storage temperature Operating current Power connection ESD Point Speed Minimum Touch Time MTBF -40~+85C -40~+85C 55mA (typ) RS232 / USB (5V) +/- 27KV Air, +/- 8KV Contact max. 180 points/sec. max. 25msec. approx. 250,000 hrs.
Reliability Surface Obstruction
Chemical Resistance Liquid Resistance
The touch screen continues to operate with surface contaminats such as dirt, dust and grease ASTM F1598-95 Liquids on screen do not impede touch screen performance -40~+85C -40~+85C 60C / 93+/-2% / 240hrs
Operating Temperature Storage Temperature Humidity
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (1)
Address: Hauptstrae 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.1, 23rd March 2010
All specifications are subject to change without notice.
TOUCH SCREEN
GENERAL INFORMATION
Operating Systems Supported Windows 7 Windows Vista / XP / 2000 / Server 2003 Windows 95 / 98 / ME / NT4 / XP Tablet PC edition Windows CE 2.12 / 3.0 / .net (4.0, 5.0, 6.0) Linux (up tp Kernel 2.6) MS-DOS: support display resolution: 320x200 640x200, 640x350, 640x480, 800x600, 1024x768, 1280x1024 iMac 9.0 / OS X (Power PC, Intel PCU) QNX
(PRELIMINARY INFORMATION)
Mechanical Glass Thickness Display Size Scratch Resistance Sealing / Gasketing
Availible Sizes
1.8 ~ 2.8mm (depends on size) 5.8 ~ 31.8 (our standard size) More than 9H per ASTM-D3363 Touch screen is water-proof itself It depends on method of assembly to ensure a whole system to be water-proof Water, isopropyl alcohol or simelar non-abrasive cleaners RoHS compliant
Display Size 5,8" 6,8" 7,3" 8,5" 10,8" 10,8" 12,4" 12,4" 15,7" 15,7" 17,1" 17,5" 18,4" 19,0 (18,5)" 19,4" 19,4" 19,8" 20,3" 22 (21,6)" 22,4" 26,3" 31,8" Part number F1-05811APA-G0 F1-06811APA-G0 W1-07311APA-G0 F1-08511APA-G0 F1-10841APA-G0 F1-10822APA-N0 F1-12422APA-N0 W1-12432APA-N0 F1-15722APA-N0 W1-15752APA-N0 W1-17112APA-N0 F1-17522APA-N0 F1-18412APA-N0 W1-19022APA-N0 F1-19412APA-N0 W1-19432APA-N0 F1-19812APA-G0 W1-20312APA-G0 W1-22012APA-G0 W1-22412APA-G0 W1-26312APA-G0 W1-31812APA-G0 X X X X X X X X X X X X X X X X X X X 4:3 X X X 16:9
Cleaning RoHs Directive
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (2)
Address: Hauptstrae 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.1, 23rd March 2010
All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of F1-10841APA-G0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X