Part Number Hot Search : 
STD419S 1589T8C1 M5227 A3514 1T410 21N50 DUG10A 74AC11SJ
Product Description
Full Text Search
 

To Download EUA2012A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
DESCRIPTION
The EUA2012A is a high efficiency, 2.5W/channel stereo class-D audio power amplifier. A low noise, filterless PWM architecture eliminates the output filter, requiring only two external components for operation. Operating from a single 5V supply, EUA2012A is capable of delivering 2.5W/ channel of continuous output power to a 4 load with 10% THD+N. The EUA2012A features independent shutdown controls for each channel. The gain can be selected to 6, 12, 18, or 24 dB utilizing the G0 and G1 gain select pins. High PSRR and differential architecture provide increased immunity to noise and RF rectification. The EUA2012A is available in space-saving WCSP and TQFN packages, is an idea choice for mobile phones and other portable communication devices.
EUA2012A
FEATURES
Low EMI Emission Output Power By TQFN Package - 2.5W/Ch Into 4 at 5V - 1.6W/Ch Into 8 at 5V - 800mW/Ch Into 8 at 3.6V Wide Supply Voltage: 2.5V to 5.5V Independent Shutdown Control for Each Channel Selectable Gain of 6,12,18 and 24 dB High PSRR :63dB at 217Hz Fast 34ms Startup Time Low 5mA Quiescent Current at 3.6V Supply and 1.5A Shutdown Current Short-Circuit Auto-Recovery and Thermal Protection Space Saving Packages - 4mm x 4mm TQFN-20 package - 2mm x 2mm WCSP-16 package RoHS Compliant and 100% Lead(Pb)-Free, Halogen-Free
APPLICATIONS
Wireless or Cellular Handsets and PDAs Portable Audios Notebook PC
Typical Application Circuit
Figure1.
DS2012A Ver 1.1 Sep. 2009
1


▲Up To Search▲   

 
Price & Availability of EUA2012A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X