Part Number Hot Search : 
AD807202 LA5668N MDA206G M3H78FCG 42900 ZX7V5A BRF1045 LB1672
Product Description
Full Text Search
 

To Download EP9100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
ELECTRONICS INC.
EP9100 to EP9129 & EP9100-RC to EP9129-RC
Add "-RC" after part number for RoHS Compliant
Total Delay (5% or 2nS) 25 30 35 40 45 50 60 7 J-Lead Part Number EP9108(-RC) EP9109(-RC) EP9110(-RC) EP9111(-RC) EP9112(-RC) EP9113(-RC) EP9114(-RC) Gull-Wing Part Number EP9123(-RC) EP9124(-RC) EP9125(-RC) EP9126(-RC) EP9127(-RC) EP9128(-RC) EP9129(-RC) Tap Delays (5% or 2nS) 20 40 60 80 25 50 75 100 30 60 90 120 35 70 105 140 40 80 120 160 45 90 135 180 50 100 150 200 Total Delay (5% or 2nS) 100 125 150 175 200 225 250
J-Lead Part Number EP9100(-RC) EP9101(-RC) EP9102(-RC) EP9103(-RC) EP9104(-RC) EP9105(-RC) EP9106(-RC) EP9107(-RC)
Gull-Wing Part Number EP9115(-RC) EP9116(-RC) EP9117(-RC) EP9118(-RC) EP9119(-RC) EP9120(-RC) EP9121(-RC) EP9122(-RC)
Tap Delays (5% or 2nS) 5 6 7 8 9 10 12 15 10 12 14 16 18 20 24 30 15 18 21 24 27 30 36 45 20 24 28 32 36 40 48 60
Whichever is greater. * Delay times referenced from input to leading edges at 25C, 5.0V, with no load.
4 VCC 2 15 28 17 26 OUTPUT 4
J-Lead Package
1 28 26
.055 (1.40)
Schematic
INPUT 12 PCA EP9100(-RC) D.C. .370 Max. (9.40) Suggested Solder .365 Pad Layout .475 (9.27) (12.07)
18 GROUND
DC Electrical Characteristics Parameter VOH VOL VIK IIH High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current
Test Conditions
Min. 2.7
Max. 0.5 -1.2 50 1.0 -2 -100
Unit V V V A mA mA mA
12 .450 Max. (11.43)
18 .030 (.762) .175 Max. (4.45) .050 Typ. (1.27)
VCC = min. VIL = max. I OH = max VCC = min. VIH = min. IOL= max VCC = min. II = IIK VCC = max. VIN = 2.7V VCC = max. VIN = 5.25V IIL Low-Level Input Current VCC = max. VIN = 0.5V IOS Short Circuit Output Current VCC = max. VOUT = 0. (One output at a time) ICCH High-Level Supply Current VCC = max. VIN = OPEN ICCL Low-Level Supply Current VCC = max. VIN = 0 TRO Output Rise Time Td 500 nS (0.75 to 2.4 Volts) Td > 500 nS NH Fanout High-Level Output VCC = max. VOH = 2.7V NL Fanout Low-Level Output VCC = max. VOL = 0.5V
-40
.050 Typ. (1.27)
.025/.045 (.635/1.14) .055 (1.40)
.018 x .008 (.457 x .203) Tin Plated Kova
75 mA 75 mA 4 nS 5 nS 20 TTL Load 10 TTL Load
Gull Wing Package
4 1 28 26
PCA EP9129(-RC) D.C.
.370 Max. (9.40)
.365 (9.27)
Suggested Solder Pad Layout .475 (12.07)
Recommended Operating Conditions VCC Supply Voltage VIH High-Level Input Voltage VIL Low-Level Input Voltage IIK Input Clamp Current IOH High-Level Output Current IOL Low-Level Output Current PW* Pulse Width of Total Delay d* Duty Cycle TA Operating Free-Air Temperature
Min. 4.75 2.0
Max. 5.25 0.8 -18 -1.0 20
40 0 40 +70
Unit V V V mA mA mA % % C
Notes : 1. Assembly Process
(Solder Composition)
12 .450 Max. (11.43)
18 .030 (.762) .175 Max. (4.45) .050 Typ. (1.27)
.050 Typ. (1.27)
.050 Typ. (1.27) .018 x .008 (.457 x .203) Tin Plated Kovar EP91XX SnPb SnPb 225C 3 (168 hours, 30C/60%RH) TBD grams EP91XX-RC Sn SnPb
(RoHS exemption 7a)
*These two values are inter-dependent.
(Leadframe) (Assembly Solder)
Input Pulse Test Conditions @ 25 C EIN PW TRI PRR Pulse Input Voltage Pulse Width % of Total Delay Pulse Rise Time (0.75 - 2.4 Volts) Pulse Repetition Rate @ Td 200 nS Pulse Repetition Rate @ Td > 200 nS VCC Supply Voltage 3.2 110 2.0 1.0 100 5.0
Unit Volts % nS MHz KHz Volts
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
260C 4 (72 hours, 30C/60%RH) TBD grams 45 pieces/tube
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight 5. Packaging Information (Tube)
45 pieces/tube
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CS9810-XX & -RC Rev. A1 1/31/06 RR
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EP9100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X