Part Number Hot Search : 
13003 FN4A3Q SIC403 90020 D201ED 4232AUA GDM1604 LS3958
Product Description
Full Text Search
 

To Download EA0512S-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EA_S-1W & FB_S-1W Series
1W, FIXED INPUT, 5200V ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS FEATURES
5.2KVDC Isolation SIP Package Temperature Range: -40C to +85C No Heat Sink Required Internal SMD Construction Low Isolation Capacitance No External Component Required Industry Standard Pinout RoHS Compliance
PRODUCT PROGRAM
Part Number EA0505S-1W EA0509S-1W EA0512S-1W EA0515S-1W FB0505S-1W FB0509S-1W FB0512S-1W FB0515S-1W EA1205S-1W 5 4.5-5.5 Input Voltage (VDC) Nominal Range Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 12 10.8-13.2 15 5 9 12 15 5 9 12 24 21.6-26.4 15 5 9 12 15 Output Current (mA) Max 100 56 42 33 200 111 83 67 100 56 42 33 200 111 83 67 100 +56 42 33 200 111 83 67 Min 10 6 5 4 20 12 9 7 10 6 5 4 20 12 9 7 10 6 5 4 20 12 9 7 70 71 72 74 70 71 72 74 70 72 74 75 70 72 74 75 72 74 76 78 72 74 76 78 Efficiency (%, Typ)
APPLICATIONS
The EA_S-1W & FB_S-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 5200VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
EA1209S-1W EA1212S-1W EA1215S-1W FB1205S-1W FB1209S-1W FB1212S-1W FB1215S-1W EA2405S-1W EA2409S-1W EA2412S-1W EA2415S-1W FB2405S-1W FB2409S-1W FB2412S-1W FB2415S-1W
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test Conditions Tested for 1 minute and 1mA max Test at 1000VDC Min 5200 1000 10 Typ Max Units VDC M pF
MODEL SELECTION
Isolation capacitance
EA0505S-1W
Rat ed Power Pa ck a g e St yle O u t p u t Vo lt a g e In p u t Volta g e Pro du c t S e rie s
COMMON SPECIFICATIONS
Item Storage humidity Operating temperature Storage temperature Lead temperature Temp. rise at full load Short circuit protection* 5V input voltage 12V/24V input voltage 1.5mm from case for 10 seconds 15 -40 -55 Test Conditions Min Typ Max 95 85 125 300 25 1 Continuous Free air convection Plastic(UL94-V0) 3500 4.2 K hours g Second C Units %
MORNSUN Science & Technology co., Ltd.
Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
Cooling Case material MTBF Weight
*supply voltage must be discontinued at the end of short circuit duration.
MORNSUN reserves the copyright
Specifications subject to change without notice.
EA_S-1W & FB_S-1W
A/1-2008
Page 1 of 2
OUTPUT SPECIFICATIONS
Item Output power Line regulation Test conditions Min 0.1 Max Units 1 W 1.2 12.8 15 % 8.3 15 6.8 15 6.3 15 See tolerance envelope graph 0.03 %/C 150 200 mVp-p 250 KHz 42 Typ
Recommended testing and application circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
Dual Output
L
For Vin change of 1% 10% to 100% load(5V output) 10% to 100% load (9V output) Load regulation 10% to 100% load (12V output) 10% to 100% load (15V output) Output voltage accuracy Temperature drift 100% full load Ripple & Noise* 20MHz Bandwidth (5V input) Full load, Switching frequency nominal input (others input)
L
Vin
Cin
+Vo
Cout
DC DC
GND Single Output
L
L Cout
0V -Vo
L
Vin
Cin
+Vo
Cout
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. Dual output models unbalanced load: 5%.
DC DC (Figure 1)
GND
0V
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
TYPICAL CHARACTERISTICS
Ambient Temperature ( C )
Vin (VDC) 5 12 24 -
Cin (uF) 4.7 2.2 1 -
OUTLINE DIMENSIONS & PIN CONNECTIONS
First A ngle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) 12 56
Single Cout Vout (uF) (VDC) 5 10 9 4.7 12 2.2 15 1
Dual Vout (VDC) 5 9 12 15
Cout (uF) 4.7 2.2 1 1
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
Dual Output
1
2
56
7
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input
Single Output
1
2
5
7
or output end in series (Figure 2).
Dual Output
FOOTPRINT DETAILS Pin Note: Unit:mm(inch) Pin section: 0. 50*0.30mm(0.020*0.012inch) Pin tolerances: 0.10mm( 0.004inch) General tolerances: 0.25mm( 0.010inch) 1 2 5 6 7 Singles Duals
Vin GND
REG
REG
+Vout 0V
DC DC
REG
-Vout +Vout
Single Output Vin GND
REG REG
DC DC
0V
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power.
(Figure 2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
MORNSUN reserves the copyright
Specifications subject to change without notice.
EA_S-1W & FB_S-1W
A/1-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of EA0512S-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X