Part Number Hot Search : 
SI7456 MPL031 66000 2SA1309 66000 C546A MLL5228 IRMS6115
Product Description
Full Text Search
 

To Download DO3316H-681ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 196-1
SMT Power Inductors - DO3316H Series
* Soldered self-leaded construction for excellent solderability. * Very low DCR values and excellent current handling
Designer's Kit C326 contains 3 of each part Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant tin-silver-copper over copper. Other terminations available at additional cost. Weight 0.95 - 1.25 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 750 per 13 reel Plastic tape: 24 mm wide, 0.35 mm thick, 12 mm pocket spacing, 6.4 mm pocket depth PCB washing Only pure water or alcohol recommended
1
Part L 20%2 number1 (H) DO3316H-121ML_ 0.12 DO3316H-331ML_ 0.33 DO3316H-681ML_ 0.68 DO3316H-102ML_ 1.0 DO3316H-152ML_ 1.5 DO3316H-222ML_ 2.2 DO3316H-272ML_ 2.7 DO3316H-332ML_ 3.3 DO3316H-392ML_ 3.9 DO3316H-472ML_ 4.7
DCR SRF3 max typ Isat4 (Ohms) (MHz) (A) 0.0015 200 28 0.002 200 20 0.005 200 13 0.006 100 11 0.008 90 9.0 0.011 80 7.8 0.012 65 7.0 0.014 60 6.4 0.015 50 5.9 0.018 45 5.4
1. When ordering, please specify termination and packaging codes:
Irms5 (A) 17 16 12 10 9.0 7.4 6.6 5.9 5.3 4.8
DO3316H-472MLD
Termination: L = RoHS compliant tin-silver over copper. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape, 750 parts per full reel. B = Less than full reel. In tape, but not machine-ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP 4263B LCR meter or equivalent. 3. SRF measured using Agilent/HP 8753D network analyzer. 4. DC current at which the inductance drops 10% (typ) from its value without current. 5. Current that causes a 40C temperature rise from 25C ambient. 6. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 196-1
Revised 05/04/09
(c) Coilcraft, Inc. 2009
Document 196-2
SMT Power Inductors - DO3316H Series
Typical L vs Frequency
100
Typical L vs Current
100
Inductance (H)
Inductance (H)
10
3.3 H
10
3.3 H 1.5 H
1.5 H
1
0.33 H
1
0.33 H
0.1 0.01 0.1 1 10
0.1 0.01 0.1 1 10
Frequency (MHz)
Current (A)
Irms Derating
120 110 100
0.330 8,38 0.250 max 6,35 0.390 max 9,91
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140
0.460 max 11,68 0.360 min 9.14
Recommended Land Pattern
0.060 1,52 0.160 4,06 0.400 10,16
25C
0.150 typ 3,81
Ambient temperature (C)
0.120 3,05 0.520 max 13,21 Internal code Dash number
XXX
Part marking since Feb. 2005. Parts manufactured prior to that date may have color dots. Visit www.coilcraft.com/colrpowr.cfm for details.
Dimensions are in inches mm
X
Specifications subject to change without notice. Please check our website for latest information.
Document 196-2
Revised 05/04/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of DO3316H-681ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X