Part Number Hot Search : 
L1025 DQ120 HCT373 DQ120 382601 N2809A G5698 UNR511V
Product Description
Full Text Search
 

To Download DO1813H-682ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 207-1
SMT Power Inductors - DO1813H Series
* High-current power inductance; up to 14 A saturating current * Rugged self-leaded construction for reliable soldering
Designer's Kit C331 contains 3 of each part Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant tin-silver over copper. Other terminations available at additional cost. Weight 278 - 315 mg Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 1000 per 13 reel Plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing, 5.4 mm pocket depth PCB washing Only pure water or alcohol recommended
Part number1 DO1813H-181ML_ DO1813H-331ML_ DO1813H-561ML_ DO1813H-122ML_ DO1813H-222ML_ DO1813H-332ML_ DO1813H-472ML_ DO1813H-682ML_ DO1813H-822ML_ DO1813H-103ML_ DO1813H-153ML_ DO1813H-223ML_ DO1813H-333ML_ DO1813H-473ML_
L L typ DCR SRF typ Isat3 Irms4 ref 20%2 max (H) (H) (Ohms) (MHz) (A) (A) 0.18 0.18 0.003 800 14.0 10.0 0.33 0.33 0.004 600 10.0 7.0 0.56 0.56 0.010 200 7.7 6.0 1.2 1.15 0.017 140 5.3 4.4 2.2 2.06 0.035 100 3.5 3.1 3.3 3.20 0.040 80 3.0 2.7 4.7 4.70 0.054 50 2.6 2.2 6.8 6.80 0.080 45 2.2 1.8 8.2 8.20 0.092 42 2.0 1.6 10.0 9.55 0.11 40 1.9 1.5 15.0 15.3 0.17 30 1.5 1.2 22.0 22.6 0.25 25 1.2 1.0 33.0 32.5 0.35 20 0.99 0.82 47.0 48.1 0.47 15 0.87 0.72
1. When ordering, please specify termination and packaging codes: DO1813H-473MLD Termination: L = RoHS compliant tin-silver over copper. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape, 1000 parts per full reel. B = Less than full reel. In tape, but not machine-ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance tested at 0.25 Vrms, 100 kHz, 0 Adc. 3. DC current at which the inductance drops 30% (typ) from its value without current. 4. Current that causes a 40C temperature rise from 25C ambient. 5. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 207-1
Revised 10/08/08
(c) Coilcraft, Inc. 2009
Document 207-2
SMT Power Inductors - DO1813H Series
Typical L vs Frequency Typical L vs Current
Irms Derating
120 110 100
Internal code
Dash number
0.075 1,91 0.160 4,06
XXX X
0.090 2.29 0.350 max 8,89
0.180 dia 4,57
0.240 6,10 max
See note
Percent of rated Irms
90 80 70 60 50 40 30 20
0.275 6,98
Recommended Land Pattern
0.197 max 5,0
25C
0.050 max 1,27
0.230 typ 5,84
Note: 0.080 0.010 body 2,03 0,25 0.100 leads, based on -561 2,54
Dimensions are in
10 0 -40 -20 0 20 40 60 80 100 120 140
inches mm
Ambient temperature (C)
Specifications subject to change without notice. Please check our website for latest information.
Document 207-2
Revised 10/08/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of DO1813H-682ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X