Part Number Hot Search : 
0200A DCO48DMW X3215 SG2626T 625ETT RT9206PS P1300ZB BD249A
Product Description
Full Text Search
 

To Download DG2034DQ-T1-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG2034
Vishay Siliconix
Single 4:1 Low rON Multiplexers
DESCRIPTION
The DG2034 is a low voltage, low rON, high bandwidth single 4 to 1 analog multiplexer designed for high performance switching of analog and video signals. Combining low power; fast switching; low on-resistance, flatness and matching; and small physical size, the DG2034 is ideal for portable and battery applications. Built on Vishay Siliconix's low voltage CMOS process, the DG2034 has an epitaxial layer which prevents latchup. Break-before-make is guaranteed.
FEATURES * Low voltage operation (1.8 V to 5.5 V)
* * * * Low on-resistance - rDS(on): 4 Off-isolation and crosstalk: - 55 dB at 10 MHz Fast switch - 25 ns tON Low charge injection - QINJ: 4.7 pC
RoHS
COMPLIANT
* Low power consumption - 4 W BENEFITS
* * * * * High accuracy High bandwidth TTL and low voltage logic compatibility Low power consumption Reduced PCB space
APPLICATIONS
* * * * * Mixed signal routing Portable and battery operated systems Low voltage data acquisition Modems PCMCIA cards
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
12-Pin QFN (3 x 3 mm)
A0 12 NC 11 Logic S1 1 9 S2 A0 S1 GND 2 8 COM GND S3 EN 4 EN 5 NC Top View 6 V+ 1 2 3 4 5 Top View Logic 10 9 8 7 6 A1 S2 COM S4 V+ A1 10
MSOP-10
S3
3
7
S4
TRUTH TABLE
A1 X 0 0 1 1 A0 X 0 1 0 1 EN 0 1 1 1 1 ON Switch None S1 S2 S3 S4
ORDERING INFORMATION
Temp Range - 40 C to 85 C Package MSOP-10 12-pin QFN (3 x 3 mm) Part Number DG2034DQ-T1-E3 DG2034DN-T1-E4
Document Number: 72418 S-80164-Rev. D, 28-Jan-08
www.vishay.com 1
DG2034
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Parameter Referenced V+ to GND AX, EN, SX, COMa Continuous Current (Any Terminal) Peak Current (Pulsed at 1 ms, 10 % duty cycle) Power Dissipation (Packags)b QFN-12 (3 x 3 mm)c MSOP-10
d
Limit - 0.3 to + 6 - 0.3 to (V+ + 0.3) 50 100 1295 320
Unit V mA mW
Storage Temperature (D Suffix) - 65 to 150 C Notes: a. Signals on SX, DX, EN or AX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 16.2 mV/C above 70 C. d. Derate 4.0 mV/C above 70 C.
SPECIFICATIONS (V+ = 3 V)
Test Conditions Otherwise Unless Specified V+ = 3 V, 10 %, VAL = 0.4 V, VAH = 1.5 Ve Limits - 40 to 85 C Temp.a Full Room Full V+ = 2.7 V, VCOM = 0.5 V/1.5 V/2.0 V IS = 10 mA Room Room V+ = 3.3 V, VS = 1 V/3 V VCOM = 3 V/1 V, VEN = 0 V V+ = 3.3 V VCOM = VS = 1 V/3 V VA/EN = 0 or V+, See Truth Table Room Full Room Full Room Full Full Full Full Room Full VS = 1.5 V, RL = 300 Room Full Room VS = 1.5 V/0 V, VS = 0 V/1.5 V, RL = 300 CL = 1 nF, Vgen = 0 V, Rgen = 0 RL = 50 , CL = 5 pF RL = 50 , CL = 5 pF f = 1 MHz f = 10 MHz f = 1 MHz f = 10 MHz Room Full Room Room Room Room Room Room V+ = 2.7 V, f = 1 MHz Room Room 2.7 V+ = 3.3 V, VA/EN = 0 or 3.3 V, See Truth Table Full 25 15 10.5 30 - 4.7 - 73 - 54 - 77 - 59 14 46 67 3.3 1.0 V A pF dB 45 55 pC -1 - 10 -1 - 10 -1 - 10 - 1.0 1.5 0.4 35 45 25 35 ns Min.c 0 4 0.1 0.3 0.3 0.3 0.3 Typ.b Max.c V+ 7 9 0.3 1.5 1 10 1 10 1 10 1.0 A V nA Unit V
Parameter Analog Switch Analog Signal Ranged On-Resistance rON Match rON Flatnessd,f Off Leakage Currentg COM Off Leakage Currentg Channel-On Leakage Currentg Digital Control Input Currentd Input High Voltage Input Low Voltage
d d
Symbol VANALOG rON rON rON Flatness IS(off) ICOM(off) ICOM(on)
IA or IEN VAH or VENH VAL or VENL tON tOFF tD ttrans QINJ OIRR XTALK CS(off) CCOM(off) CCOM(on) V+ I+
d
Dynamic Characteristics Turn-On Time Turn-Off Time Break-Before-Make Timed Transition Time Charge Injectiond Off-Isolationd Channel-to-Channel Crosstalkd Off Capacitanced Capacitanced
COM Off
COM On Capacitance Power Supply Power Supply Range
Power Supply Currentd www.vishay.com 2
Document Number: 72418 S-80164-Rev. D, 28-Jan-08
DG2034
Vishay Siliconix
SPECIFICATIONS (V+ = 5 V)
Test Conditions Otherwise Unless Specified V+ = 3 V, 10 %, VAL = 0.8 V or VAH = 2.4 Ve Limits - 40 to 85 C Temp.a Full Room Full V+ = 4.5 V, VCOM = 1.5 V/2.5 V/3.5 V IS = 10 mA Room Room V+ = 5.5 V, VS = 1 V/4.5 V VCOM = 4.5 V/1 V, VEN = 0 V V+ = 5.5 V, VCOM = VS = 1 V/4.5 V Room Full Room Full Room Full Full Full Full Room Full VS = 3.0 V, RL = 300 Room Full Room VS = 3 V/0 V, VS = 0 V/3 V, RL = 300 RL = 50 , CL = 5 p RL = 50 , CL = 5 pF f = 1 MHz f = 10 MHz f = 1 MHz f = 10 MHz Room Full Room Room Room Room Room Room V+ = 5 V, f = 1 MHz Room Room 4.5 V+ = 5.5 V, VA/EN = 0 or 5.5 V, See Truth Table Full 18 12 10.5 25 - 73 - 53.5 - 77 - 60.2 - 4.4 13 43 64 5.5 1.0 V A pF pC dB 40 50 -1 - 10 -1 - 10 -1 - 10 - 1.0 2.4 0.8 30 40 20 30 ns Min.c 0 3 0.16 0.6 0.5 0.5 0.5 Typ.b Max.c V+ 5.5 7 0.5 1.5 1 10 1 10 1 10 1.0 A V nA Unit V
Parameter Analog Switch Analog Signal Ranged On-Resistance rON Match rON Flatness
d,f
Symbol VANALOG rON rON rON Flatness IS(off) ICOM(off) ICOM(on)
Off Leakage Current COM Off Leakage Current Channel-On Leakage Current Digital Control Input Currentd Input High Voltage
d
IAH or IENH VAH or VENH VAL or VENL
VA or VEN = 0 or V+, See Truth Table
Input Low Voltaged Dynamic Characteristics Turn-On Time Turn-Off Time Break-Before-Make Timed Transition Time Off-Isolationd Channel-to-Channel Crosstalkd Charge Injection Off Capacitance COM Off
d
tON tOFF tD ttrans OIRR XTALK QINJ CS(off) CCOM(off) CCOM(on) V+ I+
d
CL = 1 nF, Vgen = 0 V, Rgen = 0
d
Capacitanced
COM On Capacitance Power Supply Power Supply Range Power Supply Current
Notes: a. Room = 25 C, Full = as determined by the operating suffix. b. Typical values are for design aid only, not guaranteed nor subject to production testing. c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. d. Guarantee by design, not subjected to production test. e. VA, EN = input voltage to perform proper function. f. Difference of min and max values. g. Guaranteed by 5 V testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Document Number: 72418 S-80164-Rev. D, 28-Jan-08
www.vishay.com 3
DG2034
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
12 5.0 4.5 10 rON - On-Resistance () rON - On-Resistance () V+ = 2.7 V 4.0 3.5 3.0 A 2.5 2.0 1.5 1.0 0.5 0 0 1 2 3 4 5 6 VCOM - Analog Voltage (V) 0.0 0.0 A = 85 C B = 25 C C = - 40 C C B V+ = 4.5 V C B A
8
V+ = 1.8 V V+ = 2.7 V V+ = 3.3 V
6
4 V+ = 5.5 V 2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCOM - Analog Voltage (V)
rON vs. VCOM and Supply Voltage
10000 V+ = 5.5 V I+ - Supply Current (pA) I+ - Supply Current (A) 10 m 1m 100 10 1 100 n 10 n 100 - 75 1n 10
rON vs. Analog Voltage and Temperature
V+ = 5.5 V
1000
- 50
- 25
0
25
50
75
100
125
100
1K
10 K
100 K
1M
10 M
Temperature (C)
Input Switching Frequency (Hz)
Supply Current vs. Temperature
10000 V+ = 5.5 V VCOM = 4.5 V VS = 1.0 V Leakage Current (pA) Leakage Current (pA) 1000 400 200 0 - 200 - 400 - 600 - 800 - 1000 ICOM( on ) ICOM( off ) 1 - 75 - 50 - 25 0 25 50 75 100 125 - 1200
Supply Current vs. Input Switching Frequency
V+ = 5.5 V
100
IS( off )
ICOM(on)
IS(off)
ICOM(off)
10
- 1400 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 VS - Analog Voltage (V)
Temperature (C)
Leakage Current vs. Temperature
Leakage vs. Analog Voltage
www.vishay.com 4
Document Number: 72418 S-80164-Rev. D, 28-Jan-08
DG2034
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
30 20 Loss t ON , t OFF - Switching Time (ns) 25 tON V+ = 3.3 V tON V+ = 5.5 V 15 tOFF V+ = 3.3 V tOFF V+ = 5.5 V 5 Loss, OIRR, X TALK (dB) 0 - 20 - 40 OIRR - 60 XTALK - 80 - 100 - 120 0 20 40 60 80 100 120 140 10 k 100 k 1M 10 M 100 M 1G Frequency (Hz) V+ = 3.3 V RL = 50
20
10
0 - 80 - 60 - 40 - 20
Temperature (C)
Switching Time vs. Temperature
2.2 3 2 VT - Switching Threshold (V) 1.8 Q - Charge Injection (pC) 1 0 -1 -2 -3 -4 -5 0.2 1 2 3 4 5 6 -6 0 1
Insertion Loss, Off-Isolation Crosstalk vs. Frequency
V+ = 5.5 V
1.4
1.0
V+ = 3.3 V V+ = 1.8 V CL = 1 nF
0.6
2
3
4
5
6
V+ - Supply Voltage (V)
VCOM - Analog Voltage (V)
Switching Threshold vs. Supply Voltage
35 RL = 300 30 tTRANS- , V+ = 3.0 V 25
Charge Injection vs. Analog Voltage
tTRANS+, V+ = 3.3 V
20 tTRANS- , V+ = 5.5 V 15 tTRANS+, V+ = 5.5 V 10 - 80 - 60 - 40 - 20 0 20 40 60 80 100 120 140
Temperature (C)
Transistion Time vs. Temperature
Document Number: 72418 S-80164-Rev. D, 28-Jan-08
www.vishay.com 5
DG2034
Vishay Siliconix
TEST CIRCUITS
V+
Logic Input Switch Output VOUT RL 300 CL 35 pF
VINH VINL
50 %
tr < 5 ns tf < 5 ns tOFF
Switch Input VIN
V+ NO or NC IN GND COM
VOUT
90 %
0.9 x VOUT
Switch Output
0V tON
CL (includes fixture and stray capacitance) VOUT = VIN RL RL + rON
Note:
Logic input waveform is inverted for switches that have the opposite logic sense control
Figure 1. Switching Time
V+ Logic Input VO RL 300 CL 35 pF VINH VINL tr < 5 ns tf < 5 ns
V+ VNO VNC NO NC IN GND COM
VNC = VNO VO Switch Output 0V
90 %
tD
tD
CL (includes fixture and stray capacitance)
Figure 2. Break-Before-Make
+15 V V+ NO or NC VS1 VS2 NC or NO RL 300 CL 35 pF VS1 V01 Switch Output CL (includes fixture and stray capacitance) VO = VS RL RL + rON VS2 V02 10 % 90 % COM VO Logic VINH Input VINL 50 % tr < 5 ns tf < 5 ns
tTRANS+
tTRANS-
IN GND
Figure 3. Transition Time
www.vishay.com 6
Document Number: 72418 S-80164-Rev. D, 28-Jan-08
DG2034
Vishay Siliconix
TEST CIRCUITS
V+ VO Rg V+ COM IN GND NO or NC CL 1 nF VO IN OFF ON OFF VO
Vg
Q = VO x CL IN dependent on switch configuration Input polarity determined by sense of switch.
VIN = 0 - V+
Figure 4. Charge Injection
V+ C V+ VS Rg = 50 IN 0 V or 2.4 V NC or NO VOUT VIN NO or NC COM 50
GND VOUT VIN
XTALK Isolation = 20 log C = RF bypass
Figure 5. Crosstalk
V+ V+
C C
V+
COM NO or NC Rg = 50 IN 0 V, 2.4 V GND GND Off Isolation = 20 log C = RF Bypass VCOM VNO/NC COM Meter RL 50 0 V, 2.4 V NO or NC IN HP4192A Impedance Analyzer or Equivalent f = 1 MHz
Figure 6. Off Isolation
Figure 7. Source/Drain Capacitances
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?72418.
Document Number: 72418 S-80164-Rev. D, 28-Jan-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DG2034DQ-T1-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X