Part Number Hot Search : 
000X1 ZFBBA10C V225N KBU10 RT3J11M ZUY85WA TSOP1730 XXXGX
Product Description
Full Text Search
 

To Download CZRU52C3V9-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Zener Diode
SMD Diodes Specialist
CZRU52C2-HF Thru CZRU52C39-HF
(RoHS Device)
Voltage 2 to 39 Volts Power 150 mWatts Features
Halogen free. 150mW Power Dissipation. High Voltages from 2 ~ 39 V. Designed for mounting on small surface. Extremely thin/leadless package. Pb free product.
0.033(0.85) 0.027(0.70)
0.039(1.00) 0.031(0.80)
0603(1608)
0.071(1.80) 0.063(1.60)
Mechanical data
Case: 0603(1608)Standard package Molded plastic.
0.014(0.35) Typ.
0.012 (0.30) Typ.
Terminals: Gold plated, solderable per MIL-STD-750,method 2026. Polarity: Indicated by cathode band. Weight: 0.003 gram(approx.).
0.028(0.70) Typ.
Dimensions in inches and (millimeter)
Maximum Rating AND Electrical Characteristics
Parameter
Maximum Forward Voltage Drop at IF = 10 mA Maximum Power Dissipation at 25 C Forward current , surge peak 8.3 ms single half sine-wave superimposed on rate load( JEDEC method ) Peak ESD voltage capability (IEC 61000-4-2) Operating Junction and Storage Temperature Range
O
Symbol
VF PD
Value
0.9 150
Unit
V mW
IFSM
2.0
A
VPV TJ
8 -55 to +125
kV
O
C
REV:A
QW-G2002
Page 1
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
Electrical Characteristics(Ta = 25 C)
Zener Voltage Part Nu mbe r Mar ki ng Co de VZ(V) Mi n
CZ RU 52C2 -HF CZ RU 52C2 V2 -HF CZ RU 52C2 V4 -HF CZ RU 52C2 V7 -HF CZ RU 52C3 -HF CZ RU 52C3 V3 -HF CZ RU 52C3 V6 -HF CZ RU 52C3 V9 -HF CZ RU 52C4 V3 -HF CZ RU 52C4 V7 -HF CZ RU 52C5 V1 -HF CZ RU 52C5 V6 -HF CZ RU 52C6 V2 -HF CZ RU 52C6 V8 -HF CZ RU 52C7 V5 -HF CZ RU 52C8 V2 -HF CZ RU 52C9 V1 -HF CZ RU 52C1 0-HF CZ RU 52C11-HF CZ RU 52C1 2-HF CZ RU 52C1 3-HF CZ RU 52C1 5-HF CZ RU 52C1 6-HF CZ RU 52C1 8-HF CZ RU 52C2 0-HF CZ RU 52C2 2-HF CZ RU 52C2 4-HF CZ RU 52C2 7-HF CZ RU 52C3 0-HF CZ RU 52C3 3-HF CZ RU 52C3 6-HF CZ RU 52C3 9-HF
O
Op erating resistance ZZT(Oh m)
Ri sing operating Re sistance ZZK( Oh m) Ma x 600 600 600 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300
Re verse current IR( uA) Ma x 100 100 100 75 50 25 15 10 5 5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Ma x 2.10 2.31 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95
IZ(mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Ma x 100 100 85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90
IZ(mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
IZ(mA)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VR(V)
1 1 1 1 1 1 1 1 1 2 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 23 25 27 29
REV:A
Z0 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 ZA ZB ZC ZE ZF ZG ZH ZJ ZK ZM ZN ZP ZQ ZR ZS ZT ZU ZV ZW ZX ZY ZZ
1.90 2.09 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05
QW-G2002
Page 2
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CZRU52C2-HF Thru CZRU52C39-HF)
Fig.1 TEMPERATURE COEFFICENTS
TEMPERATURE COEFFICIENT,(mV/ OC) TEMPERATURE COEFFICIENT,(mV/ OC) 7 6 5 4 3 2 1 0 1 -2 -3 -4 2 3 4 5 6 7 8 9 10 11 12 NOMINAL ZENER VOLTAGE,VOLTS 100
Fig.2 TEMPERATURE COEFFICENTS
10
1 10 20 30 40 50 NOMINAL ZENER VOLTAGE,VOLTS
Fig.3 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
1000 DYNAMIC IMPEDANCE,Ohm
FORWARD CURRENT,mA
Fig.4 TYPICAL FORWARD VOLTAGE
1000
IZ=1mA 100 IZ=5mA
TJ=25 OC IZ (AC)0.1IZ (DC) F=1kHZ
100
IZ=20mA 10
10
5CO
CO
75
1 1 10 NORMALL ZENER VOLTAGE,VOLTS 50
1 0.4 0.5
12
25
C
O
0.6
0.7
0.8
0.9
1.0
1.1
FORW ARD VOLTAGE , Volts
Fig.5 TYPICAL LEAKAGE CURRENT
100
LEAKAGE CURRENT,mA
Fig.6 TYPICAL CAPACITANCE
400 350 CAPACITANCE,PF 300 250 200 150 100 -55 C
O
TA =25 C 10 1 0.1 0.01 0.001 +25 C
O
O
0V BIAS 1V BIAS
+125 C
O
BIASAT 50% OF VZNOM
0.0001 0.00001 0 5 15 20 25 30
50 0 40 45 0 10 20 30 40
10
35
NO MI NA L ZENE R VOLTAGE ,Volts
NORMAL ZENER VOLTAGE,VOLTS
REV:A
QW-G2002
Page 3
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CZRU52C2-HF Thru CZRU52C39-HF)
Fig.7 ZENER VOLTAGE VERSUS ZENER CURRENT
100
2 2V2 2V4 2V7 3 3V3 3V6 3V9 4V3 4V7 5V1 5V6 6V2 6V8 7V5 8V2 9V1
Fig.8 ZENER VOLTAGE VERSUS ZENER CURRENT
100
12 13 15 16 18 20 22 24 27 30
TA =25 C
10 11
O
TA =25 C
33 36 39
O
ZENER CURRENT,mA
10
ZENER CURRENT,mA
10
1
1
0.1
0.1
0.01 0 2 4 6 8 10 12 ZENE R VOLTAGE ,Volts
0.01 10 20 30 40 50 ZENE R VOLTAGE ,Volts
Fig.9 STEADY STATE POWER DERATING
0.6
POWER DISSIPATION,Watts
0.5 0.4 0.3 0.2 0.1 0 0 25 50 75
O
100
125
150
TEMPERATURE( C)
REV:A
QW-G2002
Page 4
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
Reel Taping Specification
P0 P1 d Index hole E T
F B
Polarity
W C
P
A
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
1.00 0.10
0.039 0.004
B
1.85 0.10
0.073 0.004
C
1.00 0.10
0.039 0.004
d
1.55 0.05
0.061 0.002
D
178 1
7.008 0.04
D1
60.0 MIN.
2.362 MIN.
D2
13.0 0.20
0.512 0.008
U/0603
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.004
T
0.23 0.05
0.009 0.002
W
8.00 0.20
0.315 0.008
W1
13.5 MAX.
0.531 MAX.
U/0603
(mm) (inch)
REV:A
QW-G2002
Page 5
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
Suggested PAD Layout
U/0603 SIZE (mm) A B C D E 1.70 0.60 0.80 2.30 1.10 (inch) 0.067 0.024 0.031
C D A E
0.091
B
0.043
Standard Package
Qty per Reel Case Type (Pcs) U/0603 4000 Reel Size (inch) 7
REV:A
QW-G2002
Page 6
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of CZRU52C3V9-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X