Part Number Hot Search : 
PCMB042T TA8416F 1N5232B BU4506DX HM112 NCE0203S TA0736A MC908GR
Product Description
Full Text Search
 

To Download CH-D3815PB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
8-CH Darlington Sink Driver
Spec. No. : C542PB Issued Date : 2003.08.01 Revised Date :2003.10.09 Page No. : 1/6
CH-D3815PB
Description
The CH-D3815 is high-voltage, high current darlington drivers comprised of eight NPN darlington pairs. Applications include relay, hammer, lamp and display(LED).
DIP-18
Features
* Output current (single output) 200mA Max. * High sustaining voltage output, 15V Min. * Inputs compatible with various types of logic.
Pin Connection (top view)
O1 18 O2 17 O3 16 O4 15 O5 14 O6 13 O7 12 O8 11 NO 10
1 I1
2 I2
3 I3
4 I4
5 I5
6 I6
7 I7
8 I8
9 GND
Schematics (Each Driver)
OUTPUT
INPUT
2.7K
7.2K
3K
GND
CH-D3815PB
CYStek Product Specification
CYStech Electronics Corp.
Maximum Ratings (Ta=25)
Characteristic Output Sustaining Voltage Output Current Input Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VCE(SUS) IOUT VIN PD Topr Tstg Rating -0.5~15 200 -0.5~12 1.47 -40~+85 -55~+150
Spec. No. : C542PB Issued Date : 2003.08.01 Revised Date :2003.10.09 Page No. : 2/6
Unit V mA/CH V W
Recommended Operating Conditions (Ta=-40~+85)
Characteristic Output Sustaining Voltage Output Current Input Voltage Input Voltage(Output On) Input Voltage(Output Off) Power Dissipation Symbol VCE(SUS) IOUT Tpw=25ms, 8 Circuits, Ta=85, Tj=120 Test Condition Duty=10% Duty=50% Min 0 0 2.8 0 Typ Max 15 150 mA/ch 50 12 12 0.7 0.76 V V V W Unit V
VIN VIN(ON) IOUT=150mA, hFE=800 VIN(OFF) PD Ta=85
Electrical Characteristics (Ta=25, unless otherwise noted)
Test Symbol Cir- Test Conditions cuit VCE=10V, Ta=25 Output Leakage Current ICEX 1 VCE=10V, Ta=85 IOUT=100mA, IIN=250A Collector-Emitter Saturation Voltage VCE(sat) 2 IOUT=150mA, IIN=400A DC Current Transfer Ratio hFE 2 VCE=2V, IOUT=150mA Input Current (Output On) IIN(ON) 3 IIN=2.4V, IOUT=150mA Input Current (Output Off) IIN(OFF) 4 IOUT=500A, Ta=85 VIN(ON) 5 VCE=2V, hFE=800, IOUT=150mA Input Voltage (Output On) Input Capacitance CIN Turn-On Delay tON 6 VOUT=10V, RL=125, CL=15pF Turn-Off Delay tOFF 6 VOUT=10V, RL=125, CL=15pF Characteristic Min Typ Max Unit 1000 50 0.4 65 15 0.1 0.2 50 A 100 1.35 V 1.65 V 0.7 mA A 2.4 V pF s -
CH-D3815PB
CYStek Product Specification
CYStech Electronics Corp.
Test Circuit
1. ICEX
I CEX OPEN VIN VCE V , VCE(sat) CE I OUT I IN
Spec. No. : C542PB Issued Date : 2003.08.01 Revised Date :2003.10.09 Page No. : 3/6
2. VCE(sat), hFE
I IN I OUT
3. IIN(ON)
IIN(ON) OPEN VIN
h FE =
4. IIN(OFF)
I IN(OFF) I OUT
5. VIN(ON)
I OUT VIN(ON)
VCE
6.
t ON , t OFF
INPUT
V OUT
RL
Pulse Generator
(Note 1)
(Note 2)
OUTPUT CL = 15pF (Note 3) tr tf VIH 50s 0 tOFF
50%
Note 1: Pulse width 50s, duty cycle 10% Output impedance 50, tr5ns, tf10ns Note 2: Input condition R1=0, VIH=3V Note 3: CL includes probe and jig capacitance
INPUT OUTPUT
90% 50% 10%
tON
50%
VOH VOL
CH-D3815PB
CYStek Product Specification
CYStech Electronics Corp.
Precautions for Using
Spec. No. : C542PB Issued Date : 2003.08.01 Revised Date :2003.10.09 Page No. : 4/6
This IC does not include built-in protection circuits for excess current or overvoltage. If this IC is subjected to excess current or overvoltage, it may be destroyed. Hence, the utmost care must be taken when systems which incorporate this IC are designed. Utmost care is necessary in the design of the output line And GND line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
CH-D3815PB
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Output Current vs Input Current
225 Output Current---I OUT(mA) 200 175 150 125 100 75 50 25 0 0 25 50 75 100 125 150 175 200 Input Current---IIN(A) VCE = 2V Saturation Voltage---V CE(SAT)(mV) 1000
Spec. No. : C542PB Issued Date : 2003.08.01 Revised Date :2003.10.09 Page No. : 5/6
Saturation Voltage vs Output Current
IIN = 500A 100 1 10 100 1000 Output Current---IOUT(mA)
Current Gain vs Output Current
10000 VCE = 2V Current Gain---H FE 1000
IN(mA)
Input Current vs Input Voltage
6 5 4 3 2 1 0 IOUT = 200mA IOUT = 100mA
100
10 1 10 100 1000 Output Current---IOUT(mA)
Input Current---I
0
2
4
6
8
10 12
14
16
18
20
Input Voltage---VIN(V)
CH-D3815PB
CYStek Product Specification
CYStech Electronics Corp.
DIP-18 Dimension
Spec. No. : C542PB Issued Date : 2003.08.01 Revised Date :2003.10.09 Page No. : 6/6
CH D3815
DIP-18 Plastic Package CYStek Package Code : PB
*:Typical
DIM A A1 A2 B B1 C
Inches Min. Max. 0.146 0.170 0.020 0.142 0.126 0.014 0.022 0.060(typ) 0.008 0.014
Millimeters Min. Max. 3.710 4.310 0.510 3.200 3.600 0.360 0.560 1.524(typ) 0.204 0.360
DIM D E E1 e L E2
Inches Min. Max. 0.891 0.907 0.244 0.260 0.300(typ) 0.100(typ) 0.118 0.142 0.323 0.370
Millimeters Min. Max. 22.640 23.040 6.200 6.600 7.620(typ) 2.540(typ) 3.000 3.600 8.200 9.400
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
CH-D3815PB
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of CH-D3815PB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X