|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BT070DHDAHH352e$ 7.0" Color TFT-LCD video module. TFT LCD: 1. 7.0 inch TFT LCD panel BT070DHNNHH$. 2. View angle (U/D/L/R): 60/70/70/70 3. Resolution: 800*(RGB)*480 (pixels), 0.1905 (h) x 0.1905 (v) mm dot pitch. 4. Brightness (cd/m2): 350cd/m2 Typical. 5. Contrast Ratio: 400:1. 6. Active area: 152.4*91.44 mm. 7. Dimension (W x H x T): 165*104.44*5.2 mm. Video Board: 1. Power Requirements: 12.0V DC10%. 2. Operating Temperature Range: -20~ +70 . 3. Storage Temperature Range: -30~ +80 . 4. Dimension (W x H x T): 162*100*14 mm. 5. Keyboard: 6 Keys with OSD menu for image quality tuning supported. 6. Multi-input: CVBS input, VGA input. 7. Input impedance: 75 . Ordering Information: Part NO. BT070DHDAHH$ BT070DHDAHH352d$ BT070DHDAHH352e$ BT070DHDAHH352f$ Option(1) Bracket Option(3) Keyboard(with keyboard cable) V V V V Dimension: |
Price & Availability of BT070DHDAHH |