|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NPN BSS60A-61A-62A SILICON PLANAR EPITAXIAL TRANSISTORS They are PNP transistors mounted in TO-39 metal package. They are designed for use in industrial switching applications e.g. print hammer, solenoid, relay and lamp driving . NPN complements are the BSS50A - 51A - 52A . Compliance to RoHS. ABSOLUTE MAXIMUM RATINGS Symbol VCBO Collector-Base Voltage Ratings BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A @ Tcase= 25 @ Tamb= 25 Value 60 80 90 45 60 80 5 1 Unit V VCES Collector-Emitter Voltage VBE = 0 Emitter-Base Voltage V VEBO V IC IC Collector Current A 2 0.1 5 0.8 200 -65 to +150 A Watts C C ICM IB Ptot TJ TStg Junction Temperature Storage Temperature range Base Current THERMAL CHARACTERISTICS Symbol RthJ-c RthJ-amb Ratings Thermal Resistance, Junction-case Thermal Resistance, Junction-ambient COMSET SEMICONDUCTORS Value 35 220 Unit K/ W K/ W 1/3 NPN BSS60A-61A-62A ELECTRICAL CHARACTERISTICS TC=25C unless otherwise noted Symbol -ICBO -IEB0 Ratings Collector Cutoff Current Test Condition(s) IE= 0 ;-VCB= 45V IE= 0 ;-VCB= 60V IE= 0 ;-VCB= 80V IC= 0 ;-VEB=4 V Min - Typ Mx Unit 50 nA Emitter Cutoff Current BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A 800 - 700 1.3 1.3 1.6 1.6 1.6 1.6 1.9 2.2 2.2 - A -VCE(SAT) Collector-Emitter saturation Voltage -VBE(SAT) Base-Emitter saturation Voltage -IC=500 mA , -IB=0.5 mA -IC=500 mA , -IB=0.5 mA, Tj=200C -IC=1 A, -IB=1 mA BSS61A -IC=1 A, -IB=1 mA, Tj=200C -IC=1 A, -IB=4 mA BSS60A -IC=1 A, -IB=4 mA, Tj=200C BSS62A -IC=500 mA , -IB=0.5 mA -IC=1 A, -IB=1 mA BSS61A -IC=1 A, -IB=4 mA -IC=150 mA , -VCE=10 V V hFE DC Current Gain -IC=500 mA , -VCE=10 V -IC=500 mA , -VCE=5 V f = 35 MHz -ICon=500 mA -IB1= IB2=0.5 mA -ICon=1 mA -IB1= IB2=1 mA hfe ton toff ton toff Small Signal Current Gain Switching times Switching times BSS60A BSS62A BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A BSS60A BSS61A BSS62A 2000 - - 10 0.4 1.5 0.4 1.5 - s s COMSET SEMICONDUCTORS 2/3 NPN BSS60A-61A-62A MECHANICAL DATA CASE TO-39 DIMENSIONS (mm) min A B D E F G H I L 12.7 5.08 45 typ max 0.49 6.6 8.5 9.4 1.2 0.9 - Pin 1 : Pin 2 : Case : Emitter Base Collector Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear. Data are subject to change without notice. COMSET SEMICONDUCTORS 3/3 |
Price & Availability of BSS60A |