Part Number Hot Search : 
93C56 7MBP75 03101 X25320IG 93C56 SSP15N05 NDB710A 93C56
Product Description
Full Text Search
 

To Download B84299K0021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMC filters
2-line filters
for installations and systems
Rated current 10 to 25 A
Series/Type: Date: B84299K0021, K0026 January 2006
EPCOS AG 2006. Reproduction, publication and dissemination of this data sheet and the information contained therein without EPCOS' prior express consent is prohibited.
2-line filters for installations and systems
Power line filters for 1-phase systems with additional VHF suppression Rated voltage 250 V DC/AC, 50/60 Hz Rated current 10 to 25 A Construction
2-line filter
Metal case
Screw-type cable fitting for strain relief on line side,
B84299K0021, K0026
edge protector on load side
Feed-through capacitors
Features
High insertion loss
up to the GHz range
UL and cUL approval
Applications
Power supplies for medical equipment
and industrial installations
DC applications
Terminals
Finger-safe terminal blocks inside case
Marking Marking on component: Manufacturer's logo, ordering code, rated voltage, rated current, date code Minimum marking on packaging: Manufacturer's logo, ordering code Circuit diagram
LINE
L
LOAD
L'
N
N'
Typical circuit taking
the example of B84299K0021E000
SSB0961-H
Please read Cautions and warnings and
Important notes at the end of this document.
2
01/06
2-line filters for installations and systems
Technical data and measuring conditions Rated voltage VR Rated current IR Test voltage Vtest Leakage current lleak Climatic category (IEC 60068-1) Approvals 250 V DC/AC, 50/60 Hz
B84299K0021, K0026
Referred to 40 C ambient temperature 1414 V DC, 2 s (line/line) 2700 V DC, 2 s (lines/case) At 230 V AC, 50 Hz 25/085/21 (-25 C/+85 C/21 days damp heat test) UL 1283, CSA C22.2 No.8
Characteristics and ordering codes VR AC/DC V 250 IR A 10 25 Terminal cross section mm2 4 4 Approx. weight kg 1 1.8 lleak mA < 3.5 < 3.5 B84299K0021E000 B84299K0026 x - x - Ordering code Approvals
x = approval granted
Please read Cautions and warnings and
Important notes at the end of this document.
3
01/06
2-line filters for installations and systems
Dimensional drawings B84299K0021E000 (10 A)
Screw-type cable fitting (cable diameter 9...15 mm)
B84299K0021, K0026
370.5
730.3
4.8 1460.3 162
8 27
N LINE L 14 Bush o12 N' L' Clamp (cable diameter 8 ... 9.2 mm)
211
211
4 max.
Terminal blocks 4 mm 2 Tightening torque 0.8 ... 1.0 Nm
51 max.
47
89
SSB1080-8-E
Please read Cautions and warnings and
Important notes at the end of this document.
4
01/06
2-line filters for installations and systems
B84299K0026 (25 A)
14
B84299K0021, K0026
38
L' N'
N L LINE
Screw-type cable fitting PG 9 (cable diameter 8 ... 12.5 mm)
50
1.0 50
Terminal blocks 4 mm 2 Tightening torque 0.8 ... 1.0 Nm
38
o13.5 with edge protector Hole in case o15.50.4 11.5 218 1950.3 4 x o6
25.5 550.3 106
75
SSB1081-G-E
Please read Cautions and warnings and
Important notes at the end of this document.
5
01/06
2-line filters for installations and systems
Insertion loss (typical values at Z = 50 ) unsymmetrical, adjacent branches terminated common mode, all branches in parallel (asymmetrical) differential mode (symmetrical) Filters for 10 A
100 dB
80
SSB1093-5
B84299K0021, K0026
Filters for 25 A
100 dB 80
SSB0540-5
B84299K0026
60
60
40
40
20
20
0 10 4
B84299K0021E000
10
5
10
6
10 7
10 8 Hz 10 9 f
0 10 4
10 5
10 6
10 7
10 8 Hz 10 9 f
Please read Cautions and warnings and
Important notes at the end of this document.
6
01/06
EMC filters Cautions and warnings
Important information Please read all safety and warning notes carefully before installing the EMC filter and putting it into operation (see ). The same applies to the warning signs on the filter. Please ensure that the signs are not removed nor their legibility impaired by external influences. Death, serious bodily injury and substantial material damage to equipment may occur if the appro priate safety measures are not carried out or the warnings in the text are not observed. Using according to the terms The EMC filters may be used only for their intended application within the specified values in low voltage networks in compliance with the instructions given in the data sheets and the data book. The conditions at the place of application must comply with all specifications for the filter used. Warnings
It shall be ensured that only qualified persons (electricity specialists) are engaged on work such

as planning, assembly, installation, operation, repair and maintenance. They must be provided with the corresponding documentation. Danger of electric shock. EMC filters contain components that store an electric charge. Danger ous voltages can continue to exist at the filter terminals for longer than five minutes even after the power has been switched off. The protective earth connections shall be the first to be made when the EMC filter is installed and the last to be disconnected. Depending on the magnitude of the leakage currents, the particular specifications for making the protective-earth connection must be observed. Impermissible overloading of the EMC filter, such as impermissible voltages at higher frequen cies that may cause resonances etc. can lead to destruction of the filter housing. EMC filters must be protected in the application against impermissible exceeding of the rated currents by suitable overcurrent protective.
7
01/06
EMC filters Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, EPCOS-Jones, Baoke, CeraDiode, CSSP, MLSC, PhaseCap, PhaseMod, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
8
01/06


▲Up To Search▲   

 
Price & Availability of B84299K0021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X