Part Number Hot Search : 
ND3222 HT78BXX HLMP2350 ESD05 C3115 FJX4002R UF1007E NISMDM2
Product Description
Full Text Search
 

To Download B43201I2567M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors Alu-X product lines
4-pin snap-in capacitors
Series/Type:
Data Sheet Date:
B41201, B43201 April 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
4-pin snap-in capacitors Standard series - 85 C
General-purpose grade capacitors Applications Professional switch-mode power supplies Features High ripple current capability RoHS-compatible Load life of 2000 h at 85 C Construction Aluminum case, fully insulated Charge/discharge-proof Minus pole marking on the insulating sleeve Case with safety vent
B41201, B43201
Please read Cautions and warnings and Important notes at the end of this document.
2
04/08
4-pin snap-in capacitors Standard series - 85 C
Specifications and characteristics in brief Rated voltage VR Operating temperature range 10 ... 500 V DC VR 250 V DC: -40 C ... +85 C VR 315 V DC: -25 C ... +85 C
B41201, B43201
Rated capacitance CR 100 ... 68000 F (20 C, 120 Hz) Capacitance tolerance Load life (85 C, VR, IAC,R) 20% 2000 h M Requirements: C/C 20% of initial value tan 2 times initial specified limit Ileak initial specified limit
Leakage current Ileak C R V R (20 C, after 5 minutes) I leak 0.02 A ------- ------ F V Dissipation factor (max.) (20 C, 120 Hz) VR (V DC) tan
10 0.50 16 0.50 10 5 18 25 35 50 63 80 100 160 ... 250 ... 450 ... 200 400 500 0.15 8 0.20
0.40 0.40 0.30 0.25 0.20 0.15 0.12 16 ... 160 4 15 200 ... 250 315 ... 400 7 12 8
Low temperature sta- VR (V DC) bility (impedance ratio) Z ( - 25 C ) -------------------------(120 Hz) Z ( +20 C ) Z ( - 40 C ) -------------------------Z ( +20 C ) Shelf life
450 ... 500
-
-
After storage for 1000 h at 85 C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. 50 Hz 0.95 0.95 0.90 +40 C 2.1 1.7 120 Hz 1.00 1.00 1.00 +55 C 2.1 1.5 1 kHz 1.10 1.16 1.20 +70 C 1.5 1.3 10 kHz 1.15 1.30 1.50 +85 C 1.0 1.0 20 kHz 1.15 1.33 1.55
Frequency multiplier for rated ripple current 50 V 63 ... 100 V 160 V Temperature multiplier for rated ripple current <160 V 160 V
Please read Cautions and warnings and Important notes at the end of this document.
3
04/08
4-pin snap-in capacitors Standard series - 85 C
Dimensional drawing
Plus pole marking Mounting holes
30
B41201, B43201
30
d+1 30
+
30'
Minus pole marking 20.1 22.50.1
l+2
Safety vent on the case wall
0.8
KAL1136-W-E
6.01
_ 0.1 0.8 +0.2
1.50.2
Overview of available types B41201 VR (V DC) CR (F) 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 35 35 35 35 35 x 25 x 30 x 30 x 35 x 40 35 35 35 35 35 35 x 25 x 30 x 35 x 40 x 45 x 50 35 35 35 35 x 30 x 35 x 40 x 45 35 35 35 35 x 30 x 35 x 40 x 45 10 Case dimensions d x l (mm) 16 25 35
Please read Cautions and warnings and Important notes at the end of this document.
4
04/08
4-pin snap-in capacitors Standard series - 85 C
Overview of available types B41201 VR (V DC) CR (F) 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 35 35 35 35 35 35 35 35 x 25 x 25 x 30 x 30 x 35 x 40 x 45 x 50 35 35 35 35 35 35 x 30 x 30 x 30 x 35 x 40 x 45 35 35 35 35 x 30 x 35 x 40 x 45 50 Case dimensions d x l (mm) 63 80
B41201, B43201
100
35 35 35 35 35
x 30 x 35 x 35 x 40 x 45
Overview of available types B43201 VR (V DC) CR (F) 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 35 35 35 35 35 35 35 x 20 x 20 x 25 x 25 x 30 x 35 x 40 35 35 35 35 35 35 35 35 35 x 20 x 20 x 20 x 25 x 30 x 30 x 35 x 40 x 45 35 35 35 35 35 35 35 35 35 x 20 x 20 x 25 x 25 x 30 x 35 x 40 x 45 x 50 35 35 35 35 35 35 35 35 35 x 20 x 20 x 25 x 30 x 30 x 35 x 40 x 45 x 50 160 Case dimensions d x l (mm) 200 250 315
Please read Cautions and warnings and Important notes at the end of this document.
5
04/08
4-pin snap-in capacitors Standard series - 85 C
Overview of available types B43201 VR (V DC) CR (F) 100 120 150 180 220 270 330 390 470 560 680 35 35 35 35 35 35 35 35 x 20 x 35 x 25 x 30 x 35 x 40 x 45 x 50 35 35 35 35 35 35 35 35 x 20 x 25 x 25 x 30 x 30 x 35 x 40 x 45 35 35 35 35 35 35 35 35 35 x 20 x 20 x 25 x 25 x 30 x 35 x 40 x 45 x 50 350 Case dimensions d x l (mm) 400 450
B41201, B43201
500
35 35
x 45 x 50
Please read Cautions and warnings and Important notes at the end of this document.
6
04/08
4-pin snap-in capacitors Standard series - 85 C
Technical data and ordering codes B41201 VR V DC 10 CR 120 Hz 20 C F 33000 39000 47000 56000 68000 27000 33000 39000 47000 56000 68000 22000 27000 33000 39000 12000 15000 18000 22000 4700 5600 6800 8200 10000 12000 15000 18000 4700 5600 6800 8200 10000 12000 Case dimensions dxl mm 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 x 25 x 30 x 30 x 35 x 40 x 25 x 30 x 35 x 40 x 45 x 50 x 30 x 35 x 40 x 45 x 30 x 35 x 40 x 45 x 25 x 25 x 30 x 30 x 35 x 40 x 45 x 50 x 30 x 30 x 30 x 35 x 40 x 45 IAC,R 120 Hz 85 C A 5.81 6.38 6.62 7.18 7.76 5.80 6.41 6.96 7.54 8.08 8.63 5.51 6.12 6.74 7.35 5.24 5.88 6.46 7.07 4.19 4.44 5.04 5.26 5.97 6.55 7.20 7.74 4.19 4.70 5.04 5.53 6.25 6.83
B41201, B43201
Ordering code
B41201D3339M000 B41201C3399M000 B41201C3479M000 B41201B3569M000 B41201A3689M000 B41201C4279M000 B41201B4339M000 B41201B4399M000 B41201B4479M000 B41201A4569M000 B41201A4689M000 B41201B5229M000 B41201B5279M000 B41201B5339M000 B41201A5399M000 B41201B7129M000 B41201B7159M000 B41201B7189M000 B41201A7229M000 B41201D6478M000 B41201D6568M000 B41201D6688M000 B41201C6828M000 B41201B6109M000 B41201B6129M000 B41201A6159M000 B41201A6189M000 B41201D8478M000 B41201C8568M000 B41201C8688M000 B41201B8828M000 B41201B8109M000 B41201A8129M000
16
25
35
50
63
Please read Cautions and warnings and Important notes at the end of this document.
7
04/08
4-pin snap-in capacitors Standard series - 85 C
Technical data and ordering codes B41201 VR V DC 80 CR 120 Hz 20 C F 4700 5600 6800 8200 2700 3300 3900 4700 5600 Case dimensions dxl mm 35 35 35 35 35 35 35 35 35 x 30 x 35 x 40 x 45 x 30 x 35 x 35 x 40 x 45 IAC,R 120 Hz 85 C A 5.27 5.81 5.46 6.91 4.37 4.85 5.27 5.80 6.34
B41201, B43201
Ordering code
B41201C0478M000 B41201B0568M000 B41201A0688M000 B41201A0828M000 B41201C9278M000 B41201C9338M000 B41201B9398M000 B41201B9478M000 B41201A9568M000
100
Please read Cautions and warnings and Important notes at the end of this document.
8
04/08
4-pin snap-in capacitors Standard series - 85 C
Technical data and ordering codes B43201 VR V DC 160 CR 120 Hz 20 C F 560 680 820 1000 1200 1500 1800 390 470 560 680 820 1000 1200 1500 1800 330 390 470 560 680 820 1000 1200 1500 180 220 270 330 390 470 560 680 820 Case dimensions dxl mm 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 x 20 x 20 x 25 x 25 x 30 x 35 x 40 x 20 x 20 x 20 x 25 x 30 x 30 x 35 x 40 x 45 x 20 x 20 x 25 x 25 x 30 x 35 x 40 x 45 x 50 x 20 x 20 x 25 x 30 x 30 x 35 x 40 x 45 x 50 IAC,R 120 Hz 85 C A 2.12 2.33 2.73 3.01 3.26 3.83 4.39 1.77 1.94 2.25 2.48 2.88 3.18 3.43 4.01 4.58 1.62 1.77 2.06 2.25 2.62 3.03 3.50 3.74 4.35 1.20 1.33 1.56 1.83 1.99 2.29 2.62 3.01 3.44
B41201, B43201
Ordering code
B43201D1567M000 B43201D1687M000 B43201D1827M000 B43201D1108M000 B43201C1128M000 B43201B1158M000 B43201A1188M000 B43201D2397M000 B43201D2477M000 B43201D2567M000 B43201D2687M000 B43201D2827M000 B43201B2108M000 B43201B2128M000 B43201B2158M000 B43201A2188M000 B43201I2337M000 B43201I2397M000 B43201I2477M000 B43201I2567M000 B43201H2687M000 B43201G2827M000 B43201G2108M000 B43201F2128M000 B43201F2158M000 B43201D0187M000 B43201D0227M000 B43201D0277M000 B43201D0337M000 B43201C0397M000 B43201B0477M000 B43201A0567M000 B43201A0687M000 B43201A0827M000
200
250
315
Please read Cautions and warnings and Important notes at the end of this document.
9
04/08
4-pin snap-in capacitors Standard series - 85 C
Technical data and ordering codes B43201 VR V DC 350 CR 120 Hz 20 C F 180 220 270 330 390 470 560 680 150 180 220 270 330 390 470 560 100 120 150 180 220 270 330 390 470 270 330 Case dimensions dxl mm 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 x 20 x 35 x 25 x 30 x 35 x 40 x 45 x 50 x 20 x 25 x 25 x 30 x 30 x 35 x 40 x 45 x 20 x 20 x 25 x 25 x 30 x 35 x 40 x 45 x 50 x 45 x 50 IAC,R 120 Hz 85 C A 1.20 1.41 1.65 1.83 2.09 2.40 2.73 3.13 1.09 1.28 1.41 1.65 1.83 2.09 2.40 2.73 0.68 0.75 0.89 0.98 1.14 1.33 1.54 1.74 1.99 1.45 1.66
B41201, B43201
Ordering code
B43201D4187M000 B43201D4227M000 B43201C4277M000 B43201C4337M000 B43201B4397M000 B43201B4477M000 B43201A4567M000 B43201A4687M000 B43201D9157M000 B43201D9187M000 B43201D9227M000 B43201C9277M000 B43201C9337M000 B43201B9397M000 B43201B9477M000 B43201A9567M000 B43201D5107M000 B43201D5127M000 B43201D5157M000 B43201C5187M000 B43201C5227M000 B43201B5277M000 B43201B5337M000 B43201A5397M000 B43201A5477M000 B43201A6277M000 B43201A6337M000
400
450
500
Please read Cautions and warnings and Important notes at the end of this document.
10
04/08
Cautions and warnings
General Also see "Important notes" on page 13. 1 Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors must not be used in AC applications, where the polarity may be reversed in the circuits or is unknown. The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage, as this will result in a rapid increase of the leakage current and may damage the capacitor. It is recommended to operate the capacitor at 70-80% of its rated voltage to optimize its service life. The ripple current applied to the capacitor must be within the permitted range. An excessive ripple current leads to impaired electrical properties and may damage the capacitor. Note that the sum of the peak values of the ripple voltage and the DC operating voltage must not exceed the rated DC voltage. Capacitors must be used within their permitted range of operating temperature. Operation at room temperature optimizes their service life. Capacitors with case diameter 8 mm are equipped with a safety vent. In capacitors fitted with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs sufficient space around it to operate optimally. The following dimensions are recommended: for case diameter d = 8 to 16 mm, more than 2 mm; for d =18 to 35 mm, more than 3 mm; and for d = 42 mm or more, more than 5 mm. Capacitors should not be mounted with the safety vent face down on the board. Do not locate any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result in excess pressure and the leakage of electrolyte. Gas is released through the safety vent when the pressure inside the capacitor is too high. A gaseous liquid around the safety vent does not indicate a leakage of electrolyte. The capacitor should be stored under conditions of normal temperature and in a non-acid, non-alkali environment of normal humidity. Exposure to high temperatures, for example under direct sunlight, will reduce its operating life. If the capacitor is stored in an environment containing acids or alkalis, the solderability of the leads may be affected. The leakage current of an aluminum electrolytic capacitor may increase after a long period of storage. After such storage, the capacitor must be aged by applying the rated operating voltage for 6-8 hours before use. Manual soldering: a Soldering must be performed within the specified conditions. Bit temperature: 350 C; application time of soldering iron: 3 seconds. b Ensure that the soldering iron does not touch any part of the capacitor body.
2
3
4 5
6
7 8
9
10
Please read Cautions and warnings and Important notes at the end of this document.
11
04/08
Cautions and warnings
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after soldering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe the following rules to prevent undue stress to the capacitor: a Do not tilt or bend the capacitor after soldering. b Ensure that the terminal spacing matches the corresponding hole spacing on the PC board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the aluminum capacitors on the PC board as this may cause a short circuit. The case and top of capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink sleeve to ensure safe usage. The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
13
Please read Cautions and warnings and Important notes at the end of this document.
12
04/08
Important notes
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
13
04/08


▲Up To Search▲   

 
Price & Availability of B43201I2567M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X