|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AZ23CxxxW Series Elektronische Bauelemente 250 mW SOT-323 Series Surface Mount Plastic-Encapsulated Zener Diodes RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free SOT-323 A 3 L 3 FEATURES Dual zeners in common anode configuration. Ideally suited for automatic insertion. Vz for both diodes in one case is 5%. 3 1 Top View 2 CB 1 2 K E D F REF. A B C D E F G Millimeter Min. Max. 1.80 2.20 1.80 2.45 1.15 1.35 0.80 1.10 1.20 1.40 0.20 0.40 H REF. G H J K L J Millimeter Min. Max. 0.100 REF. 0.525 REF. 0.08 0.25 0.650 TYP. PACKAGING INFORMATION Weight: 0.0074 grams (approximately) 1 2 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL VF PD RJA TJ, TSTG VALUE 0.9 250 417 -65~150 UNITS V mW /W Forward Voltage @IF=10mA Power Dissipation Thermal Resistance, Junction to Ambient Air Operating Junction and Storage Temperature Range ELECTRICAL RATINGS (Rating 25C ambient temperature unless otherwise specified) TYPE NUMBER AZ23C5V6W AZ23C6V8W AZ23C10W AZ23C18W MARKING Min KD9 KDB KDF KDL 5.32 6.47 9.4 16.8 Vz @ IZT (Volts) Nom 5.6 6.8 10 18 Max. Zener Impedance IZT Max 5.88 7.14 10.6 19.1 mA 5 5 5 5 ZZT @ IZT 40 15 15 50 IZK mA 1 1 1 1 ZZK @ IZK 400 80 70 170 Max. Reverse Temp. Coefficent Current Of Zener voltage @ IZT=5mA IR(max) @ VR (mV/) VR V A Min Max 2.0 4.0 7.0 12.6 1 2 0.2 0.1 -2.0 1.2 4.5 12.4 2.5 4.5 8.0 16.0 01-June-2008 Rev. A Page 1 of 2 AZ23CxxxW Series Elektronische Bauelemente 250 mW SOT-323 Series Surface Mount Plastic-Encapsulated Zener Diodes CHARACTERISTIC CURVES 01-June-2008 Rev. A Page 2 of 2 |
Price & Availability of AZ23C5V6W |