Part Number Hot Search : 
MPC8275 SKY7752 UFT40140 SC2642 MNR4G DLG3416 KMM5364 3DD13
Product Description
Full Text Search
 

To Download AS331KTR-G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR General Description
The AS331 consists of a single precision voltage comparator with a typical input offset voltage of 1.0mV and high voltage gain. It is specifically designed to operate from a single power supply over wide range of voltages. Operation from split power supply is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. The AS331 is available in standard SOT-23-5 package. * * *
AS331
Features
* Wide Supply Voltage Range - Single Supply: 2V to 36V - Dual Supplies: 1V to 18V Low Supply Current at VCC=5V: 0.4mA Low Input Bias Current: 25nA (Typical) Low Input Offset Current:5nA (Typical) Low Input Offset Voltage: 1mV (Typical) Input Common Mode Voltage Range Includes Ground Differential Input Voltage Range Equals to the Power Supply Voltage Low Output Saturation Voltage at 4mA: 200mV (Typical) Open Collector Output
* * * * *
Applications
* * * * * * Battery Charger Cordless Telephone Switching Power Supply DC-DC Module PC Motherboard Communication Equipment
SOT-23-5
Figure 1. Package Type of AS331
Aug. 2008 Rev. 1. 1 1
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Pin Configuration
K Package (SOT-23-5)
AS331
INPUTGND INPUT+
1 2 3
5
VCC
4
OUTPUT
Figure 2. Pin Configuration of AS331 (Top View)
Functional Block Diagram
VCC
5
INPUT+
3 1
Q2 Q1
Q3 Q4
4
Q8 Q7
OUTPUT
INPUT-
Q5 GND
Q6
2
Figure 3. Functional Block Diagram of AS331
Aug. 2008 Rev. 1. 1 2
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Ordering Information
AS331 Circuit Type Package K: SOT-23-5
Temperature Range -40 to 85oC Part Number Lead Free AS331KTR-E1 Green AS331KTR-G1 Marking ID Lead Free EEA Green GEA Packing Type Tape & Reel
AS331
E1: Lead Free G1: Green TR: Tape and Reel
Package SOT-23-5
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green package.
Absolute Maximum Ratings (Note 1)
Parameter Supply Voltage Differential Input Voltage Input Voltage Input Current (VIN<-0.3V) (Note 2) Output Short-circuit Current to Ground Power Dissipation (TA=25oC) Operating Junction Temperature Storage Temperature Lead Temperature (Soldering, 10sec) PD TJ TSTG TLEAD Symbol VCC VID VIN IIN Value 40 40 -0.3 to 40 50 Continuous 620 150 -65 to 150 260 mW
o o
Unit V V V mA
C C
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability. Note 2: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3V (at 25oC). Aug. 2008 Rev. 1. 1 3 BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Recommended Operating Conditions
Parameter Symbol Min Max Unit
AS331
Supply Voltage Operating Ambient Temperature Range
VCC TA
2 -40
36 85
V
o
C
Electrical Characteristics
VCC=5V, GND=0V, TA=25oC, unless otherwise specified. Bold typeface applies over TA=-40 to 85oC (Note 3) Parameter Input Offset Voltage Input Bias Current Input Offset Current Input Common Mode Voltage Range (Note 4) Symbol VOS IB IIO Conditions VOUT=1.4V, VCC=5 to 30V IIN+ or IIN- with output in linear range, VCM=0V IIN+-IIN-, VCM=0V VCC=30V VCC=5V Supply Current ICC RL= VCC=30V 50 0 0.4 0.5 Min Typ 1 25 5 Max 5 7.0 250 400 50 200 VCC-1.5 1.0 2.0 1.7 3.0 Voltage Gain Large Signal Response Time Response Time Output Sink Current Output Leakage Current ISINK ILEAK VSAT GV VCC=15V, RL15k, VOUT=1 to 11V VIN =TTL Logic Swing, RL=5.1k RL=5.1k VIN-=1V, VIN+=0V, VOUT=1.5V VIN-=0V, VIN+=1V, VOUT=5V VIN-=0V, VIN+=1V, VOUT=30V VIN-=1V, VIN+=0V, ISINK4mA 200 6.0 200 200 1.3 16 0.1 1 400 500 V/mV ns s mA nA A mV mA Unit mV nA nA V
Saturation Voltage
Note 3: These specifications are limited to -40oCTA85oC. Limits over temperature are guaranteed by design, but not tested in production. Note 4: The input common mode voltage of either input signal voltage should not be allowed to go negatively by more than 0.3V (at 25oC). The upper end of the common mode voltage range is VCC-1.5V (at 25oC), but either or both inputs can go to 18V without damages, independent of the magnitude of the VCC.
Aug. 2008 Rev. 1. 1 4
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Typical Performance Characteristics AS331
0.60
0.6
0.55
VCC=5V
0.5
VCC=30V
Supply Current (mA)
0.50 0.45 0.40 0.35 0.30 0.25 0.20 -40
Supply Current (mA)
0.4
0.3
0.2
TC=-40 C
0.1
o
TC=25 C TC=85 C
o
o
0.0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
-20 0 20 40 60
o
80
100
120
Supply Voltage (V)
Case Temperature ( C)
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Case Temperature
1.1
RL=5.1K
350
Input Offset Voltage (mV)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 -40 -20 0 20 40 60
o
VCC=5V
VCC=5V ISINK=4mA
Saturation Voltage (mV)
VCC=30V
300
250
200
150
80
100
120
100 -40
-20
0
20
40
60
o
80
100
120
Case Temperature ( C)
Case Temperature ( C)
Figure 6. Input Offset Voltage vs. Case Temperature
Figure 7. Saturation Voltage vs. Case Temperature
Aug. 2008 Rev. 1. 1 5
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Typical Performance Characteristics (Continued) AS331
6
600
VCC=5V
5
VCC=5V, Input Overdrive Voltage=100mV Low to High High to Low
TC=25 C
o
550
Saturation Voltage (V)
4
Response Time (nS)
500 450 400 350 300
3
2
1
250
0 0 2 4 6 8 10 12 14 16 18 20 22
200 -40
-20
0
20
40
60
o
80
100
120
Output Sink Current (mA)
Case Temperature ( C)
Figure 8. Saturation Voltage vs. Output Sink Current
Figure 9. Response Time vs. Case Temperature
2.0 900
VCC=5V,GND=0V, RL=5.1K Input Overdrive Voltage=100mV
1.8 1.6
VCC=5V, GND=0V RL=5.1K
800
Response Time (nS)
Response Time (nS)
1.4 1.2 1.0 0.8 0.6
700
600
Low to High High to Low
500
Low to High High to Low
400
0.4 0.2 0 20 40 60 80 100 120 140 0 20 40 60 80 100
300
Load Capacitor (pF)
Input OverdrIve Voltage (mV)
Figure 10. Response Time vs. Load Capacitor
Figure 11. Response Time vs. Input Overdrive Voltage
Aug. 2008 Rev. 1. 1 6
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Typical Performance Characteristics (Continued) AS331
1.8 1.6 1.4
1.8
RL=5.1K Input Overdrive Voltage=5mV
1.6 1.4
RL=5.1K Input Overdrive Voltage=100mV
Response Time (nS)
Response Time (nS)
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 5 10 15 20 25 30
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 5 10 15 20 25 30
Low to High High to Low
Low to High High to Low
Supply Voltage (V)
Supply Voltage (V)
Figure 12. Response Time vs. Supply Voltage
Figure 13. Response Time vs. Supply Voltage
20mV Input
10mV 5mV
Output
100mV 20mV 10mV Input Overdrive Voltage=5mV
Output Input Overdrive Voltage=100mV VCC=5V, RL=5.1K
Input VCC=5V, RL=5.1K
Figure 14. Response Time for Positive Transition
Figure 15. Response Time for Negative Transition
Aug. 2008 Rev. 1. 1 7
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Typical Performance Characteristics (Continued) AS331
Input VCC=15V VCC=5V Output Input Overdrive Voltage=100mV
Output VCC=15V VCC=5V
Output Input
Input Overdrive Voltage=100mV
Figure 16. Response Time for Positive Transition
Figure 17. Response Time for Negative Transition
Input
Input
VCC=5V, RL=5.1K
VCC=5V, RL=5.1K
Output Input Overdrive Voltage=5mV
Output Input Overdrive Voltage=100mV
Figure 18. 100kHz Response
Figure 19. 100kHz Response
Aug. 2008 Rev. 1. 1 8
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Typical Performance Characteristics (Continued) AS331
Input
VCC=5V, RL=5.1K
Output Input Overdrive Voltage=100mV
Figure 20. 500kHz Response
Aug. 2008 Rev. 1. 1 9
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Typical Application AS331
VCC
5V
3K VIN+ +
VIN+
+ AS331
100K VOUT
AS331 VREF+ -
VOUT
VREF+
-
Figure 21. Basic Comparator
Figure 22. Driving CMOS
VCC
VCC
4.3K
1M 100pF VIN+ 1M AS331 + VOUT
100K
10K
75pF AS331 +
0.001F
VOUT
100K VIN
100K
1M
100K
Figure 23. One Shot Multivibrator
Figure 24. Squarewave Oscillator
Aug. 2008 Rev. 1. 1 10
BCD Semiconductor Manufacturing Limited
Data Sheet LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR Mechanical Dimensions SOT-23-5 Unit: mm(inch) AS331
2.820(0.111) 3.020(0.119)
0.100(0.004) 0.200(0.008)
2.650(0.104)
2.950(0.116)
1.500(0.059) 1.700(0.067)
0.200(0.008)
0.700(0.028) REF
0.950(0.037) TYP
0.300(0.012) 0.400(0.016) 1.800(0.071) 2.000(0.079)
0.300(0.012) 0.600(0.024)
0 8
1.050(0.041)
1.250(0.049)
0.000(0.000) 0.100(0.004)
1.050(0.041) 1.150(0.045)
Aug. 2008 Rev. 1. 1 11
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manufacturing Limited
http://www.bcdsemi.com
IMPORTANT NOTICE BCD Semiconductor Manufacturing Limited reserves the right to make changes without further notice to any products or specifications herein. BCD Semiconductor Manufacturing Limited does not assume any responsibility for use of any its products for any particular purpose, nor does BCD Semiconductor Manufacturing Limited assume any liability arising out of the application or use of any its products or circuits. BCD Semiconductor Manufacturing Limited does not convey any license under its patent rights or other rights nor the rights of others.
MAIN SITE - Headquarters BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manufacturing Limited - Wafer Fab No. 1600, Zi Xing Road, Shanghai ZiZhu Science-based Industrial Park, 200241, China Shanghai SIM-BCD Semiconductor Manufacturing Limited Tel: +86-21-24162266, Fax: +86-21-24162277 800, Yi Shan Road, Shanghai 200233, China Tel: +86-21-6485 1491, Fax: +86-21-5450 0008
REGIONAL SALES OFFICE Shenzhen Office REGIONAL SALES OFFICE
- Wafer Fab BCD Semiconductor Manufacturing Limited Shanghai Design Group - IC SIM-BCD Semiconductor Manufacturing Co., Ltd. 800 Yi Shan Road, Shanghai 200233, China Corporation Advanced Analog Circuits (Shanghai) Tel: +86-21-6485 900, Yi Shan Road, Shanghai 200233, China 8F, Zone B, 1491, Fax: +86-21-5450 0008 Tel: +86-21-6495 9539, Fax: +86-21-6485 9673 USA Office BCD Semiconductor Corp. USA Office 30920 Huntwood Ave. Hayward, BCD Semiconductor Corporation CA 94544, USA 30920 Huntwood Ave. Hayward, Tel 94544, U.S.A CA : +1-510-324-2988 Fax: +1-510-324-2788 Tel : +1-510-324-2988 Fax: +1-510-324-2788
Taiwan Office Shanghai SIM-BCD Semiconductor Manufacturing Co., Ltd., Shenzhen Office BCD Taiwan Office (Taiwan) Company Limited Semiconductor Shenzhen Office Room E, SIM-BCD Semiconductor 3rd Fuzhong Road, Futian District, Shenzhen, 4F, 298-1, Rui Guang Road,(Taiwan) Company Limited Shanghai 5F, Noble Center, No.1006,Manufacturing Co., Ltd. Shenzhen Office BCD Semiconductor Nei-Hu District, Taipei, 518026, China Taiwan 298-1, Rui Guang Road, Nei-Hu District, Taipei, Advanced Analog Circuits (Shanghai) Corporation Shenzhen Office 4F, Tel: +86-755-8826 Center, Tel: Taiwan Room E, 5F, Noble 7951 No.1006, 3rd Fuzhong Road, Futian District, Shenzhen 518026, China +886-2-2656 2808 Fax:+86-755-8826 7951 +86-755-8826 7865 Fax: +886-2-2656 28062808 Tel: Tel: +886-2-2656 Fax: +86-755-8826 7865 Fax: +886-2-2656 2806


▲Up To Search▲   

 
Price & Availability of AS331KTR-G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X