![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APTC60DAM35T1G Boost chopper Super Junction MOSFET Power Module 5 6 11 VDSS = 600V RDSon = 35m max @ Tj = 25C ID = 72A @ Tc = 25C Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features * - Ultra low RDSon - Low Miller capacitance - Ultra low gate charge - Avalanche energy rated - Very rugged Very low stray inductance Internal thermistor for temperature monitoring High level of integration CR1 3 4 NTC Q2 9 10 1 2 12 * * * Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * RoHS Compliant Pins 1/2 ; 3/4 ; 5/6 must be shorted together Absolute maximum ratings Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C Max ratings 600 72 54 200 20 35 416 20 1 1800 Unit V A V m W A mJ August, 2007 1-6 APTC60DAM35T1G - Rev 0 Tc = 25C These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com www.microsemi.com APTC60DAM35T1G All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V,VDS = 600V VGS = 0V,VDS = 600V Min Tj = 25C Tj = 125C 2.1 Typ VGS = 10V, ID = 72A VGS = VDS, ID = 5.4mA VGS = 20 V, VDS = 0V 3 Max 40 375 35 3.9 150 Unit A m V nA Dynamic Characteristics Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 300V ID = 72A Inductive Switching @ 125C VGS = 15V VBus = 400V ID = 72A RG = 2.5 Inductive switching @ 25C VGS = 15V, VBus = 400V ID = 72A, RG = 2.5 Inductive switching @ 125C VGS = 15V, VBus = 400V ID = 72A, RG = 2.5 Min Typ 14 5.13 0.42 518 58 222 21 30 283 84 1340 1960 2192 2412 J J ns nC Max Unit nF Chopper diode ratings and characteristics Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IF = 60A IF = 120A IF = 60A IF = 60A VR = 400V Test Conditions VR=600V Tj = 25C Tj = 125C Tc = 90C Min 600 Typ Max 25 500 60 1.7 2 1.4 70 140 100 690 2.3 V ns nC August, 2007 2-6 APTC60DAM35T1G - Rev 0 Unit V A A Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C di/dt =200A/s www.microsemi.com APTC60DAM35T1G Thermal and package characteristics Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight Transistor Diode 2500 -40 -40 -40 2.5 Min Typ Max 0.3 0.85 150 125 100 4.7 80 Unit C/W V C N.m g RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz To heatsink M4 Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information). Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K RT = R25 T: Thermistor temperature 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25 Min Typ 50 3952 Max Unit k K SP1 Package outline (dimensions in mm) See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com www.microsemi.com 3-6 APTC60DAM35T1G - Rev 0 August, 2007 APTC60DAM35T1G Typical Performance Curve 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 0 0.00001 rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 400 360 320 280 240 200 160 120 80 40 0 0 280 VGS=15&10V 6.5V 6V 5.5V 5V 4.5V 4V Transfert Characteristics 240 200 160 120 80 40 0 0 TJ=125C TJ=25C VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle ID, Drain Current (A) 5 10 15 20 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current 25 ID, Drain Current (A) 1 2 3 4 5 6 VGS, Gate to Source Voltage (V) 7 RDS(on) Drain to Source ON Resistance 1.1 1.05 1 0.95 0.9 0 20 40 60 80 100 120 ID, Drain Current (A) ID, DC Drain Current (A) Normalized to VGS=10V @ 36A VGS=10V DC Drain Current vs Case Temperature 80 70 60 50 40 30 20 10 0 25 50 75 100 125 TC, Case Temperature (C) 150 August, 2007 4-6 APTC60DAM35T1G - Rev 0 VGS=20V www.microsemi.com APTC60DAM35T1G RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.2 1.1 1.0 0.9 0.8 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.1 VGS(TH), Threshold Voltage (Normalized) 1.0 0.9 0.8 0.7 0.6 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage 100000 Ciss C, Capacitance (pF) 10000 Coss 1000 ID, Drain Current (A) ON resistance vs Temperature 3.0 2.5 2.0 1.5 1.0 0.5 0.0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area VGS=10V ID= 72A 100 limited by RDSon 100 s 10 Single pulse TJ=150C TC=25C 1 ms 10 ms 1 1 10 100 1000 VDS, Drain to Source Voltage (V) Gate Charge vs Gate to Source Voltage VGS, Gate to Source Voltage (V) 14 12 10 8 6 4 2 0 0 100 August, 2007 5-6 APTC60DAM35T1G - Rev 0 ID=72A TJ=25C VDS=120V VDS=300V VDS=480V 1000 Crss 100 10 0 10 20 30 40 50 VDS, Drain to Source Voltage (V) 200 300 400 Gate Charge (nC) 500 600 www.microsemi.com APTC60DAM35T1G 350 300 td(on) and td(off) (ns) Delay Times vs Current 120 td(off) Rise and Fall times vs Current VDS=400V RG=2.5 TJ=125C L=100H 100 tr and tf (ns) 80 60 40 20 0 250 200 150 100 50 0 0 20 40 60 80 100 120 ID, Drain Current (A) Switching Energy vs Current 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 VDS=400V RG=2.5 TJ=125C L=100H td(on) VDS=400V RG=2.5 TJ=125C L=100H tf tr 0 20 40 60 80 100 120 ID, Drain Current (A) Switching Energy vs Gate Resistance 10 Switching Energy (mJ) 8 6 4 2 0 VDS=400V ID=72A TJ=125C L=100H Switching Energy (mJ) Eoff Eon Eoff Eon 20 40 60 80 100 ID, Drain Current (A) 120 0 5 10 15 20 25 Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000 TJ=150C Operating Frequency vs Drain Current 140 120 Frequency (kHz) 100 80 60 40 20 0 15 20 25 30 35 40 45 50 55 60 65 ID, Drain Current (A) VDS=400V D=50% RG=2.5 TJ=125C TC=75C ZCS ZVS IDR, Reverse Drain Current (A) 100 TJ=25C 10 hard switching 1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 August, 2007 APTC60DAM35T1G - Rev 0 VSD, Source to Drain Voltage (V) "COOLMOSTM comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trademark of Infineon Technologies AG". Microsemi reserves the right to change, without notice, the specifications and information contained herein Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved. www.microsemi.com 6-6 |
Price & Availability of APTC60DAM35T1G
![]() |