|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APTC60DAM24CT1G Boost chopper Super Junction MOSFET Power Module 5 6 11 VDSS = 600V RDSon = 24m max @ Tj = 25C ID = 95A @ Tc = 25C Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features * CR1 3 4 NTC Q2 9 10 1 2 * * * * Ultra low RDSon Low Miller capacitance Ultra low gate charge Avalanche energy rated Very rugged 12 CR1 SiC Schottky Diode Zero reverse recovery Zero forward recovery Temperature Independent switching behavior Positive temperature coefficient on VF Very low stray inductance Internal thermistor for temperature monitoring High level of integration Pins 1/2 ; 3/4 ; 5/6 must be shorted together Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * RoHS Compliant Max ratings 600 95 70 260 20 24 462 15 3 1900 Unit V January, 2008 1-7 APTC60DAM24CT1G - Rev 0 Absolute maximum ratings Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C A V m W A mJ Tc = 25C These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com www.microsemi.com APTC60DAM24CT1G All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V,VDS = 600V VGS = 0V,VDS = 600V Min Tj = 25C Tj = 125C 2.1 Typ VGS = 10V, ID = 47.5A VGS = VDS, ID = 5mA VGS = 20 V, VDS = 0V 3 Max 350 600 24 3.9 200 Unit A m V nA Dynamic Characteristics Symbol Characteristic Ciss Input Capacitance Coss Output Capacitance Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGS = 0V ; VDS = 25V f = 1MHz VGS = 10V VBus = 300V ID = 95A Inductive Switching (125C) VGS = 10V VBus = 400V ID = 95A RG = 2.5 Inductive switching @ 25C VGS = 10V ; VBus = 400V ID = 95A ; RG = 2.5 Inductive switching @ 125C VGS = 10V ; VBus = 400V ID = 95A ; RG = 2.5 Min Typ 14.4 17 300 68 102 21 30 100 45 810 1040 1320 1270 J ns nC Max Unit nF J CR1 SiC diode ratings and characteristics Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF QC C Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Total Capacitive Charge Total Capacitance IF = 40A Test Conditions VR=600V Tj = 25C Tj = 175C Tc = 100C Tj = 25C Tj = 175C Min 600 Typ 200 400 40 1.6 2.0 56 260 200 Max 800 4000 1.8 2.4 Unit V A A V nC pF January, 2008 2-7 APTC60DAM24CT1G - Rev 0 IF = 40A, VR = 300V di/dt =1200A/s f = 1MHz, VR = 200V f = 1MHz, VR = 400V www.microsemi.com APTC60DAM24CT1G Thermal and package characteristics Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight Transistor SiC Diode 2500 -40 -40 -40 2.5 Min Typ Max 0.27 0.8 150 125 100 4.7 80 Unit C/W V C N.m g RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz To heatsink M4 Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information). Symbol R25 R25/R25 B25/85 B/B Characteristic Resistance @ 25C T25 = 298.15 K TC=100C RT = R25 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25 T: Thermistor temperature Min Typ 50 5 3952 4 Max Unit k % K % SP1 Package outline (dimensions in mm) See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com www.microsemi.com 3-7 APTC60DAM24CT1G - Rev 0 January, 2008 APTC60DAM24CT1G Typical CoolMOS Performance Curve 0.3 Thermal Impedance (C/W) 0.25 0.2 0.15 0.1 0.05 Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10 0 0.00001 rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 720 640 ID, Drain Current (A) 560 480 400 320 240 160 80 0 0 5 10 15 20 25 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current 1.3 ID, DC Drain Current (A) 1.25 1.2 1.15 1.1 1.05 1 0.95 0.9 0 40 80 120 160 200 240 280 ID, Drain Current (A) VGS=20V Normalized to VGS=10V @ 95A VGS=10V 5V 4.5V 4V VGS=15&10V Transfert Characteristics 280 ID, Drain Current (A) 240 200 160 120 80 40 0 0 1 2 3 4 5 6 VGS, Gate to Source Voltage (V) 7 TJ=125C TJ=25C VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle 6.5V 6V 5.5V RDS(on) Drain to Source ON Resistance DC Drain Current vs Case Temperature 100 80 60 40 20 0 25 50 75 100 125 TC, Case Temperature (C) 150 www.microsemi.com 4-7 APTC60DAM24CT1G - Rev 0 January, 2008 APTC60DAM24CT1G RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.2 1.1 1.0 0.9 0.8 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.1 VGS(TH), Threshold Voltage (Normalized) 1.0 0.9 0.8 0.7 0.6 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage 1000000 C, Capacitance (pF) 100000 10000 1000 100 10 0 10 20 30 40 50 VDS, Drain to Source Voltage (V) Crss Coss Ciss 1000 ID, Drain Current (A) ON resistance vs Temperature 3.0 2.5 2.0 1.5 1.0 0.5 0.0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area VGS=10V ID= 95A 100 limited by RDSon 100 s 10 Single pulse TJ=150C TC=25C 1 ms 10 ms 1 1 10 100 1000 VDS, Drain to Source Voltage (V) Gate Charge vs Gate to Source Voltage VGS, Gate to Source Voltage (V) 12 10 8 6 4 2 0 0 40 January, 2008 5-7 APTC60DAM24CT1G - Rev 0 VDS=480V ID=95A TJ=25C VDS=120V VDS=300V 80 120 160 200 240 280 320 Gate Charge (nC) www.microsemi.com APTC60DAM24CT1G 140 120 td(on) and td(off) (ns) Delay Times vs Current 70 60 td(off) VDS=400V RG=2.5 TJ=125C L=100H td(on) VDS=400V RG=2.5 TJ=125C L=100H Rise and Fall times vs Current 100 80 60 40 20 0 0 tr and tf (ns) 50 40 30 20 10 0 tf tr 20 40 60 80 100 120 140 160 ID, Drain Current (A) Switching Energy vs Current 0 20 40 60 80 100 120 140 160 ID, Drain Current (A) Switching Energy vs Gate Resistance 5 Switching Energy (mJ) VDS=400V ID=95A TJ=125C L=100H 3 Switching Energy (mJ) 2.5 2 1.5 1 0.5 0 0 VDS=400V RG=2.5 TJ=125C L=100H Eoff 4 3 2 1 0 Eoff Eon Eon 20 40 60 80 100 120 140 160 ID, Drain Current (A) 0 5 10 15 20 25 Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000 TJ=150C Operating Frequency vs Drain Current ZCS 250 Frequency (kHz) 200 150 100 50 0 10 20 ZVS VDS=400V D=50% RG=2.5 TJ=125C TC=75C IDR, Reverse Drain Current (A) 300 100 TJ=25C hard switching 10 30 40 50 60 70 80 90 1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 January, 2008 6-7 APTC60DAM24CT1G - Rev 0 ID, Drain Current (A) VSD, Source to Drain Voltage (V) www.microsemi.com APTC60DAM24CT1G Typical CR1 SiC Diode Performance Curve Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.9 Thermal Impedance (C/W) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.7 0.5 0.3 0.1 0.05 Single Pulse 0.9 0 0.00001 0.0001 0.001 0.01 0.1 1 10 Rectangular Pulse Duration (Seconds) Forward Characteristics TJ=25C Reverse Characteristics 800 IR Reverse Current (A) 700 600 500 400 300 200 100 0 200 300 400 500 600 700 800 TJ=25C TJ=125C TJ=75C TJ=175C 80 IF Forward Current (A) 60 40 20 0 0 0.5 TJ=75C TJ=175C TJ=125C 1 1.5 2 2.5 3 3.5 VF Forward Voltage (V) Capacitance vs.Reverse Voltage VR Reverse Voltage (V) 1600 1400 C, Capacitance (pF) 1200 1000 800 600 400 200 1 10 100 VR Reverse Voltage 1000 January, 2008 7-7 APTC60DAM24CT1G - Rev 0 0 "COOLMOSTM comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trademark of Infineon Technologies AG". Microsemi reserves the right to change, without notice, the specifications and information contained herein Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved. www.microsemi.com |
Price & Availability of APTC60DAM24CT1G |