Part Number Hot Search : 
2SK3287 SY10E164 NDUA116T 29LV650 CXA3010 BA6446FM RT8802A 1N4757AP
Product Description
Full Text Search
 

To Download APTC60AM35T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTC60AM35T1G
Phase leg Super Junction MOSFET Power Module
5 Q1 7 8 Q2 9 10 3 4 NTC 6 11
VDSS = 600V RDSon = 35m max @ Tj = 25C ID = 72A @ Tc = 25C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * - Ultra low RDSon - Low Miller capacitance - Ultra low gate charge - Avalanche energy rated - Very rugged Very low stray inductance - Symmetrical design Internal thermistor for temperature monitoring High level of integration
*
1 2 12
* *
Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * RoHS Compliant Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C Max ratings 600 72 54 200 20 35 416 20 1 1800 Unit V A V m W A mJ
August, 2007 1-6 APTC60AM35T1G - Rev 0
Tc = 25C
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTC60AM35T1G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions
VGS = 0V,VDS = 600V VGS = 0V,VDS = 600V
Min Tj = 25C Tj = 125C 2.1
Typ
VGS = 10V, ID = 72A VGS = VDS, ID = 5.4mA VGS = 20 V, VDS = 0V
3
Max 40 375 35 3.9 150
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 300V ID = 72A Inductive Switching @ 125C VGS = 15V VBus = 400V ID = 72A RG = 2.5 Inductive switching @ 25C VGS = 15V, VBus = 400V ID = 72A, RG = 2.5 Inductive switching @ 125C VGS = 15V, VBus = 400V ID = 72A, RG = 2.5 Min Typ 14 5.13 0.42 518 58 222 21 30 283 84 1340 1960 2192 2412 J J ns nC Max Unit nF
Source - Drain diode ratings and characteristics
Symbol Characteristic IS Continuous Source current (Body diode) VSD Diode Forward Voltage dv/dt Peak Diode Recovery trr Qrr Reverse Recovery Time Reverse Recovery Charge Test Conditions Tc = 25C Tc = 80C VGS = 0V, IS = - 72A IS = - 72A VR = 350V diS/dt = 200A/s Tj = 25C Tj = 25C 580 46 Min Typ 72 54 Max Unit A 1.2 6 V V/ns ns
August, 2007 2-6 APTC60AM35T1G - Rev 0
C
dv/dt numbers reflect the limitations of the circuit rather than the device itself. di/dt 200A/s VR VDSS Tj 150C IS - 72A
www.microsemi.com
APTC60AM35T1G
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 2.5
Typ
Max 0.3 150 125 100 4.7 80
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To heatsink
M4
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K
RT = R25 T: Thermistor temperature 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25
Min
Typ 50 3952
Max
Unit k K
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
www.microsemi.com
3-6
APTC60AM35T1G - Rev 0
August, 2007
APTC60AM35T1G
Typical Performance Curve
0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 1 10
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 400 360 320 280 240 200 160 120 80 40 0 0 280
VGS=15&10V 6.5V 6V 5.5V 5V 4.5V 4V
Transfert Characteristics 240 200 160 120 80 40 0 0
TJ=125C TJ=25C VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
ID, Drain Current (A)
5 10 15 20 VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current
25
ID, Drain Current (A)
1 2 3 4 5 6 VGS, Gate to Source Voltage (V)
7
RDS(on) Drain to Source ON Resistance
1.1 1.05 1 0.95 0.9 0 20 40 60 80 100 120 ID, Drain Current (A) ID, DC Drain Current (A)
Normalized to VGS=10V @ 36A VGS=10V
DC Drain Current vs Case Temperature 80 70 60 50 40 30 20 10 0
August, 2007 4-6 APTC60AM35T1G - Rev 0
VGS=20V
25
50 75 100 125 TC, Case Temperature (C)
150
www.microsemi.com
APTC60AM35T1G
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.2 1.1 1.0 0.9 0.8 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.1 VGS(TH), Threshold Voltage (Normalized) 1.0 0.9 0.8 0.7 0.6 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage 100000 Ciss C, Capacitance (pF) 10000 Coss 1000 ID, Drain Current (A) ON resistance vs Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 25 50 75 100 125 150 TJ, Junction Temperature (C)
Maximum Safe Operating Area
VGS=10V ID= 72A
100
limited by RDSon
100 s
10
Single pulse TJ=150C TC=25C
1 ms 10 ms
1 1 10 100 1000 VDS, Drain to Source Voltage (V) Gate Charge vs Gate to Source Voltage VGS, Gate to Source Voltage (V) 14 12 10 8 6 4 2 0 0 100 200 300 400 Gate Charge (nC) 500 600
August, 2007 5-6 APTC60AM35T1G - Rev 0
ID=72A TJ=25C
VDS=120V VDS=300V VDS=480V
1000 Crss 100
10 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
www.microsemi.com
APTC60AM35T1G
350 300
td(on) and td(off) (ns) Delay Times vs Current 120
td(off)
Rise and Fall times vs Current
VDS=400V RG=2.5 TJ=125C L=100H
100 tr and tf (ns) 80 60 40 20 0
250 200 150 100 50 0 0 20 40 60 80 100 120
ID, Drain Current (A) Switching Energy vs Current 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0
VDS=400V RG=2.5 TJ=125C L=100H td(on) VDS=400V RG=2.5 TJ=125C L=100H
tf
tr
0
20
40
60
80
100
120
ID, Drain Current (A) Switching Energy vs Gate Resistance 10 Switching Energy (mJ) 8 6 4 2 0
VDS=400V ID=72A TJ=125C L=100H
Switching Energy (mJ)
Eoff Eon
Eoff
Eon
20
40 60 80 100 ID, Drain Current (A)
120
0
5
10
15
20
25
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000
TJ=150C
Operating Frequency vs Drain Current 140 120 Frequency (kHz) 100 80 60 40 20 0 15 20 25 30 35 40 45 50 55 60 65 ID, Drain Current (A)
VDS=400V D=50% RG=2.5 TJ=125C TC=75C ZCS ZVS
IDR, Reverse Drain Current (A)
100
TJ=25C
10
hard switching
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
August, 2007 APTC60AM35T1G - Rev 0
VSD, Source to Drain Voltage (V)
"COOLMOSTM comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trademark of Infineon Technologies AG". Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6


▲Up To Search▲   

 
Price & Availability of APTC60AM35T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X