Part Number Hot Search : 
AM27S45A 1621B 73K222AU 793800 793800 SZ4527 279RM1 TC264
Product Description
Full Text Search
 

To Download APC-7100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APC-7100(AMB-2000)
Open Frame Structure with IP-65 certified aluminum-front panel (optional)
Industrial Computing Platform Partner
AMD GeodeTM CPU based Fanless Industrial Robust Panel PC with 10.4" TFT LCD
Features
10.4" VGA (640 x 480) Color TFT LCD Onboard AMD GeodeTM 300MHz CPU System Memory Up to 256MB SDRAM Anti-vibration Disk Drive Bay for 2.5" Hard Disk Drive Type II CompactFlash Socket
LCD on/off
Specifications
System Power connector Power on/off Processor Memory LCD/CRT Controller CompactFlashTM socket Onboard AMD GeodeTM 300MHz CPU Supports up to 256MB SDRAM AMD CX5530 VGA controller UMA supports up to 2.5MB display memory CRT & LCD panel support Realtek RTL8100BL, 10/100 Base-TX RJ-45 connector x 1 4 serial ports: 3 x RS-232, 1 x RS-232/422/485 (COM 4 is reserved for TouchScreen) 1 parallel port (supports ECP/EPP) 1 PS/2 mouse port 1 PS/2 keyboard port Mic-in, Line-in, Line-out Anti-vibration 2.5" Hard Disk Drive, Type II CompactFlash slot Dual USB ports MS DOS, Windows(R) 98SE, Windows(R) NT4.0
Ethernet I/O Port
Storage Disk Drive USB Connector OS Support Mechanical Construction Front Panel Color Mounting
Heavy-duty steel chassis IP-65 certified aluminum front panel (optional) RAL 7035 Panelmount, Rearmount, VESA 75/100 mm holes Optional: Wallmount kit, Swivel ARM, Rotatable mounting mechanism 12.8" (W) x 10" (H) x 4.3" (D) (326mm x 251mm x 109.7mm) With bezel: 13.5" (W) x 10.5" (H) x 4.6" (D) (342mm x 267mm x 115.7mm) 18.1" (W) x 15" (H) x 11.9" (D) (460mm x 380mm x 301mm) 23.4 lb (10.6 Kg) With bezel: 24.7 lb (11.2 Kg)
10/100 Base-TX Ethernet connector
Dimension
Carton Dimension Gross Weight USB ports Environmental Operating Temperature Storage Temperature PS/2 Mouse Parallel port PS/2 Keyboard COM ports Operating Humidity Vibration Shock EMC
32F~104F (0C to 40C) -4F~140F (-20C to 60C) 10% to 90%@40C, non-condensing 1G / 5 ~ 500Hz / operation 15G peak acceleration (11 msec. duration) CE/FCC Class A
04-9 Note: All specifications are subject to change without notice.
Industrial Computing Platform Partner
01
Medical Station Solutions - ONYX Series
Dimension
Unit: mm
306 298
Cut Size: 309 x 231 mm LCD Cutout: 216 x163 mm
02
Medical Display Solutions - ONYX Series
342 6 30 109.7
216
03
Operator Panel Solutions - OMNI Series
04
73 170 326 73
Robust Panel PC Solutions
05
Embedded Controller Boxer S Series
PowerSupply AC Input 70W (standard) 24V DC Input 72W Input: 85V AC ~ 270V AC @ 47 ~ 63Hz Output: +5V@10A, +12V@1.5A, -12V@0.3A Input: 10V DC ~ 30V DC @ 13A max Output: +5V@10A, +12V@1.5A, -12V@0.3A LCD Display Type Max. Resolution Max. Colors Dot Size Luminance Viewing Angle Back Light MTBF TouchScreen (optional) Type Resolution Light Transmission Lifetime OS Support 8-wire, Analog Resistive 2048 x 2048 76% 2 1 million activations MS DOS, Windows(R) 98SE, Windows(R) NT 4.0 10.4" color TFT LCD 640 x 480 256K 0.33mm x 0.33mm 250 cd/m2 (TYP.) 80(H) / 45(V) 30,000 hrs
Ordering Information
* AMB-2000HT-E1 * AMB-2000HT-E2
10.4" TFT, SBC with AMD GeodeTM 300MHz CPU, AC Power Supply 10.4" TFT, SBC with AMD GeodeTM 300MHz CPU, 24V DC Power Supply AMB-2000HT-E1 with Resistive TouchScreen AMB-2000HT-E2 with Resistive TouchScreen
06
Embedded Controller - BOXER Series
* AMB-2000HTT-E1 * AMB-2000HTT-E2
07
Industrial Monitor Solutions
Optional Accessories
* M14PC10000 * ARM-LA0115
Aluminum Front Bezel for APC-7100 Swivel Arm with VESA 75/100mm Standards Wallmount Kit with VESA 75/100mm Standards Rotatable Mounting Mechanism for APC-7100 & APC-7102 Series
08
Sun-readable & Vhicle LCD Monitors
* ARM-WK075-0 * ARM-MK10-0
09
Industrial Workstation Solutions
* 2.5"HardDiskDrive
10
Common Accessories
www.aaeon.com
04-10


▲Up To Search▲   

 
Price & Availability of APC-7100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X