Part Number Hot Search : 
9318M8 CMX868 D592A 104MPW4 CMX868 BC547C 5KE18CA 284884
Product Description
Full Text Search
 

To Download ADAM-3909 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCM-3712 PCM-3718H/HG/HO PCM-3724
2-ch, 12-bit Analog Output PC/104 Module 100KS/s, 12-bit, 16-ch PC/104 Multifunction Module 48-ch Digital I/O PC/104 Module
PCM-3712
PCM-3718H/HG/HO
PCM-3724
Features
Good selection of output ranges, including current loop, unipolar and bipolar.
Specifications
Analog Input
Channels 16 single-ended, or 8 differential inputs Resolution 12 bits Max. Sampling Rate 100 kHZ* (DMA transfer) *80 kHz on P4-based (or upper) system. Input Impedance 10 M Sampling Modes Software, pacer or ext. Input Range 80 kHz on P4-based (or upper) system. 10, 5, 2.5, 1.25, 0.625 0 ~ 10, 0 ~ 5, 0 ~ 2.5, 0 ~ 1.25 10, 5, 1, 0.5, 0.1, 0.05, 0.01, 0.005 0 ~ 10, 0 ~ 1, 0 ~ 0.1, 0 ~ 0.01 1 (12 bits) Static update Unipolar (V) 0 ~ 5, 0 ~ 10 0 ~10, 0 ~ -10 10 V/s 10 mA 0.1 max. Relative: 1 LSB 16, 5V/TTL Logic 0: 0.8 V max. Logic 1: 2.0 V min.
Features
Output status read back Channels simulate 8255 PPI mode 0 Interrupt triggering, rising/falling edge
Specifications
Analog Output
Channels Resolution Output Rate Output Range Unipolar (V) Internal Reference Bipolar (V) Current Loop External Reference Slew Rate Driving Capability Output Impedance Accuracy Relative: Differential Non-Linearity 2 12 bits Static update 0 ~ 5, 0 ~ 10 2.5, 5, 10 4 ~ 20 mA 10 V 0.3 V/s typ. (Voltage) 1.2 mA/s (Current) 5 mA 0.1 max./0.02 typ. 1 LSB 1/2 LSB PC/104 1 x 10-pin box header 96 x 90 mm (3.8"x 3.5") 5 V @ 700 mA max. 0 ~ 60 C (32 ~ 140 F) -20 ~ 85 C (-4 ~185 F) 0 ~ 90% RH, noncondensing
Specifications
Digital Input
Channels Compatibility Input Voltage Interrupt Capable Ch. 48 (shared with output) 5 V/TTL Logic 0: 0.8 V max. Logic 1: 2.0 V min. 1
PCM-3718H and PCM-3718HO
Bipolar Unipolar Bipolar
PCM-3718HG
Unipolar Channels Output Rate Output Range
Digital Output
Channels 48 (shared with input) Compatibility 5 V/TTL Output Voltage Logic 0: 0.5 V max. @ 6 mA (sink) Logic 1: 2.0 V min. @ -6 mA (source)
Analog Output (PCM-3718HO only)
Internal Reference External Reference (V) Slew Rate Driving Capability Output Impedance Accuracy
General
Bus Type I/O Connectors Dimensions (L x H) Power Consumption Operating Temperature Storing Temperature PC/104 2 x 50-pin box header 96 x 90 mm (3.8"x 3.5") 5 V @ 90 mA 0 ~ 60 C (32 ~ 140 F) -40 ~ 85 C (-40 ~185 F) 0 ~ 90% RH, non-condensing
General
Bus Type I/O Connectors Dimensions (L x H) Power Consumption Operating Temperature Storing Temperature Storing Humidity
Digital Input/Output
Channels Input Voltage
Output Voltage Logic 0: 0.33 V max. @ 6 mA (sink) Logic 1: 3.84 V min. @ 6 mA (source)
Storing Humidity
General

Bus Type I/O Connectors Dimensions (L x H) Power Consumption
Ordering Information
PCM-3712 2-ch Analog Output Module (18 cm flat cable 10-pin to DB9-F included) DB9 cable wiring for DIN-rail mounting
Operating Temperature Storing Temperature
PC/104 2 x 20-pin box header 96 x 90 mm (3.8" x 3.5") Typical: 5 V @ 180 mA Max.: 5 V @ 400 mA 0 ~ 60 C (32 ~ 140 F) -40 ~ 85C (-40 ~ 185 F)
Ordering Information
PCM-3724 ADAM-3950 48-ch DI/O Module (cable not included) 50-pin flat cable wiring terminal for DIN-Rail mounting 24-ch Relay Output Board 24-ch Opto-isolated DI Board 50-pin flat cable, 1.2 m
Ordering Information
PCM-3718H PCM-3718HG PCM-3718HO ADAM-3920 PCLD-780 PCL-10120-1 PCL-10120-2 12-bit Multifunction Module w/Programmable Gain (cable not included) PCM-3718H w/high gain PCM-3718H w/AO 20-pin flat cable wiring terminal for DIN-Rail Screw-terminal board for 20-pin flat cable 20-pin flat cable, 1 m 20-pin flat cable, 2 m
PCLD-785B PCLD-782B PCL-10150-1.2
ADAM-3909
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of ADAM-3909

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X