Part Number Hot Search : 
LA4041 IRF822 C1102 KDV143F KDV143F MP6TP 08775 2SD2170
Product Description
Full Text Search
 

To Download ADAM-3011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADAM-3011 ADAM-3013 ADAM-3014
Isolated Thermocouple Input Module Isolated RTD Input Module Isolated DC Input/Output Module
ADAM-3011
ADAM-3013
ADAM-3014
Specifications
Thermocouple Input
Common Mode Rejection Input Type
T/C type J K T E S R B
Specifications
RTD Input
Accuracy 0.1% of full range (voltage) or +/- 0.15 C (voltage) 0.2% of full range (current) 4 Hz 92 dB min. 2, 3 or 4 wires
Temperature Range ( C) -100 ~ 100 0 ~ 100 0 ~ 200 0 ~ 600 -100 ~ 0 -100 ~ 200 -50 ~ 50 -50 ~ 150 -100 ~ 100 0 ~ 100 0 ~ 200 0 ~ 600 0 ~ 100 -80 ~ 100
Specifications
I/O
Accuracy Common Mode Rejection Current Input Current Output Stability (Temperature Drift) Voltage Input 0.1% of full range (typical) > 100 dB @ 50 Hz/60 Hz Bipolar: 20 mA Unipolar: 0 ~ 20 mA Input impedance: 250 0 ~ 20 mA 150 ppm (typical) Bipolar input: 10 mV, 50 mV, 100 mV, 0.5 V, 1.0 V, 5 V, 10 V Unipolar input: 0 ~ 10 mV, 0 ~ 50 mV, 0 ~ 100 mV, 0 ~ 0.5 V, 0 ~ 1 V, 0 ~ 5 V, 0 ~ 10 V Input impedance: 2 M Input bandwidth: 2.4 kHz (typical) Bipolar: 5 V, 10 V Unipolar: 0 ~ 10 V Impedance: < 50 Drive: 10 mA max. CE, FM Screw terminal ABS Power LED indicator 1,000 VDC 0.85 W (voltage output) 1.2 W (current output) 24 VDC 10% -10 ~ 70 C (14 ~ 158 F) -25 ~ 85 C (-13 ~ 185 F)
115 dB min
Temperature Range ( C) -40 ~ 760 0 ~ 1,000 -100 ~ 400 0 ~ 1,000 500 ~ 1,750 500 ~ 1,750 500 ~ 1,800
Accuracy at 25 C ( C) 2 2 2 2 4 4 4

Bandwidth Input CMR at DC Input Connections Input Type
RTD type Pt Pt Pt Pt Pt Pt Pt Pt Pt Pt Pt Pt Ni Ni 0.00385 0.00385 0.00385 0.00385 0.00385 0.00385 0.00385 0.00385 0.00392 0.00392 0.00392 0.00392 N/A N/A
Isolation (Three-way) Output Impedance Stability (Temperature Drift) Voltage Output
1,000 VDC 0.5 2 C 0 ~ 10 V
General
Certifications Connectors Enclosure Indicators Isolation Power Consumption Power Input Operating Temperature Storage Temperature CE, FM Screw terminal ABS Power LED indicator 1,000 VDC 1.4 W +24 VDC 10% 0 ~ 50 C (32 ~ 122 F) -25 ~ 85 C (-13 ~ 185 F)
Voltage Output
Output Range Output Resistance Temperature Drift
0 ~ 5 V, 0 ~ 10 V, 0 ~ 20 mA <5 30 ppm of full range
General
Certifications Connectors Enclosure Indicators Isolation (Three-way) Power Consumption Power Input Operating Temperature Storage Temperature
General
Certifications CE, FM Connectors Screw terminal Enclosure ABS Indicators Power LED indicator Isolation 1,000 VDC Power Consumption < 0.95 W Power Input 24 VDC 10% Operating 0 ~ 70 C (32 ~ 158 F) Temperature Storage Temperature -25 ~ 85 C (-13 ~ 185 F)
Ordering Information
ADAM-3011 Isolated Thermocouple Input Module
Ordering Information
ADAM-3013 Isolated RTD Input Module
Ordering Information
ADAM-3014 Isolated DC Input/Output Module
Signal Conditioning Modules and Terminal Boards


▲Up To Search▲   

 
Price & Availability of ADAM-3011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X